Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADL5350ACPZ-WP Datasheet(PDF) 9 Page - Analog Devices

Part # ADL5350ACPZ-WP
Description  LF to 4 GHz High Linearity Y-Mixer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5350ACPZ-WP Datasheet(HTML) 9 Page - Analog Devices

Back Button ADL5350ACPZ-WP Datasheet HTML 5Page - Analog Devices ADL5350ACPZ-WP Datasheet HTML 6Page - Analog Devices ADL5350ACPZ-WP Datasheet HTML 7Page - Analog Devices ADL5350ACPZ-WP Datasheet HTML 8Page - Analog Devices ADL5350ACPZ-WP Datasheet HTML 9Page - Analog Devices ADL5350ACPZ-WP Datasheet HTML 10Page - Analog Devices ADL5350ACPZ-WP Datasheet HTML 11Page - Analog Devices ADL5350ACPZ-WP Datasheet HTML 12Page - Analog Devices ADL5350ACPZ-WP Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
ADL5350
Rev. 0 | Page 9 of 24
Supply voltage = 3 V, RF frequency = 850 MHz, IF frequency = 70 MHz, RF level = 0 dBm, LO level = 4 dBm, TA = 25°C, unless otherwise noted.
23
16
17
18
19
20
21
22
750
975
950
925
900
875
850
825
800
775
RF FREQUENCY (MHz)
–40°C
+25°C
+85°C
Figure 15. Input P1dB vs. RF Frequency
8
0
1
2
3
5
7
4
6
750
775
800
825
850
875
900
925
950
975
RF FREQUENCY (MHz)
Figure 16. Noise Figure vs. RF Frequency
22
8
10
12
14
16
18
20
IF FREQUENCY (MHz)
–40°C
+25°C
+85°C
25
50
75
100
125
150
175
200
225
250
Figure 17. Supply Current vs. IF Frequency
9
0
1
2
3
4
5
6
7
8
IF FREQUENCY (MHz)
+25°C
+85°C
25
50
75
100
125
150
175
200
225
250
–40°C
Figure 18. Conversion Loss vs. IF Frequency
28
22
23
24
25
26
27
IF FREQUENCY (MHz)
–40°C
25
50
75
100
125
150
175
200
225
250
+25°C
+85°C
Figure 19. Input IP3 vs. IF Frequency
23
22
21
20
19
18
17
16
IF FREQUENCY (MHz)
–40°C
+25°C
+85°C
25
50
75
100
125
150
175
200
225
250
Figure 20. Input P1dB vs. IF Frequency


Similar Part No. - ADL5350ACPZ-WP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5350ACPZ-WP AD-ADL5350ACPZ-WP Datasheet
262Kb / 24P
   LF to 4 GHz High Linearity Y-Mixer
Rev. PrC
ADL5350ACPZ-WP AD-ADL5350ACPZ-WP Datasheet
409Kb / 24P
   LF to 4 GHz High Linearity Y-Mixer
REV. 0
More results

Similar Description - ADL5350ACPZ-WP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5350 AD-ADL5350 Datasheet
262Kb / 24P
   LF to 4 GHz High Linearity Y-Mixer
Rev. PrC
ADL5350ACPZ AD-ADL5350ACPZ Datasheet
409Kb / 24P
   LF to 4 GHz High Linearity Y-Mixer
REV. 0
AD8342 AD-AD8342_15 Datasheet
818Kb / 24P
   Active Receive Mixer LF to 3 GHz
REV. B
logo
M/A-COM Technology Solu...
MAMX-011021 MA-COM-MAMX-011021 Datasheet
987Kb / 8P
   High Linearity Mixer
logo
Linear Technology
LT5579 LINER-LT5579 Datasheet
247Kb / 20P
   1.5GHz to 3.8GHz High Linearity Upconverting Mixer
LT5578 LINER-LT5578 Datasheet
212Kb / 16P
   0.4GHz to 2.7GHz High Linearity Upconverting Mixer
LT5520 LINER-LT5520 Datasheet
190Kb / 12P
   1.3GHz to 2.3GHz High Linearity Upconverting Mixer
LT5519 LINER-LT5519 Datasheet
215Kb / 12P
   0.7GHz to 1.4GHz High Linearity Upconverting Mixer
LT5579 LINER-LT5579_15 Datasheet
347Kb / 20P
   1.5GHz to 3.8GHz High Linearity Upconverting Mixer
LT5578 LINER-LT5578_15 Datasheet
217Kb / 16P
   0.4GHz to 2.7GHz High Linearity Upconverting Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com