Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2AGX95EF29I5N Datasheet(PDF) 75 Page - Altera Corporation

Part # EP2AGX95EF29I5N
Description  Arria II Device Handbook
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2AGX95EF29I5N Datasheet(HTML) 75 Page - Altera Corporation

Back Button EP2AGX95EF29I5N Datasheet HTML 71Page - Altera Corporation EP2AGX95EF29I5N Datasheet HTML 72Page - Altera Corporation EP2AGX95EF29I5N Datasheet HTML 73Page - Altera Corporation EP2AGX95EF29I5N Datasheet HTML 74Page - Altera Corporation EP2AGX95EF29I5N Datasheet HTML 75Page - Altera Corporation EP2AGX95EF29I5N Datasheet HTML 76Page - Altera Corporation EP2AGX95EF29I5N Datasheet HTML 77Page - Altera Corporation EP2AGX95EF29I5N Datasheet HTML 78Page - Altera Corporation EP2AGX95EF29I5N Datasheet HTML 79Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 90 page
background image
Chapter 1: Device Datasheet for Arria II Devices
1–67
Switching Characteristics
July 2012
Altera Corporation
Arria II Device Handbook Volume 3: Device Datasheet and Addendum
Figure 1–5 shows the LVDS soft-CDR/DPA sinusoidal jitter tolerance specification for
Arria II GZ devices at a data rate less than 1.25 Gbps and all the Arria II GX devices.
Table 1–55. DPA Lock Time Specifications for Arria II Devices (Note 1), (2), (3)
Standard
Training Pattern
Number of Data
Transitions in One
Repetition of the
Training Pattern
Number of
Repetitions per
256 Data
Transitions (4)
Maximum
SPI-4
00000000001111111111
2
128
640 data transitions
Parallel Rapid I/O
00001111
2
128
640 data transitions
10010000
4
64
640 data transitions
Miscellaneous
10101010
8
32
640 data transitions
01010101
8
32
640 data transitions
Notes to Table 1–55:
(1) The DPA lock time is for one channel.
(2) One data transition is defined as a 0-to-1 or 1-to-0 transition.
(3) The DPA lock time stated in the table applies to both commercial and industrial grade.
(4) This is the number of repetitions for the stated training pattern to achieve the 256 data transitions.
Figure 1–5. LVDS Soft-CDR/DPA Sinusoidal Jitter Tolerance Specification for All Arria II GX Devices and for Arria II GZ
Devices at a Data Rate less than 1.25 Gbps
0.1
P-P
baud/1667
20,000,000
Jitter Frequency (Hz)
Sinusoidal Jitter Amplitude (UI)
20db/dec


Similar Part No. - EP2AGX95EF29I5N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2AGX95EF29C6N ALTERA-EP2AGX95EF29C6N Datasheet
11Mb / 380P
   Device Interfaces and Integration
More results

Similar Description - EP2AGX95EF29I5N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2AGX45DF25I5 ALTERA-EP2AGX45DF25I5 Datasheet
1Mb / 90P
   Arria II Device Handbook
5AGXFB3H4F40C5N ALTERA-5AGXFB3H4F40C5N Datasheet
1Mb / 82P
   Arria V Device Handbook
MAX2 ALTERA-MAX2 Datasheet
2Mb / 297P
   MAX II Device Handbook
October 2008, version 2.1
EP2AGX260EF29C5N ALTERA-EP2AGX260EF29C5N Datasheet
801Kb / 78P
   Device Datasheet for Arria II Devices
EP2AGX125EF29I5N ALTERA-EP2AGX125EF29I5N Datasheet
801Kb / 78P
   Device Datasheet for Arria II Devices
EP2AGX260FF35I3N ALTERA-EP2AGX260FF35I3N Datasheet
801Kb / 28P
   Device Datasheet for Arria II Devices
EP2AGX260EF29I3N ALTERA-EP2AGX260EF29I3N Datasheet
820Kb / 78P
   Device Datasheet for Arria II Devices
EP2C5Q208I8N ALTERA-EP2C5Q208I8N Datasheet
5Mb / 470P
   Cyclone II Device Handbook, Volume 1
EP2C20F256C8N ALTERA-EP2C20F256C8N Datasheet
5Mb / 470P
   Cyclone II Device Handbook, Volume 1
EP2S180F1020C4 ALTERA-EP2S180F1020C4 Datasheet
5Mb / 768P
   Stratix II Device Handbook, Volume 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com