Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2AGX95EF29I5N Datasheet(PDF) 80 Page - Altera Corporation

Part # EP2AGX95EF29I5N
Description  Arria II Device Handbook
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2AGX95EF29I5N Datasheet(HTML) 80 Page - Altera Corporation

Back Button EP2AGX95EF29I5N Datasheet HTML 76Page - Altera Corporation EP2AGX95EF29I5N Datasheet HTML 77Page - Altera Corporation EP2AGX95EF29I5N Datasheet HTML 78Page - Altera Corporation EP2AGX95EF29I5N Datasheet HTML 79Page - Altera Corporation EP2AGX95EF29I5N Datasheet HTML 80Page - Altera Corporation EP2AGX95EF29I5N Datasheet HTML 81Page - Altera Corporation EP2AGX95EF29I5N Datasheet HTML 82Page - Altera Corporation EP2AGX95EF29I5N Datasheet HTML 83Page - Altera Corporation EP2AGX95EF29I5N Datasheet HTML 84Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 90 page
background image
1–72
Chapter 1: Device Datasheet for Arria II Devices
Switching Characteristics
Arria II Device Handbook Volume 3: Device Datasheet and Addendum
July 2012
Altera Corporation
IOE Programmable Delay
Table 1–66 lists the delay associated with each supported IOE programmable delay
chain for Arria II GX devices.
Table 1–67 lists the IOE programmable delay settings for Arria II GZ devices.
Table 1–66. IOE Programmable Delay for Arria II GX Devices
Parameter
Available
Settings
(1)
Minimum
Offset
(2)
Maximum Offset
Unit
Fast Model
Slow Model
I3
C4
I5
I3
C4
C5
I5
C6
Output
enable pin
delay
7
0
0.413
0.442
0.413
0.814
0.713
0.796
0.801
0.873
ns
Delay from
output
register to
output pin
7
0
0.339
0.362
0.339
0.671
0.585
0.654
0.661
0.722
ns
Input delay
from pin to
internal cell
52
0
1.494
1.607
1.494
2.895
2.520
2.733
2.775
2.944
ns
Input delay
from pin to
input register
52
0
1.493
1.607
1.493
2.896
2.503
2.732
2.774
2.944
ns
DQS bus to
input register
delay
4
0
0.074
0.076
0.074
0.140
0.124
0.147
0.147
0.167
ns
Notes to Table 1–66:
(1) The available setting for every delay chain starts with zero and ends with the specified maximum number of settings.
(2) The minimum offset represented in the table does not include intrinsic delay.
Table 1–67. IOE Programmable Delay for Arria II GZ Devices
Parameter
Available
Settings
(1)
Minimum
Offset (2)
Maximum Offset
Unit
Fast Model
Slow Model
Industrial
Commercial
C3
I3
C4
I4
D1
15
0
0.462
0.505
0.795
0.801
0.857
0.864
ns
D2
7
0
0.234
0.232
0.372
0.371
0.407
0.405
ns
D3
7
0
1.700
1.769
2.927
2.948
3.157
3.178
ns
D4
15
0
0.508
0.554
0.882
0.889
0.952
0.959
ns
D5
15
0
0.472
0.500
0.799
0.817
0.875
0.882
ns
D6
6
0
0.186
0.195
0.319
0.321
0.345
0.347
ns
Notes to Table 1–67:
(1) You can set this value in the Quartus II software by selecting D1, D2, D3, D4, D5, and D6 in the Assignment Name column.
(2) Minimum offset does not include the intrinsic delay.


Similar Part No. - EP2AGX95EF29I5N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2AGX95EF29C6N ALTERA-EP2AGX95EF29C6N Datasheet
11Mb / 380P
   Device Interfaces and Integration
More results

Similar Description - EP2AGX95EF29I5N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2AGX45DF25I5 ALTERA-EP2AGX45DF25I5 Datasheet
1Mb / 90P
   Arria II Device Handbook
5AGXFB3H4F40C5N ALTERA-5AGXFB3H4F40C5N Datasheet
1Mb / 82P
   Arria V Device Handbook
MAX2 ALTERA-MAX2 Datasheet
2Mb / 297P
   MAX II Device Handbook
October 2008, version 2.1
EP2AGX260EF29C5N ALTERA-EP2AGX260EF29C5N Datasheet
801Kb / 78P
   Device Datasheet for Arria II Devices
EP2AGX125EF29I5N ALTERA-EP2AGX125EF29I5N Datasheet
801Kb / 78P
   Device Datasheet for Arria II Devices
EP2AGX260FF35I3N ALTERA-EP2AGX260FF35I3N Datasheet
801Kb / 28P
   Device Datasheet for Arria II Devices
EP2AGX260EF29I3N ALTERA-EP2AGX260EF29I3N Datasheet
820Kb / 78P
   Device Datasheet for Arria II Devices
EP2C5Q208I8N ALTERA-EP2C5Q208I8N Datasheet
5Mb / 470P
   Cyclone II Device Handbook, Volume 1
EP2C20F256C8N ALTERA-EP2C20F256C8N Datasheet
5Mb / 470P
   Cyclone II Device Handbook, Volume 1
EP2S180F1020C4 ALTERA-EP2S180F1020C4 Datasheet
5Mb / 768P
   Stratix II Device Handbook, Volume 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com