Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2AGX95EF29I5N Datasheet(PDF) 82 Page - Altera Corporation

Part # EP2AGX95EF29I5N
Description  Arria II Device Handbook
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2AGX95EF29I5N Datasheet(HTML) 82 Page - Altera Corporation

Back Button EP2AGX95EF29I5N Datasheet HTML 78Page - Altera Corporation EP2AGX95EF29I5N Datasheet HTML 79Page - Altera Corporation EP2AGX95EF29I5N Datasheet HTML 80Page - Altera Corporation EP2AGX95EF29I5N Datasheet HTML 81Page - Altera Corporation EP2AGX95EF29I5N Datasheet HTML 82Page - Altera Corporation EP2AGX95EF29I5N Datasheet HTML 83Page - Altera Corporation EP2AGX95EF29I5N Datasheet HTML 84Page - Altera Corporation EP2AGX95EF29I5N Datasheet HTML 85Page - Altera Corporation EP2AGX95EF29I5N Datasheet HTML 86Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 90 page
background image
1–74
Chapter 1: Device Datasheet for Arria II Devices
Glossary
Arria II Device Handbook Volume 3: Device Datasheet and Addendum
July 2012
Altera Corporation
Glossary
Table 1–68 lists the glossary for this chapter.
Table 1–68. Glossary (Part 1 of 4)
Letter
Subject
Definitions
A,
B,
C,
D
Differential I/O
Standards
Receiver Input Waveforms
Transmitter Output Waveforms
E,
F
fHSCLK
Left/Right PLL input clock frequency.
fHSDR
High-speed I/O block: Maximum/minimum LVDS data transfer rate
(fHSDR = 1/TUI), non-DPA.
fHSDRDPA
High-speed I/O block: Maximum/minimum LVDS data transfer rate
(fHSDRDPA = 1/TUI), DPA.
Single-Ended Waveform
Differential Waveform
Positive Channel (p) = VIH
Negative Channel (n) = VIL
Ground
VID
VID
VID
p
− n = 0 V
VCM
Single-Ended Waveform
Differential Waveform
Positive Channel (p) = VOH
Negative Channel (n) = VOL
Ground
VOD
VOD
VOD
p
− n = 0 V
VCM


Similar Part No. - EP2AGX95EF29I5N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2AGX95EF29C6N ALTERA-EP2AGX95EF29C6N Datasheet
11Mb / 380P
   Device Interfaces and Integration
More results

Similar Description - EP2AGX95EF29I5N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2AGX45DF25I5 ALTERA-EP2AGX45DF25I5 Datasheet
1Mb / 90P
   Arria II Device Handbook
5AGXFB3H4F40C5N ALTERA-5AGXFB3H4F40C5N Datasheet
1Mb / 82P
   Arria V Device Handbook
MAX2 ALTERA-MAX2 Datasheet
2Mb / 297P
   MAX II Device Handbook
October 2008, version 2.1
EP2AGX260EF29C5N ALTERA-EP2AGX260EF29C5N Datasheet
801Kb / 78P
   Device Datasheet for Arria II Devices
EP2AGX125EF29I5N ALTERA-EP2AGX125EF29I5N Datasheet
801Kb / 78P
   Device Datasheet for Arria II Devices
EP2AGX260FF35I3N ALTERA-EP2AGX260FF35I3N Datasheet
801Kb / 28P
   Device Datasheet for Arria II Devices
EP2AGX260EF29I3N ALTERA-EP2AGX260EF29I3N Datasheet
820Kb / 78P
   Device Datasheet for Arria II Devices
EP2C5Q208I8N ALTERA-EP2C5Q208I8N Datasheet
5Mb / 470P
   Cyclone II Device Handbook, Volume 1
EP2C20F256C8N ALTERA-EP2C20F256C8N Datasheet
5Mb / 470P
   Cyclone II Device Handbook, Volume 1
EP2S180F1020C4 ALTERA-EP2S180F1020C4 Datasheet
5Mb / 768P
   Stratix II Device Handbook, Volume 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com