Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2AGX95EF29I5N Datasheet(PDF) 84 Page - Altera Corporation

Part # EP2AGX95EF29I5N
Description  Arria II Device Handbook
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2AGX95EF29I5N Datasheet(HTML) 84 Page - Altera Corporation

Back Button EP2AGX95EF29I5N Datasheet HTML 80Page - Altera Corporation EP2AGX95EF29I5N Datasheet HTML 81Page - Altera Corporation EP2AGX95EF29I5N Datasheet HTML 82Page - Altera Corporation EP2AGX95EF29I5N Datasheet HTML 83Page - Altera Corporation EP2AGX95EF29I5N Datasheet HTML 84Page - Altera Corporation EP2AGX95EF29I5N Datasheet HTML 85Page - Altera Corporation EP2AGX95EF29I5N Datasheet HTML 86Page - Altera Corporation EP2AGX95EF29I5N Datasheet HTML 87Page - Altera Corporation EP2AGX95EF29I5N Datasheet HTML 88Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 90 page
background image
1–76
Chapter 1: Device Datasheet for Arria II Devices
Glossary
Arria II Device Handbook Volume 3: Device Datasheet and Addendum
July 2012
Altera Corporation
S
SW (sampling
window)
The period of time during which the data must be valid in order to capture it correctly. The setup
and hold times determine the ideal strobe position within the sampling window:
Timing Diagram
Single-ended
Voltage
Referenced I/O
Standard
The JEDEC standard for SSTL and HSTL I/O standards define both the AC and DC input signal
values. The AC values indicate the voltage levels at which the receiver must meet its timing
specifications. The DC values indicate the voltage levels at which the final logic state of the
receiver is unambiguously defined. After the receiver input has crossed the AC value, the receiver
changes to the new logic state.
The new logic state is then maintained as long as the input stays beyond the AC threshold. This
approach is intended to provide predictable receiver timing in the presence of input waveform
ringing:
Single-Ended Voltage Referenced I/O Standard
T
tC
High-speed receiver and transmitter input and output clock period.
TCCS
(channel-to-
channel-
skew)
The timing difference between the fastest and slowest output edges, including tCO variation and
clock skew, across channels driven by the same PLL. The clock is included in the TCCS
measurement (refer to the Timing Diagram figure under S in this table).
tDUTY
High-speed I/O block: Duty cycle on the high-speed transmitter output clock.
Timing Unit Interval (TUI)
The timing budget allowed for skew, propagation delays, and data sampling window.
(TUI = 1/(Receiver Input Clock Frequency Multiplication Factor) = tC/w)
tFALL
Signal high-to-low transition time (80-20%)
tINCCJ
Cycle-to-cycle jitter tolerance on the PLL clock input.
tOUTPJ_IO
Period jitter on the general purpose I/O driven by a PLL.
tOUTPJ_DC
Period jitter on the dedicated clock output driven by a PLL.
tRISE
Signal low-to-high transition time (20-80%).
Table 1–68. Glossary (Part 3 of 4)
Letter
Subject
Definitions
Bit Time
0.5 x TCCS
RSKM
Sampling Window
(SW)
RSKM
0.5 x TCCS
VIH(AC)
VIH(DC)
VREF
VIL(DC)
VIL(AC)
VOH
VOL
VCCIO
VSS


Similar Part No. - EP2AGX95EF29I5N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2AGX95EF29C6N ALTERA-EP2AGX95EF29C6N Datasheet
11Mb / 380P
   Device Interfaces and Integration
More results

Similar Description - EP2AGX95EF29I5N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2AGX45DF25I5 ALTERA-EP2AGX45DF25I5 Datasheet
1Mb / 90P
   Arria II Device Handbook
5AGXFB3H4F40C5N ALTERA-5AGXFB3H4F40C5N Datasheet
1Mb / 82P
   Arria V Device Handbook
MAX2 ALTERA-MAX2 Datasheet
2Mb / 297P
   MAX II Device Handbook
October 2008, version 2.1
EP2AGX260EF29C5N ALTERA-EP2AGX260EF29C5N Datasheet
801Kb / 78P
   Device Datasheet for Arria II Devices
EP2AGX125EF29I5N ALTERA-EP2AGX125EF29I5N Datasheet
801Kb / 78P
   Device Datasheet for Arria II Devices
EP2AGX260FF35I3N ALTERA-EP2AGX260FF35I3N Datasheet
801Kb / 28P
   Device Datasheet for Arria II Devices
EP2AGX260EF29I3N ALTERA-EP2AGX260EF29I3N Datasheet
820Kb / 78P
   Device Datasheet for Arria II Devices
EP2C5Q208I8N ALTERA-EP2C5Q208I8N Datasheet
5Mb / 470P
   Cyclone II Device Handbook, Volume 1
EP2C20F256C8N ALTERA-EP2C20F256C8N Datasheet
5Mb / 470P
   Cyclone II Device Handbook, Volume 1
EP2S180F1020C4 ALTERA-EP2S180F1020C4 Datasheet
5Mb / 768P
   Stratix II Device Handbook, Volume 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com