Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU7442SV-TR Datasheet(PDF) 1 Page - Rohm

Part # BU7442SV-TR
Description  Ground Sense Low Voltage Operation CMOS Operational Amplifiers
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU7442SV-TR Datasheet(HTML) 1 Page - Rohm

  BU7442SV-TR Datasheet HTML 1Page - Rohm BU7442SV-TR Datasheet HTML 2Page - Rohm BU7442SV-TR Datasheet HTML 3Page - Rohm BU7442SV-TR Datasheet HTML 4Page - Rohm BU7442SV-TR Datasheet HTML 5Page - Rohm BU7442SV-TR Datasheet HTML 6Page - Rohm BU7442SV-TR Datasheet HTML 7Page - Rohm BU7442SV-TR Datasheet HTML 8Page - Rohm BU7442SV-TR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
1/36
www.rohm.com
2010.12 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
Operational Amplifiers / Comparators
Ground Sense Low Voltage
Operation CMOS Operational Amplifiers
BU7461G, BU7461SG, BU7441G, BU7441SG, BU7462F/FVM/NUX, BU7462SF/FVM/NUX,
BU7442F/FVM/NUX, BU7442SF/FVM/NUX, BU7464F, BU7464SF, BU7444F, BU7444SF,
BU7465HFV, BU7465SHFV, BU7445HFV, BU7445SHFV
●Description
Low Voltage CMOS Op-Amp integrates one or two independent outputs full swing Op-Amps and phase compensation
capacitors on a single chip. Especially, this series is operable with low voltage, low supply current and low input bias current.
Ground Sense : BU7461 (BU7461S) family, BU7441 (BU7441S) family, BU7462 (BU7462S) family,
BU7442 (BU7442S) family, BU7464 (BU7464S) family, BU7444 (BU7444S) family,
BU7465 (BU7465S) family, BU7445 (BU7445S) family,
●Features
1) Operable with low voltage
+1.7[V] ~ +5.5[V] (Single supply) :
BU7461/BU7441 family, BU7462/BU7442 family
BU7464/BU7444 family, BU7465/BU7445 family
2) Input Ground Sense, Output Full Swing
3) High speed operation (BU7461 family, BU7462 family)
4) Internal phase compensation
5) Wide temperature range
-40[℃] ~ +85[℃]
(BU7461G, BU7462 family, BU7464F, BU7465HFV)
(BU7441G, BU7442 family, BU7444F, BU7445HFV)
-40[℃] ~ +105[℃]
(BU7461SG, BU7462S family, BU7464SF, BU7465SHFV)
(BU7441SG, BU7442S family, BU7444SF, BU7445SHFV)
6)
High open loop voltage gain
7)
Low supply current
(BU7441 family, BU7442 family)
(BU7445 family, BU7444 family)
8)
Low input bias current 1[pA](Typ.)
9)
ESD protection circuit
Human body mode (HBM)±4000[V](Typ.)
No.10049JET21
Ground Sense
High speed
Single
Dual
Quad
Single
Dual
Quad
BU7461G
BU7464F
BU7441G
BU7442F/FVM/NUX
BU7462F/FVM/NUX
BU7444F
BU7465HFV
BU7445HFV
(BU7461SG:Operation guaranteed up to +105℃)
(BU7464SF:Operation guaranteed up to +105℃)
(BU7441SG:Operation guaranteed up to +105℃)
(BU7442S F/FVM/NUX:Operation guaranteed up to +105℃)
(BU7462S F/FVM/NUX:Operation guaranteed up to +105℃)
(BU7444SF:Operation guaranteed up to +105℃)
(BU7465SHFV::Operation guaranteed up to +105℃)
(BU7445SHFV:Operation guaranteed up to +105℃)
Low power


Similar Part No. - BU7442SV-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7442SF ROHM-BU7442SF Datasheet
721Kb / 33P
   Low Voltage Operation CMOS Operational Amplifiers
BU7442SF ROHM-BU7442SF Datasheet
3Mb / 44P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
BU7442SF-E2 ROHM-BU7442SF-E2 Datasheet
3Mb / 44P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
BU7442SFVM ROHM-BU7442SFVM Datasheet
721Kb / 33P
   Low Voltage Operation CMOS Operational Amplifiers
BU7442SFVM ROHM-BU7442SFVM Datasheet
3Mb / 44P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
More results

Similar Description - BU7442SV-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7441G ROHM-BU7441G Datasheet
3Mb / 44P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
BU7461G-TR ROHM-BU7461G-TR Datasheet
3Mb / 44P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
BU7445HFV ROHM-BU7445HFV Datasheet
495Kb / 21P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
TLR341G ROHM-TLR341G Datasheet
433Kb / 21P
   Low Voltage Operation Ground sense Operational amplifiers
BU7485G-TR ROHM-BU7485G-TR Datasheet
891Kb / 43P
   Ground Sense High Speed Low Voltage CMOS Operational Amplifiers
BU7485G ROHM-BU7485G Datasheet
889Kb / 42P
   Ground Sense High Speed Low Voltage CMOS Operational Amplifiers
BU5281G ROHM-BU5281G Datasheet
490Kb / 22P
   Low Input Offset Voltage Ground Sense CMOS Operational Amplifiers
TLR341G ROHM-TLR341G_16 Datasheet
4Mb / 55P
   Low Voltage Operation Ground Sense Operational Amplifier
TLR341G ROHM-TLR341G_V01 Datasheet
4Mb / 54P
   Low Voltage Operation Ground Sense Operational Amplifier
03.Feb.2016 Rev.004
BA10324AF-E2 ROHM-BA10324AF-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com