Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU7445SV-TR Datasheet(PDF) 11 Page - Rohm

Part # BU7445SV-TR
Description  Ground Sense Low Voltage Operation CMOS Operational Amplifiers
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU7445SV-TR Datasheet(HTML) 11 Page - Rohm

Back Button BU7445SV-TR Datasheet HTML 7Page - Rohm BU7445SV-TR Datasheet HTML 8Page - Rohm BU7445SV-TR Datasheet HTML 9Page - Rohm BU7445SV-TR Datasheet HTML 10Page - Rohm BU7445SV-TR Datasheet HTML 11Page - Rohm BU7445SV-TR Datasheet HTML 12Page - Rohm BU7445SV-TR Datasheet HTML 13Page - Rohm BU7445SV-TR Datasheet HTML 14Page - Rohm BU7445SV-TR Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
Technical Note
11/36
www.rohm.com
2010.12 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
BU7461/BU7461S family, BU7441/BU7441S family, BU7462/BU7462S family, BU7442/BU7442S family
BU7464/BU7464S family, BU7444/BU7444S family, BU7465/BU7465S family, BU7445/BU7445S family
0
3
6
9
12
02
4
6
SUPPLY VOLTAGE [V]
0
20
40
60
-60
-30
0
306090
120
AMBIENT TEMPERATURE [°C]
0
5
10
15
20
-60
-30
0
306090
120
AMBIENT TEMPERATURE [°C]
0
10
20
30
40
01
23
OUTPUT VOLTAGE [V]
0
2
4
6
-60
-30
0
306090
120
AMBIENT TEMPERATURE [°C]
0
100
200
300
02
4
6
SUPPLY VOLTAGE [V]
0
200
400
600
800
0
50
100
150
AMBIENT TEMPERATURE [°C]
0
2
4
6
02
46
SUPPLY VOLTAGE [V]
0
2
4
6
8
-60
-30
0
30
60
90
120
AMBIENT TEMPERATURE [°C]
0
200
400
600
800
-60
-30
0
30
60
90
120
AMBIENT TEMPERATURE [°C]
0
200
400
600
800
050
100
150
AMBIENT TEMPERATURE [°C]
0
20
40
60
80
01
23
OUTPUT VOLTAGE [V]
Reference data (BU7461 family)
(*)The above data is ability value of sample, it is not guaranteed. BU7461G: -40[℃] ~ +85[℃] BU7461SG: -40[℃] ~ +105[℃]
BU7461 family
BU7461 family
BU7461 family
BU7461 family
BU7461 family
BU7461 family
BU7461 family
BU7461 family
Supply Current – Supply Voltage
Supply Current – Ambient Temperature
Output Voltage Low – Supply Voltage
(RL=10[kΩ])
Output Voltage High – Supply Voltage
(RL=10[kΩ])
Output Voltage Low – Ambient Temperature
(RL=10[kΩ])
Output Sink Current – Output Voltage
(VDD=3[V])
Output Sink Current – Ambient Temperature
(VOUT=VSS+0.4[V])
Output Voltage High – Ambient Temperature
(RL=10[kΩ])
Derating curve
Derating curve
Output Source Current – Ambient Temperature
(VOUT=VDD-0.4[V])
85℃
-40℃
25℃
105℃
3.0V
1.7V
5.5V
-40℃
25℃
85℃
105℃
-40℃
25℃
85℃
105℃
1.7V
5.5V
3.0V
-40℃
25℃
85℃
105℃
5.5V
1.7V
3.0V
1.7V
5.5V
3.0V
BU7461G
1.7V
5.5V
3.0V
-40℃
25℃
85℃
BU7461SG
105℃
85
105
Output Source Current – Output Voltage
(VDD=3.0[V])
BU7461 family
Fig.1
Fig.2
Fig.3
Fig.4
Fig.5
Fig.6
Fig.7
Fig.8
Fig.9
Fig.10
Fig.11
Fig.12
BU7461 family
BU7461 family
BU7461 family


Similar Part No. - BU7445SV-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7445SHFV ROHM-BU7445SHFV Datasheet
495Kb / 21P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
More results

Similar Description - BU7445SV-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7441G ROHM-BU7441G Datasheet
3Mb / 44P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
BU7461G-TR ROHM-BU7461G-TR Datasheet
3Mb / 44P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
BU7445HFV ROHM-BU7445HFV Datasheet
495Kb / 21P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
TLR341G ROHM-TLR341G Datasheet
433Kb / 21P
   Low Voltage Operation Ground sense Operational amplifiers
BU7485G-TR ROHM-BU7485G-TR Datasheet
891Kb / 43P
   Ground Sense High Speed Low Voltage CMOS Operational Amplifiers
BU7485G ROHM-BU7485G Datasheet
889Kb / 42P
   Ground Sense High Speed Low Voltage CMOS Operational Amplifiers
BU5281G ROHM-BU5281G Datasheet
490Kb / 22P
   Low Input Offset Voltage Ground Sense CMOS Operational Amplifiers
TLR341G ROHM-TLR341G_16 Datasheet
4Mb / 55P
   Low Voltage Operation Ground Sense Operational Amplifier
TLR341G ROHM-TLR341G_V01 Datasheet
4Mb / 54P
   Low Voltage Operation Ground Sense Operational Amplifier
03.Feb.2016 Rev.004
BA10324AF-E2 ROHM-BA10324AF-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com