Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2C8AQ324I7ES Datasheet(PDF) 97 Page - Altera Corporation

Part # EP2C8AQ324I7ES
Description  Section I. Cyclone II Device Family Data Sheet
Download  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C8AQ324I7ES Datasheet(HTML) 97 Page - Altera Corporation

Back Button EP2C8AQ324I7ES Datasheet HTML 93Page - Altera Corporation EP2C8AQ324I7ES Datasheet HTML 94Page - Altera Corporation EP2C8AQ324I7ES Datasheet HTML 95Page - Altera Corporation EP2C8AQ324I7ES Datasheet HTML 96Page - Altera Corporation EP2C8AQ324I7ES Datasheet HTML 97Page - Altera Corporation EP2C8AQ324I7ES Datasheet HTML 98Page - Altera Corporation EP2C8AQ324I7ES Datasheet HTML 99Page - Altera Corporation EP2C8AQ324I7ES Datasheet HTML 100Page - Altera Corporation EP2C8AQ324I7ES Datasheet HTML 101Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 168 page
background image
Altera Corporation
5–7
February 2008
Cyclone II Device Handbook, Volume 1
DC Characteristics and Timing Specifications
Differential I/O Standards
The RSDS and mini-LVDS I/O standards are only supported on output
pins. The LVDS I/O standard is supported on both receiver input pins
and transmitter output pins.
1
For more information on how these differential I/O standards
are implemented, refer to the High-Speed Differential Interfaces in
Cyclone II Devices chapter of the Cyclone II Device Handbook.
Figure 5–1 shows the receiver input waveforms for all differential I/O
standards (LVDS, LVPECL, differential 1.5-V HSTL class I and II,
differential 1.8-V HSTL class I and II, differential SSTL-2 class I and II, and
differential SSTL-18 class I and II).
1.5-V HSTL class I
8
–8
0.4
VCCIO – 0.4
1.5V HSTL class II
16
–16
0.4
VCCIO – 0.4
Notes to Table 5–7:
(1)
The values in this table are based on the conditions listed in Tables 5–2 and 5–6.
(2)
This specification is supported across all the programmable drive settings available as shown in the Cyclone II
Architecture chapter of the Cyclone II Device Handbook.
Table 5–7. DC Characteristics of User I/O Pins Using Single-Ended Standards Notes (1), (2) (Part 2 of 2)
I/O Standard
Test Conditions
Voltage Thresholds
IOL (mA)
IOH (mA)
Maximum VOL (V)
Minimum VOH (V)


Similar Part No. - EP2C8AQ324I7ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2C8A ALTERA-EP2C8A Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
EP2C8A ALTERA-EP2C8A Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C8A15F324C6ES ALTERA-EP2C8A15F324C6ES Datasheet
2Mb / 168P
   Cyclone II Device Family
EP2C8A15F324C6N ALTERA-EP2C8A15F324C6N Datasheet
2Mb / 168P
   Cyclone II Device Family
EP2C8A15F324C7ES ALTERA-EP2C8A15F324C7ES Datasheet
2Mb / 168P
   Cyclone II Device Family
More results

Similar Description - EP2C8AQ324I7ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2C20F484C6N ALTERA-EP2C20F484C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256C7N ALTERA-EP2C5F256C7N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C15AF484C7N ALTERA-EP2C15AF484C7N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256C6N ALTERA-EP2C5F256C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C8Q208C6 ALTERA-EP2C8Q208C6 Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5Q208C8N ALTERA-EP2C5Q208C8N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP1C12F256C8N ALTERA-EP1C12F256C8N Datasheet
1Mb / 106P
   Section I. Cyclone FPGA Family Data Sheet
EP2S90F1020C4 ALTERA-EP2S90F1020C4 Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2S90F1020I4N ALTERA-EP2S90F1020I4N Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2S180F1508I4 ALTERA-EP2S180F1508I4 Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com