Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2C8AQ324I7ES Datasheet(PDF) 23 Page - Altera Corporation

Part # EP2C8AQ324I7ES
Description  Section I. Cyclone II Device Family Data Sheet
Download  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C8AQ324I7ES Datasheet(HTML) 23 Page - Altera Corporation

Back Button EP2C8AQ324I7ES Datasheet HTML 19Page - Altera Corporation EP2C8AQ324I7ES Datasheet HTML 20Page - Altera Corporation EP2C8AQ324I7ES Datasheet HTML 21Page - Altera Corporation EP2C8AQ324I7ES Datasheet HTML 22Page - Altera Corporation EP2C8AQ324I7ES Datasheet HTML 23Page - Altera Corporation EP2C8AQ324I7ES Datasheet HTML 24Page - Altera Corporation EP2C8AQ324I7ES Datasheet HTML 25Page - Altera Corporation EP2C8AQ324I7ES Datasheet HTML 26Page - Altera Corporation EP2C8AQ324I7ES Datasheet HTML 27Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 168 page
background image
Altera Corporation
2–11
February 2007
Cyclone II Device Handbook, Volume 1
Cyclone II Architecture
The direct link interconnect allows an LAB, M4K memory block, or
embedded multiplier block to drive into the local interconnect of its left
and right neighbors. Only one side of a PLL block interfaces with direct
link and row interconnects. The direct link interconnect provides fast
communication between adjacent LABs and/or blocks without using
row interconnect resources.
The R4 interconnects span four LABs, three LABs and one M4K memory
block, or three LABs and one embedded multiplier to the right or left of a
source LAB. These resources are used for fast row connections in a four-
LAB region. Every LAB has its own set of R4 interconnects to drive either
left or right. Figure 2–8 shows R4 interconnect connections from an LAB.
R4 interconnects can drive and be driven by LABs, M4K memory blocks,
embedded multipliers, PLLs, and row IOEs. For LAB interfacing, a
primary LAB or LAB neighbor (see Figure 2–8) can drive a given R4
interconnect. For R4 interconnects that drive to the right, the primary
LAB and right neighbor can drive on to the interconnect. For R4
interconnects that drive to the left, the primary LAB and its left neighbor
can drive on to the interconnect. R4 interconnects can drive other R4
interconnects to extend the range of LABs they can drive. Additionally,
R4 interconnects can drive R24 interconnects, C4, and C16 interconnects
for connections from one row to another.
Figure 2–8. R4 Interconnect Connections
Notes to Figure 2–8:
(1)
C4 interconnects can drive R4 interconnects.
(2)
This pattern is repeated for every LAB in the LAB row.
Primary
LAB (2)
R4 Interconnect
Driving Left
Adjacent LAB can
Drive onto Another
LAB's R4 Interconnect
C4 Column Interconnects (1)
R4 Interconnect
Driving Right
LAB
Neighbor
LAB
Neighbor


Similar Part No. - EP2C8AQ324I7ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2C8A ALTERA-EP2C8A Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
EP2C8A ALTERA-EP2C8A Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C8A15F324C6ES ALTERA-EP2C8A15F324C6ES Datasheet
2Mb / 168P
   Cyclone II Device Family
EP2C8A15F324C6N ALTERA-EP2C8A15F324C6N Datasheet
2Mb / 168P
   Cyclone II Device Family
EP2C8A15F324C7ES ALTERA-EP2C8A15F324C7ES Datasheet
2Mb / 168P
   Cyclone II Device Family
More results

Similar Description - EP2C8AQ324I7ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2C20F484C6N ALTERA-EP2C20F484C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256C7N ALTERA-EP2C5F256C7N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C15AF484C7N ALTERA-EP2C15AF484C7N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256C6N ALTERA-EP2C5F256C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C8Q208C6 ALTERA-EP2C8Q208C6 Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5Q208C8N ALTERA-EP2C5Q208C8N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP1C12F256C8N ALTERA-EP1C12F256C8N Datasheet
1Mb / 106P
   Section I. Cyclone FPGA Family Data Sheet
EP2S90F1020C4 ALTERA-EP2S90F1020C4 Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2S90F1020I4N ALTERA-EP2S90F1020I4N Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2S180F1508I4 ALTERA-EP2S180F1508I4 Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com