Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5222B Datasheet(PDF) 4 Page - Yea Shin Technology Co., Ltd

Part # 1N5222B
Description  500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

1N5222B Datasheet(HTML) 4 Page - Yea Shin Technology Co., Ltd

  1N5222B Datasheet HTML 1Page - Yea Shin Technology Co., Ltd 1N5222B Datasheet HTML 2Page - Yea Shin Technology Co., Ltd 1N5222B Datasheet HTML 3Page - Yea Shin Technology Co., Ltd 1N5222B Datasheet HTML 4Page - Yea Shin Technology Co., Ltd 1N5222B Datasheet HTML 5Page - Yea Shin Technology Co., Ltd 1N5222B Datasheet HTML 6Page - Yea Shin Technology Co., Ltd 1N5222B Datasheet HTML 7Page - Yea Shin Technology Co., Ltd 1N5222B Datasheet HTML 8Page - Yea Shin Technology Co., Ltd 1N5222B Datasheet HTML 9Page - Yea Shin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
http://www.yeashin.com
4
REV.03 20121003
1N5221B~1N5281B
ELECTRICAL CHARACTERISTICS (TA = 25ºC unless otherwise noted, VF = 1.1 V Max @ IF = 200mA for all types)
Zener Voltage (Note 11.)
Zener Impedance (Note 12.)
Leakage Current
VZ (Volts)
@ IZT
ZZT @ IZT
ZZK @ IZK
IR @ VR
θ
VZ
(Note 13.)
Device
(Note 10.)
Device
Marking
Min
Nom
Max
(mA)
(
Ω)(Ω)
(mA)
(
µA)
(Volts)
(%/ºC)
1N5266B
1N5266B
64.6
68
71.4
1.8
230
1600
0.25
0.1
52
+0.097
1N5267B
1N5267B
71.25
75
78.75
1.7
270
1700
0.25
0.1
56
+0.098
1N5268B
1N5268B
77.9
82
86.1
1.5
330
2000
0.25
0.1
62
+0.098
1N5269B
1N5269B
82.65
87
91.35
1.4
370
2200
0.25
0.1
68
+0.099
1N5270B
1N5270B
86.45
91
95.55
1.4
400
2300
0.25
0.1
69
+0.099
1N5271B
1N5271B
95
100
105
1.3
500
2600
0.25
0.1
76
+0.11
1N5272B
1N5272B
104.5
110
115.5
1.1
750
3000
0.25
0.1
84
+0.11
1N5273B
1N5273B
114
120
126
1
900
4000
0.25
0.1
91
+0.11
1N5274B
1N5274B
123.5
130
136.5
0.95
1100
4500
0.25
0.1
99
+0.11
1N5275B
1N5275B
133
140
147
0.9
1300
4500
0.25
0.1
106
+0.11
1N5276B
1N5276B
142.5
150
157.5
0.85
1500
5000
0.25
0.1
114
+0.11
1N5277B
1N5277B
152
160
168
0.8
1700
5500
0.25
0.1
122
+0.11
1N5278B
1N5278B
161.5
170
178.5
0.74
1900
5500
0.25
0.1
129
+0.11
1N5279B
1N5279B
171
180
189
0.68
2200
6000
0.25
0.1
137
+0.11
1N5280B
1N5280B
180.5
190
199.5
0.66
2400
6500
0.25
0.1
144
+0.11
1N5281B
1N5281B
190
200
210
0.65
2500
7000
0.25
0.1
152
+0.11
10. TOLERANCE AND TYPE NUMBER DESIGNATION (VZ)
The type numbers listed have a standard tolerance on the nominal zener voltage of
±5%.
11. ZENER VOLTAGE (VZ) MEASUREMENT
Nominal zener voltage is measured with the device junction in the thermal equilibrium at the lead temperature (TL) at 30
°C
±1°C and 3/8” lead length.
12. ZENER IMPEDANCE (ZZ) DERIVATION
ZZT and ZZK are measured by dividing the AC voltage drop across the device by the AC current applied. The specified limits
are for IZ(AC) = 0.1 IZ(DC) with AC frequency = 60Hz.
13. TEMPERATURE COEFFICIENT (
θ
VZ)
Test conditions for temperature coefficient are as follows:
A. IZT = 7.5mA, T1 = 25
°C, T
2 = 125
°C (1N5221B through 1N5242B)
B. IZT = Rated IZT, T1 = 25
°C, T
2 = 125
°C (1N5243B through 1N5281B)
Device to be temperature stabilized with current applied prior to reading breakdown voltage at the specified ambient
temperature.


Similar Part No. - 1N5222B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N5222B VISHAY-1N5222B Datasheet
47Kb / 4P
   Silicon Z-Diodes
Rev. 2, 06-Aug-99
logo
Shenzhen Luguang Electr...
1N5222B LUGUANG-1N5222B Datasheet
1Mb / 3P
   Zener Diodes
logo
Rugao Dachang Electroni...
1N5222B DACHANG-1N5222B Datasheet
121Kb / 2P
   High stability and high reliability
logo
Tak Cheong Electronics ...
1N5222B TAK_CHEONG-1N5222B Datasheet
332Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Fairchild Semiconductor
1N5222B FAIRCHILD-1N5222B Datasheet
135Kb / 6P
   Zener Diodes
More results

Similar Description - 1N5222B

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
BZX79C110 TAK_CHEONG-BZX79C110_10 Datasheet
178Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
ZX2V0 YEASHIN-ZX2V0 Datasheet
815Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
ZL2V4B YEASHIN-ZL2V4B Datasheet
604Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCBZX55C2V0 TAK_CHEONG-TCBZX55C2V0 Datasheet
181Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCZL2V4B TAK_CHEONG-TCZL2V4B Datasheet
174Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N750A TAK_CHEONG-1N750A Datasheet
316Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N4370A TAK_CHEONG-1N4370A Datasheet
166Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC1N5221B TAK_CHEONG-TC1N5221B Datasheet
92Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCRD2V2 TAK_CHEONG-TCRD2V2 Datasheet
173Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N5221B TAK_CHEONG-1N5221B Datasheet
133Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com