Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFWI510A Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # IRFWI510A
Description  Advanced Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

IRFWI510A Datasheet(HTML) 1 Page - Fairchild Semiconductor

  IRFWI510A Datasheet HTML 1Page - Fairchild Semiconductor IRFWI510A Datasheet HTML 2Page - Fairchild Semiconductor IRFWI510A Datasheet HTML 3Page - Fairchild Semiconductor IRFWI510A Datasheet HTML 4Page - Fairchild Semiconductor IRFWI510A Datasheet HTML 5Page - Fairchild Semiconductor IRFWI510A Datasheet HTML 6Page - Fairchild Semiconductor IRFWI510A Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Avalanche Rugged Technology
Rugged Gate Oxide Technology
Lower Input Capacitance
Improved Gate Charge
Extended Safe Operating Area
175
Operating Temperature
Lower Leakage Current : 10
A (Max.) @ V
DS = 100V
Lower R
DS(ON) : 0.289
(Typ.)
Advanced Power MOSFET
Thermal Resistance
Junction-to-Case
Junction-to-Ambient
Junction-to-Ambient
R
JC
R
JA
R
JA
/W
Characteristic
Max.
Units
Symbol
Typ.
FEATURES
D2-PAK
1. Gate 2. Drain 3. Source
1
3
2
1
2
3
I2-PAK
*
* When mounted on the minimum pad size recommended (PCB Mount).
Absolute Maximum Ratings
Drain-to-Source Voltage
Continuous Drain Current (T
C=25
)
Continuous Drain Current (T
C=100
)
Drain Current-Pulsed
Gate-to-Source Voltage
Single Pulsed Avalanche Energy
Avalanche Current
Repetitive Avalanche Energy
Peak Diode Recovery dv/dt
Total Power Dissipation (T
A=25
)
Total Power Dissipation (T
C=25
)
Linear Derating Factor
Operating Junction and
Storage Temperature Range
Maximum Lead Temp. for Soldering
Purposes, 1/8” from case for 5-seconds
Characteristic
Value
Units
Symbol
I
DM
V
GS
E
AS
I
AR
E
AR
dv/dt
P
D
I
D
T
J , TSTG
T
L
A
V
mJ
A
mJ
V/ns
W
W
W/
A
V
DSS
V
*
µ
O
1
O
2
O
3
ΟC
ΟC
O
1
O
1
ΟC
θ
ΟC
θ
θ
ΟC
ΟC
ΟC/
ΟC
IRFW/I510A
BV
DSS = 100 V
R
DS(on) = 0.4
I
D = 5.6 A
100
5.6
4
20
63
5.6
3.3
6.5
3.8
33
0.22
- 55 to +175
300
4.51
40
62.5
--
--
--
20
+
_
©1999 Fairchild Semiconductor Corporation
Rev. B


Similar Part No. - IRFWI510A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
IRFWI520A FAIRCHILD-IRFWI520A Datasheet
252Kb / 7P
   Advanced Power MOSFET
IRFWI530A FAIRCHILD-IRFWI530A Datasheet
259Kb / 7P
   Advanced Power MOSFET
IRFWI540A FAIRCHILD-IRFWI540A Datasheet
232Kb / 7P
   Advanced Power MOSFET
IRFWI550A FAIRCHILD-IRFWI550A Datasheet
266Kb / 7P
   Advanced Power MOSFET
More results

Similar Description - IRFWI510A

ManufacturerPart #DatasheetDescription
logo
AUK corp
STK830F AUK-STK830F Datasheet
504Kb / 8P
   Advanced Power MOSFET
logo
Fairchild Semiconductor
SFR2955 FAIRCHILD-SFR2955 Datasheet
261Kb / 7P
   Advanced Power MOSFET
SSI2N80A FAIRCHILD-SSI2N80A Datasheet
264Kb / 7P
   Advanced Power MOSFET
IRFZ24A FAIRCHILD-IRFZ24A Datasheet
221Kb / 7P
   ADVANCED POWER MOSFET
SSP5N80A FAIRCHILD-SSP5N80A Datasheet
253Kb / 7P
   Advanced Power MOSFET
IRFW550A FAIRCHILD-IRFW550A Datasheet
267Kb / 7P
   Advanced Power MOSFET
SFW9510 FAIRCHILD-SFW9510 Datasheet
229Kb / 7P
   Advanced Power MOSFET
SFR9024 FAIRCHILD-SFR9024 Datasheet
230Kb / 7P
   Advanced Power MOSFET
SFR9210F FAIRCHILD-SFR9210F Datasheet
257Kb / 7P
   Advanced Power MOSFET
SFR9214 FAIRCHILD-SFR9214 Datasheet
311Kb / 7P
   Advanced Power MOSFET
SSH10N60A FAIRCHILD-SSH10N60A Datasheet
243Kb / 7P
   Advanced Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com