Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4753A Datasheet(PDF) 3 Page - Yea Shin Technology Co., Ltd

Part # 1N4753A
Description  1 Watt DO-41G Hermetically Sealed Glass Zener Voltage Regulators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

1N4753A Datasheet(HTML) 3 Page - Yea Shin Technology Co., Ltd

  1N4753A Datasheet HTML 1Page - Yea Shin Technology Co., Ltd 1N4753A Datasheet HTML 2Page - Yea Shin Technology Co., Ltd 1N4753A Datasheet HTML 3Page - Yea Shin Technology Co., Ltd 1N4753A Datasheet HTML 4Page - Yea Shin Technology Co., Ltd 1N4753A Datasheet HTML 5Page - Yea Shin Technology Co., Ltd 1N4753A Datasheet HTML 6Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
http://www.yeashin.com
3
REV.03 20121011
1N4728A~1N4764A
ELECTRICAL CHARACTERISTICS
(TA = 25ºC unless otherwise noted, VF = 1.2 V Max @ IF = 200mA for all types)
Zener Voltage
(Note 8 & 9.)
Zener Impedance
(Note 10.)
Leakage Current
VZ (Volts)
@ IZT
ZZT @ IZT
ZZK @ IZK
IR @ VR
Ir
(Note 11.)
Device
(Note 7.)
Device
Marking
Min
Nom
Max
(mA)
(
Ω)(Ω
Ω)
(mA)
(
µµµµA Max)
(Volts)
(mA)
1N4743A
1N4743A
12.35
13
13.65
19
10
700
0.25
5
9.9
344
1N4744A
1N4744A
14.25
15
15.75
17
14
700
0.25
5
11.4
304
1N4745A
1N4745A
15.2
16
16.8
15.5
16
700
0.25
5
12.2
285
1N4746A
1N4746A
17.1
18
18.9
14
20
750
0.25
5
13.7
250
1N4747A
1N4747A
19
20
21
12.5
22
750
0.25
5
15.2
225
1N4748A
1N4748A
20.9
22
23.1
11.5
23
750
0.25
5
16.7
205
1N4749A
1N4749A
22.8
24
25.2
10.5
25
750
0.25
5
18.2
190
1N4750A
1N4750A
25.65
27
28.35
9.5
35
750
0.25
5
20.6
170
1N4751A
1N4751A
28.5
30
31.5
8.5
40
1000
0.25
5
22.8
150
1N4752A
1N4752A
31.35
33
34.65
7.5
45
1000
0.25
5
25.1
135
1N4753A
1N4753A
34.2
36
37.8
7
50
1000
0.25
5
27.4
125
1N4754A
1N4754A
37.05
39
40.95
6.5
60
1000
0.25
5
29.7
115
1N4755A
1N4755A
40.85
43
45.15
6
70
1500
0.25
5
32.7
110
1N4756A
1N4756A
44.65
47
49.35
5.5
80
1500
0.25
5
35.8
95
1N4757A
1N4757A
48.45
51
53.55
5
95
1500
0.25
5
38.8
90
1N4758A
1N4758A
53.2
56
58.8
4.5
110
2000
0.25
5
42.6
80
1N4759A
1N4759A
58.9
62
65.1
4
125
2000
0.25
5
47.1
70
1N4760A
1N4760A
64.6
68
71.4
3.7
150
2000
0.25
5
51.7
65
1N4761A
1N4761A
71.25
75
78.75
3.3
175
2000
0.25
5
56
60
1N4762A
1N4762A
77.9
82
86.1
3
200
3000
0.25
5
62.2
55
1N4763A
1N4763A
86.45
91
95.55
2.8
250
3000
0.25
5
69.2
50
1N4764A
1N4764A
95
100
105
2.5
350
3000
0.25
5
76
45
7. TOLERANCE AND TYPE NUMBER DESIGNATION (VZ)
The type numbers listed have a standard tolerance on the nominal zener voltage of ±5%.
8. SPECIALS AVAILABLE INCLUDE
Nominal zener voltages between the voltages shown and tighter voltage tolerances. For detailed information on price,
availability and delivery, contact your nearest YEAHSIN representative.
9. ZENER VOLTAGE (VZ) MEASUREMENT
Nominal zener voltage is measured with the device junction in the thermal equilibrium at the lead temperature (TL) at 30°C
±1°C and 3/8” lead length.
10. ZENER IMPEDANCE (ZZ) DERIVATION
The zener impedance is derived from the 60 cycle AC voltage, which results when an AC current having an RMS value
equal to 10% of the DC zener current (IZT or IZK) is superimposed on IZT or IZK.
11. SURGE CURRENT (Ir) NON-REPETITIVE
The rating listed in the electrical characteristics table is maximum peak, non-repetitive, reverse surge current of ½ square
wave or equivalent sine wave pulse of 1/120 second duration superimposed on the test current IZT per JEDEC registration;
however, actual device capability is as described in figure 5 of the General Data DO-41 Glass.


Similar Part No. - 1N4753A

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
1N4753A SECOS-1N4753A Datasheet
149Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
1N4753A VISHAY-1N4753A Datasheet
40Kb / 4P
   Silicon Power Z-Diodes
Rev. 2, 01-Apr-99
logo
Fairchild Semiconductor
1N4753A FAIRCHILD-1N4753A Datasheet
666Kb / 4P
   Zener Diodes
logo
Weitron Technology
1N4753A WEITRON-1N4753A Datasheet
2Mb / 4P
   Axial Lead Zener Diodes
logo
Continental Device Indi...
1N4753A CDIL-1N4753A Datasheet
154Kb / 4P
   SILICON GLASS PASSIVATED 1.0 WATT ZENER DIODES
More results

Similar Description - 1N4753A

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
1N4728A TAK_CHEONG-1N4728A_10 Datasheet
325Kb / 4P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
TC1N4728A TAK_CHEONG-TC1N4728A_10 Datasheet
454Kb / 5P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
1N4728A TAK_CHEONG-1N4728A Datasheet
128Kb / 4P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
TC1N4728A TAK_CHEONG-TC1N4728A Datasheet
178Kb / 5P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
logo
List of Unclassifed Man...
TC1N4728A ETC1-TC1N4728A Datasheet
496Kb / 6P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
logo
ON Semiconductor
BZX85C3V3RL ONSEMI-BZX85C3V3RL Datasheet
57Kb / 8P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
February, 2002 ??Rev. 1
logo
Tak Cheong Electronics ...
1N4751A TAK_CHEONG-1N4751A Datasheet
445Kb / 7P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
March 2002 / A
TCBZX85C3V3 TAK_CHEONG-TCBZX85C3V3_11 Datasheet
168Kb / 4P
   1.3 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
TCBZX85C3V3 TAK_CHEONG-TCBZX85C3V3 Datasheet
177Kb / 5P
   1.3 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
BZX85C3V3 TAK_CHEONG-BZX85C3V3_10 Datasheet
289Kb / 4P
   1.3 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com