Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPM3128A Datasheet(PDF) 97 Page - Altera Corporation

Part # EPM3128A
Description  Package Information Datasheet for Mature Altera Devices
Download  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPM3128A Datasheet(HTML) 97 Page - Altera Corporation

Back Button EPM3128A Datasheet HTML 93Page - Altera Corporation EPM3128A Datasheet HTML 94Page - Altera Corporation EPM3128A Datasheet HTML 95Page - Altera Corporation EPM3128A Datasheet HTML 96Page - Altera Corporation EPM3128A Datasheet HTML 97Page - Altera Corporation EPM3128A Datasheet HTML 98Page - Altera Corporation EPM3128A Datasheet HTML 99Page - Altera Corporation EPM3128A Datasheet HTML 100Page - Altera Corporation EPM3128A Datasheet HTML 101Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 182 page
background image
Package Information Datasheet for Mature Altera Devices
97
© December 2011
Altera Corporation
Package Information Datasheet for Mature Altera Devices
324-Pin FineLine Ball-Grid Array (FBGA)—Wire Bond—Option 1
All dimensions and tolerances conform to ASME Y14.5M – 1994.
Controlling dimension is in millimeters.
Pin A1 may be indicated by an ID dot, or a special feature, in its proximity on
package surface.
Package Information
Description
Specification
Ordering Code Reference
F
Package Acronym
FBGA
Substrate Material
BT
Solder Ball Composition
Regular: 63Sn:37Pb (Typ.)
Pb-free: Sn:3Ag:0.5Cu (Typ.)
JEDEC Outline Reference
MS-034 Variation: AAG-1
Lead Coplanarity
0.008 inches (0.20mm)
Weight
1.4 g (Typ.)
Moisture Sensitivity Level
Printed on moisture barrier bag
Package Outline Dimension Table
Symbol
Millimeters
Min.
Nom.
Max.
A
2.20
A1
0.30
A2
1.80
A3
0.70 REF
D
19.00 BSC
E
19.00 BSC
b
0.50
0.60
0.70
e
1.00 BSC


Similar Part No. - EPM3128A

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM3128A ALTERA-EPM3128A Datasheet
649Kb / 42P
   Programmable Logic Device Family
EPM3128A ALTERA-EPM3128A Datasheet
710Kb / 46P
   Programmable Logic Device Family
EPM3128A ALTERA-EPM3128A Datasheet
715Kb / 46P
   Programmable Logic Device Family
EPM3128A ALTERA-EPM3128A Datasheet
715Kb / 46P
   Programmable Logic Device Family
EPM3128A ALTERA-EPM3128A Datasheet
715Kb / 46P
   Programmable Logic Device Family
More results

Similar Description - EPM3128A

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1K30TC144-1N ALTERA-EP1K30TC144-1N Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
EP1S10F780C6 ALTERA-EP1S10F780C6 Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
EP2AGX260FF35I3N ALTERA-EP2AGX260FF35I3N Datasheet
801Kb / 28P
   Device Datasheet for Arria II Devices
EP2AGX125EF29I5N ALTERA-EP2AGX125EF29I5N Datasheet
801Kb / 78P
   Device Datasheet for Arria II Devices
EP2AGX260EF29C5N ALTERA-EP2AGX260EF29C5N Datasheet
801Kb / 78P
   Device Datasheet for Arria II Devices
EP2AGX260EF29I3N ALTERA-EP2AGX260EF29I3N Datasheet
820Kb / 78P
   Device Datasheet for Arria II Devices
EP2AGX45DF25I3N ALTERA-EP2AGX45DF25I3N Datasheet
801Kb / 78P
   1. Device Datasheet for Arria II Devices
logo
ON Semiconductor
AND8308 ONSEMI-AND8308 Datasheet
121Kb / 4P
   Interpretation of Datasheet Parameters for ESD Devices
December, 2016 ??Rev. 2
logo
Agilent(Hewlett-Packard...
N5434A HP-N5434A Datasheet
895Kb / 8P
   FPGA Dynamic Probe for Altera
logo
Altera Corporation
EP4SGX290NF45C2N ALTERA-EP4SGX290NF45C2N Datasheet
1Mb / 82P
   Device Datasheet and Addendum for Stratix IV Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com