Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM188R71E104KA01D Datasheet(PDF) 8 Page - International Rectifier

Part # GRM188R71E104KA01D
Description  Single-Input Voltage, Synchronous Buck Regulator
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

GRM188R71E104KA01D Datasheet(HTML) 8 Page - International Rectifier

Back Button GRM188R71E104KA01D Datasheet HTML 4Page - International Rectifier GRM188R71E104KA01D Datasheet HTML 5Page - International Rectifier GRM188R71E104KA01D Datasheet HTML 6Page - International Rectifier GRM188R71E104KA01D Datasheet HTML 7Page - International Rectifier GRM188R71E104KA01D Datasheet HTML 8Page - International Rectifier GRM188R71E104KA01D Datasheet HTML 9Page - International Rectifier GRM188R71E104KA01D Datasheet HTML 10Page - International Rectifier GRM188R71E104KA01D Datasheet HTML 11Page - International Rectifier GRM188R71E104KA01D Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 53 page
background image
IR3846
8 www.irf.com
© 2013 International Rectifier
August 01, 2013
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Error Amplifier
Input Offset Voltage
Vos_Vref
VFb – Vref, Vref =
0.6V
-1.5
+1.5
%
Vref
Vos_Vp
VFb – Vp, Vp = 0.6V
-1.5
+1.5
%Vp
Input Bias Current
IFb(E/A)
-0.5
+0.5
µA
Input Bias Current
IVp(E/A)
0
4
µA
Sink Current
Isink(E/A)
0.4
0.85
1.2
mA
Source Current
Isource(E/A)
4
7.5
11
mA
Slew Rate
SR
Note 4
7
12
20
V/µs
Gain-Bandwidth Product
GBWP
Note 4
20
30
40
MHz
DC Gain
Gain
Note 4
100
110
120
dB
Maximum Output
Voltage
Vmax(E/A)
1.7
2
2.3
V
Minimum Output Voltage
Vmin(E/A)
100
mV
Common Mode Voltage
Vcm_Vp
Note 4
0
1.2
V
Margining Range
Vmarg_Vref
Note 4
0.4
1.2
V
Remote Sense Differential Amplifier
Unity Gain Bandwidth
BW_RS
Note 4
3
6.4
9
MHz
DC Gain
Gain_RS
Note 4
110
dB
Offset Voltage
Offset_RS
Vref=0.6V,
0°C < Tj < 85°C
-1.5
0
1.5
mV
Vref=0.6V,
-40°C < Tj < 125°C
-2
2
mV
Source Current
Isource_RS
3
13
20
mA
Sink Current
Isink_RS
0.4
1
2
mA
Slew Rate
Slew_RS
Note 4, Cload = 100pF
2
4
8
V/µs
RS+ input impedance
Rin_RS+
45
63
85
kohm
RS- input impedance
Rin_RS-
Note 4
63
kohm
Maximum Voltage
Vmax_RS
V(VCC) – V(RSo)
0.5
1
1.5
V
Minimum Voltage
Min_RS
50
mV
Internal Digital Soft Start
Soft Start Clock
Clk_SS
Note 4
180
200
220
kHz
Soft Start Ramp Rate
Ramp(SS_Start)
Note 4
0.3
0.4
0.5
mV /
µs
S_CTRL Threshold
High
2.4
V
Low
0.6
V
Bootstrap Diode
Forward Voltage
I(Boot) = 30mA
360
520
960
mV


Similar Part No. - GRM188R71E104KA01D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
GRM188R71E104KA01D IRF-GRM188R71E104KA01D Datasheet
1Mb / 51P
   25A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
GRM188R71E104KA01D IRF-GRM188R71E104KA01D Datasheet
2Mb / 49P
   16A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
GRM188R71E104KA01D IRF-GRM188R71E104KA01D Datasheet
1Mb / 47P
   Dual output, 4A/Phase, Highly Integrated SupIRBuck
GRM188R71E104KA01D IRF-GRM188R71E104KA01D Datasheet
3Mb / 51P
   Dual output, 6A/Phase, Highly Integrated SupIRBuck
logo
Monolithic Power System...
GRM188R71E104KA01D MPS-GRM188R71E104KA01D Datasheet
551Kb / 4P
   2.7V - 13V Input, 1A, Step-Up Power Supply
More results

Similar Description - GRM188R71E104KA01D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3891M IRF-IR3891M_15 Datasheet
1Mb / 51P
   Single-Input Voltage, Synchronous Buck Regulator
IR3892M IRF-IR3892M_15 Datasheet
3Mb / 52P
   Single-Input Voltage, Synchronous Buck Regulator
IR3898M IRF-IR3898M_15 Datasheet
3Mb / 46P
   Single-Input Voltage, Synchronous Buck Regulator
IR3847M IRF-IR3847M_15 Datasheet
1Mb / 55P
   Single-Input Voltage, Synchronous Buck Regulator
IR3871MTRPBF IRF-IR3871MTRPBF Datasheet
1Mb / 21P
   WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3865MTRPBF IRF-IR3865MTRPBF Datasheet
1Mb / 22P
   WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3839MPBF IRF-IR3839MPBF_15 Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 6A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3838MTR1PBF IRF-IR3838MTR1PBF Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 10A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3837MPBF IRF-IR3837MPBF Datasheet
1Mb / 36P
   HIGHLY INTEGRATED 14A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3839MPBF IRF-IR3839MPBF Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 6A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com