Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1608X7R1H104K Datasheet(PDF) 6 Page - International Rectifier

Part # C1608X7R1H104K
Description  8A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

C1608X7R1H104K Datasheet(HTML) 6 Page - International Rectifier

Back Button C1608X7R1H104K Datasheet HTML 2Page - International Rectifier C1608X7R1H104K Datasheet HTML 3Page - International Rectifier C1608X7R1H104K Datasheet HTML 4Page - International Rectifier C1608X7R1H104K Datasheet HTML 5Page - International Rectifier C1608X7R1H104K Datasheet HTML 6Page - International Rectifier C1608X7R1H104K Datasheet HTML 7Page - International Rectifier C1608X7R1H104K Datasheet HTML 8Page - International Rectifier C1608X7R1H104K Datasheet HTML 9Page - International Rectifier C1608X7R1H104K Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
6
IR3871MPBF
Electrical Specifications (continued)
Unless otherwise specified, these specification apply over VIN = 12V, VCC = 5V, 0o
C ≤ T
J ≤ 125
oC.
PARAMETER
NOTE
TEST CONDITION
MIN
TYP
MAX
UNIT
GATE DRIVE
Dead Time
1
Monitor body diode conduction
on PHASE pin
5
30
ns
BOOTSTRAP PFET
Forward Voltage
I(BOOT) = 10mA
100
200
300
mV
UPPER MOSFET
Static Drain-to-Source On-
Resistance
VCC = 5V, I
D = 7A, TJ = 25
oC
14.5
20.8
25.5
m
Ω
LOWER MOSFET
Static Drain-to-Source On-
Resistance
VCC = 5V, I
D = 9A, TJ = 25
oC
8
10
12.5
m
Ω
LOGIC INPUT AND OUTPUT
EN High Logic Level
2
-
-
V
EN Low Logic Level
-
-
0.6
V
EN Input Current
EN = 3.3V
11
µA
PGOOD Pull Down
Resistance
25
50
Ω
Note 1: Guaranteed by design, not tested in production
Note 2: Upgrade to industrial/MSL2 level applies from date codes 1227 (marking explained on application
note AN1132 page 2). Products with prior date code of 1227 are qualified with MSL3 for Consumer
Market.


Similar Part No. - C1608X7R1H104K

ManufacturerPart #DatasheetDescription
logo
International Rectifier
C1608X7R1H104K IRF-C1608X7R1H104K Datasheet
1Mb / 21P
   12A Highly Integrated SupIRBuck IR3476 TM
logo
Texas Instruments
C1608X7R1H104K TI1-C1608X7R1H104K Datasheet
623Kb / 31P
[Old version datasheet]   ADS1131REF and ADS1231REF
logo
TDK Electronics
C1608X7R1H104K TDK-C1608X7R1H104K Datasheet
70Kb / 7P
   Ceramic Capacitors For General Use SMD
logo
International Rectifier
C1608X7R1H104K IRF-C1608X7R1H104K Datasheet
884Kb / 21P
   12A Highly Integrated SupIRBuck Continuous 12A Load Capability
C1608X7R1H104K IRF-C1608X7R1H104K Datasheet
904Kb / 21P
   15A Highly Integrated SupIRBuck Constant On.Time Control
More results

Similar Description - C1608X7R1H104K

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3871M IRF-IR3871M_15 Datasheet
1Mb / 21P
   8A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3800MPBF IRF-IR3800MPBF Datasheet
672Kb / 21P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3821MPBF IRF-IR3821MPBF Datasheet
40Kb / 1P
   HIGHLY INTEGRATED 7A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3810MTR1PBF IRF-IR3810MTR1PBF Datasheet
677Kb / 21P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3865MPBF IRF-IR3865MPBF Datasheet
1Mb / 22P
   10A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3820MPBF IRF-IR3820MPBF_08 Datasheet
676Kb / 21P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3865M IRF-IR3865M_15 Datasheet
1Mb / 22P
   10A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3876M IRF-IR3876M_15 Datasheet
1Mb / 21P
   12A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3802MTRPBF IRF-IR3802MTRPBF Datasheet
672Kb / 21P
   HIGHLY INTEGRATED 4A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3870MBF IRF-IR3870MBF Datasheet
1Mb / 20P
   10A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com