Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

EP2C8AT324I7N Datasheet(PDF) 56 Page - Altera Corporation

Part No. EP2C8AT324I7N
Description  Section I. Cyclone II Device Family Data Sheet
Download  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C8AT324I7N Datasheet(HTML) 56 Page - Altera Corporation

Back Button EP2C8AT324I7N Datasheet HTML 52Page - Altera Corporation EP2C8AT324I7N Datasheet HTML 53Page - Altera Corporation EP2C8AT324I7N Datasheet HTML 54Page - Altera Corporation EP2C8AT324I7N Datasheet HTML 55Page - Altera Corporation EP2C8AT324I7N Datasheet HTML 56Page - Altera Corporation EP2C8AT324I7N Datasheet HTML 57Page - Altera Corporation EP2C8AT324I7N Datasheet HTML 58Page - Altera Corporation EP2C8AT324I7N Datasheet HTML 59Page - Altera Corporation EP2C8AT324I7N Datasheet HTML 60Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 168 page
background image
2–44
Altera Corporation
Cyclone II Device Handbook, Volume 1
February 2007
I/O Structure & Features
Programmable delays can increase the register-to-pin delays for output
registers. Table 2–13 shows the programmable delays for Cyclone II
devices.
There are two paths in the IOE for an input to reach the logic array. Each
of the two paths can have a different delay. This allows you to adjust
delays from the pin to internal LE registers that reside in two different
areas of the device. You set the two combinational input delays by
selecting different delays for two different paths under the Input delay
from pin to internal cells logic
option in the Quartus II software.
However, if the pin uses the input register, one of delays is disregarded
because the IOE only has two paths to internal logic. If the input register
is used, the IOE uses one input path. The other input path is then
available for the combinational path, and only one input delay
assignment is applied.
The IOE registers in each I/O block share the same source for clear or
preset. You can program preset or clear for each individual IOE, but both
features cannot be used simultaneously. You can also program the
registers to power up high or low after configuration is complete. If
programmed to power up low, an asynchronous clear can control the
registers. If programmed to power up high, an asynchronous preset can
control the registers. This feature prevents the inadvertent activation of
another device’s active-low input upon power up. If one register in an
IOE uses a preset or clear signal then all registers in the IOE must use that
same signal if they require preset or clear. Additionally a synchronous
reset signal is available for the IOE registers.
External Memory Interfacing
Cyclone II devices support a broad range of external memory interfaces
such as SDR SDRAM, DDR SDRAM, DDR2 SDRAM, and QDRII SRAM
external memories. Cyclone II devices feature dedicated high-speed
interfaces that transfer data between external memory devices at up to
167 MHz/333 Mbps for DDR and DDR2 SDRAM devices and
167 MHz/667 Mbps for QDRII SRAM devices. The programmable DQS
delay chain allows you to fine tune the phase shift for the input clocks or
strobes to properly align clock edges as needed to capture data.
Table 2–13. Cyclone II Programmable Delay Chain
Programmable Delays
Quartus II Logic Option
Input pin to logic array delay
Input delay from pin to internal cells
Input pin to input register delay
Input delay from pin to input register
Output pin delay
Delay from output register to output pin


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn