Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

EP2C8AT324I7N Datasheet(PDF) 61 Page - Altera Corporation

Part No. EP2C8AT324I7N
Description  Section I. Cyclone II Device Family Data Sheet
Download  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C8AT324I7N Datasheet(HTML) 61 Page - Altera Corporation

Back Button EP2C8AT324I7N Datasheet HTML 57Page - Altera Corporation EP2C8AT324I7N Datasheet HTML 58Page - Altera Corporation EP2C8AT324I7N Datasheet HTML 59Page - Altera Corporation EP2C8AT324I7N Datasheet HTML 60Page - Altera Corporation EP2C8AT324I7N Datasheet HTML 61Page - Altera Corporation EP2C8AT324I7N Datasheet HTML 62Page - Altera Corporation EP2C8AT324I7N Datasheet HTML 63Page - Altera Corporation EP2C8AT324I7N Datasheet HTML 64Page - Altera Corporation EP2C8AT324I7N Datasheet HTML 65Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 168 page
background image
Altera Corporation
2–49
February 2007
Cyclone II Device Handbook, Volume 1
Cyclone II Architecture
Programmable Drive Strength
The output buffer for each Cyclone II device I/O pin has a programmable
drive strength control for certain I/O standards. The LVTTL, LVCMOS,
SSTL-2 class I and II, SSTL-18 class I and II, HSTL-18 class I and II, and
HSTL-1.5 class I and II standards have several levels of drive strength that
you can control. Using minimum settings provides signal slew rate
control to reduce system noise and signal overshoot. Table 2–16 shows
the possible settings for the I/O standards with drive strength control.
Table 2–16. Programmable Drive Strength (Part 1 of 2)
Note (1)
I/O Standard
IOH/IOL Current Strength Setting (mA)
Top & Bottom I/O Pins
Side I/O Pins
LVTTL (3.3 V)
4
4
88
12
12
16
16
20
20
24
24
LVCMOS (3.3 V)
4
4
88
12
12
16
20
24
LVTTL/LVCMOS (2.5 V)
4
4
88
12
16
LVTTL/LVCMOS (1.8 V)
2
2
44
66
88
10
10
12
12


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn