Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

EP2C8AT324I7N Datasheet(PDF) 64 Page - Altera Corporation

Part No. EP2C8AT324I7N
Description  Section I. Cyclone II Device Family Data Sheet
Download  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C8AT324I7N Datasheet(HTML) 64 Page - Altera Corporation

Back Button EP2C8AT324I7N Datasheet HTML 60Page - Altera Corporation EP2C8AT324I7N Datasheet HTML 61Page - Altera Corporation EP2C8AT324I7N Datasheet HTML 62Page - Altera Corporation EP2C8AT324I7N Datasheet HTML 63Page - Altera Corporation EP2C8AT324I7N Datasheet HTML 64Page - Altera Corporation EP2C8AT324I7N Datasheet HTML 65Page - Altera Corporation EP2C8AT324I7N Datasheet HTML 66Page - Altera Corporation EP2C8AT324I7N Datasheet HTML 67Page - Altera Corporation EP2C8AT324I7N Datasheet HTML 68Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 168 page
background image
2–52
Altera Corporation
Cyclone II Device Handbook, Volume 1
February 2007
I/O Structure & Features
Advanced I/O Standard Support
Table 2–17 shows the I/O standards supported by Cyclone II devices and
which I/O pins support them.
Table 2–17. Cyclone II Supported I/O Standards & Constraints (Part 1 of 2)
I/O Standard
Type
VCCIO Level
Top & Bottom
I/O Pins
Side I/O Pins
Input
Output
CLK,
DQS
User I/O
Pins
CLK,
DQS
PLL_OUT
User I/O
Pins
3.3-V LVTTL and LVCMOS
(1)
Single ended
3.3 V/
2.5 V
3.3 V
vvv
v
v
2.5-V LVTTL and LVCMOS
Single ended
3.3 V/
2.5 V
2.5 V
vvv
v
v
1.8-V LVTTL and LVCMOS
Single ended
1.8 V/
1.5 V
1.8 V
vvv
v
v
1.5-V LVCMOS
Single ended
1.8 V/
1.5 V
1.5 V
vvv
v
v
SSTL-2 class I
Voltage
referenced
2.5 V
2.5 V
vvv
v
v
SSTL-2 class II
Voltage
referenced
2.5 V
2.5 V
vvv
v
v
SSTL-18 class I
Voltage
referenced
1.8 V
1.8 V
vvv
v
v
SSTL-18 class II
Voltage
referenced
1.8 V
1.8 V
vv
(2)
(2)
(2)
HSTL-18 class I
Voltage
referenced
1.8 V
1.8 V
vvv
v
v
HSTL-18 class II
Voltage
referenced
1.8 V
1.8 V
vv
(2)
(2)
(2)
HSTL-15 class I
Voltage
referenced
1.5 V
1.5 V
vvv
v
v
HSTL-15 class II
Voltage
referenced
1.5 V
1.5 V
vv
(2)
(2)
(2)
PCI and PCI-X (1) (3)
Single ended
3.3 V
3.3 V
vv
v
Differential SSTL-2 class I or
class II
Pseudo
differential (4)
(5)
2.5 V
v
2.5 V
(5)
v
(6)
v
(6)
Differential SSTL-18 class I
or class II
Pseudo
differential (4)
(5)
1.8 V
v (7)
1.8 V
(5)
v
(6)
v
(6)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn