Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

EP2C8AT324I7N Datasheet(PDF) 70 Page - Altera Corporation

Part No. EP2C8AT324I7N
Description  Section I. Cyclone II Device Family Data Sheet
Download  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C8AT324I7N Datasheet(HTML) 70 Page - Altera Corporation

Back Button EP2C8AT324I7N Datasheet HTML 66Page - Altera Corporation EP2C8AT324I7N Datasheet HTML 67Page - Altera Corporation EP2C8AT324I7N Datasheet HTML 68Page - Altera Corporation EP2C8AT324I7N Datasheet HTML 69Page - Altera Corporation EP2C8AT324I7N Datasheet HTML 70Page - Altera Corporation EP2C8AT324I7N Datasheet HTML 71Page - Altera Corporation EP2C8AT324I7N Datasheet HTML 72Page - Altera Corporation EP2C8AT324I7N Datasheet HTML 73Page - Altera Corporation EP2C8AT324I7N Datasheet HTML 74Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 168 page
background image
2–58
Altera Corporation
Cyclone II Device Handbook, Volume 1
February 2007
I/O Structure & Features
Figure 2–28. EP2C5 & EP2C8 I/O Banks
Notes (1), (2)
Notes to Figure 2–28:
(1)
This is a top view of the silicon die.
(2)
This is a graphic representation only. Refer to the pin list and the Quartus II software for exact pin locations.
(3)
The LVPECL I/O standard is only supported on clock input pins. This I/O standard is not supported on output
pins.
(4)
The differential SSTL-18 and SSTL-2 I/O standards are only supported on clock input pins and PLL output clock
pins.
(5)
The differential 1.8-V and 1.5-V HSTL I/O standards are only supported on clock input pins and PLL output clock
pins.
I/O Bank 2
I/O Bank 3
I/O Bank 4
I/O Bank 1
All I/O Banks Support
3.3-V LVTTL/LVCMOS
2.5-V LVTTL/LVCMOS
1.8-V LVTTL/LVCMOS
1.5-V LVCMOS
LVDS
RSDS
mini-LVDS
LVPECL (3)
SSTL-2 Class I and II
SSTL-18 Class I
HSTL-18 Class I
HSTL-15 Class I
Differential SSTL-2 (4)
Differential SSTL-18 (4)
Differential HSTL-18 (5)
Differential HSTL-15 (5)
I/O Bank 3
Also Supports the
3.3-V PCI & PCI-X
I/O Standards
I/O Bank 1
Also Supports the
3.3-V PCI & PCI-X
I/O Standards
Individual
Power Bus
I/O Bank 2 Also Supports
the SSTL-18 Class II,
HSTL-18 Class II, & HSTL-15
Class II I/O Standards
I/O Bank 4 Also Supports
the SSTL-18 Class II,
HSTL-18 Class II, & HSTL-15
Class II I/O Standards


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn