Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

EP2C8AT324I7N Datasheet(PDF) 77 Page - Altera Corporation

Part No. EP2C8AT324I7N
Description  Section I. Cyclone II Device Family Data Sheet
Download  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C8AT324I7N Datasheet(HTML) 77 Page - Altera Corporation

Back Button EP2C8AT324I7N Datasheet HTML 73Page - Altera Corporation EP2C8AT324I7N Datasheet HTML 74Page - Altera Corporation EP2C8AT324I7N Datasheet HTML 75Page - Altera Corporation EP2C8AT324I7N Datasheet HTML 76Page - Altera Corporation EP2C8AT324I7N Datasheet HTML 77Page - Altera Corporation EP2C8AT324I7N Datasheet HTML 78Page - Altera Corporation EP2C8AT324I7N Datasheet HTML 79Page - Altera Corporation EP2C8AT324I7N Datasheet HTML 80Page - Altera Corporation EP2C8AT324I7N Datasheet HTML 81Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 168 page
background image
Altera Corporation
3–3
February 2007
Cyclone II Device Handbook, Volume 1
Configuration & Testing
The Quartus II software has an Auto Usercode feature where you can
choose to use the checksum value of a programming file as the JTAG user
code. If selected, the checksum is automatically loaded to the
USERCODE
register. In the Settings dialog box in the Assignments menu, click Device
& Pin Options
, then General, and then turn on the Auto Usercode
option
.
CONFIG_IO
00 0000 1101
Allows configuration of I/O standards through the JTAG chain for
JTAG testing. Can be executed before, after, or during
configuration. Stops configuration if executed during configuration.
Once issued, the
CONFIG_IO instruction holds nSTATUS low to
reset the configuration device.
nSTATUS is held low until the
device is reconfigured.
SignalTap II
instructions
Monitors internal device operation with the SignalTap II embedded
logic analyzer.
Note to Table 3–1:
(1)
Bus hold and weak pull-up resistor features override the high-impedance state of
HIGHZ, CLAMP, and EXTEST.
Table 3–1. Cyclone II JTAG Instructions (Part 2 of 2)
JTAG Instruction
Instruction Code
Description


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn