Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

EP2C8AT324I7N Datasheet(PDF) 81 Page - Altera Corporation

Part No. EP2C8AT324I7N
Description  Section I. Cyclone II Device Family Data Sheet
Download  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C8AT324I7N Datasheet(HTML) 81 Page - Altera Corporation

Back Button EP2C8AT324I7N Datasheet HTML 77Page - Altera Corporation EP2C8AT324I7N Datasheet HTML 78Page - Altera Corporation EP2C8AT324I7N Datasheet HTML 79Page - Altera Corporation EP2C8AT324I7N Datasheet HTML 80Page - Altera Corporation EP2C8AT324I7N Datasheet HTML 81Page - Altera Corporation EP2C8AT324I7N Datasheet HTML 82Page - Altera Corporation EP2C8AT324I7N Datasheet HTML 83Page - Altera Corporation EP2C8AT324I7N Datasheet HTML 84Page - Altera Corporation EP2C8AT324I7N Datasheet HTML 85Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 168 page
background image
Altera Corporation
3–7
February 2007
Cyclone II Device Handbook, Volume 1
Configuration & Testing
Cyclone II
Automated
Single Event
Upset Detection
Cyclone II devices offer on-chip circuitry for automated checking of
single event upset (SEU) detection. Some applications that require the
device to operate error free at high elevations or in close proximity to
earth’s North or South Pole require periodic checks to ensure continued
data integrity. The error detection cyclic redundancy code (CRC) feature
controlled by the Device & Pin Options dialog box in the Quartus II
software uses a 32-bit CRC circuit to ensure data reliability and is one of
the best options for mitigating SEU.
You can implement the error detection CRC feature with existing circuitry
in Cyclone II devices, eliminating the need for external logic. For
Cyclone II devices, the CRC is pre-computed by Quartus II software and
then sent to the device as part of the POF file header. The
CRC_ERROR pin
reports a soft error when configuration SRAM data is corrupted,
indicating to the user to preform a device reconfiguration.
Custom-Built Circuitry
Dedicated circuitry in the Cyclone II devices performs error detection
automatically. This error detection circuitry in Cyclone II devices
constantly checks for errors in the configuration SRAM cells while the
device is in user mode. You can monitor one external pin for the error and
use it to trigger a re-configuration cycle. You can select the desired time
between checks by adjusting a built-in clock divider.
Software Interface
In the Quartus II software version 4.1 and later, you can turn on the
automated error detection CRC feature in the Device & Pin Options
dialog box. This dialog box allows you to enable the feature and set the
internal frequency of the CRC checker between 400 kHz to 80 MHz. This
controls the rate that the CRC circuitry verifies the internal configuration
SRAM bits in the FPGA device.
f
For more information on CRC, refer to AN: 357 Error Detection Using CRC
in Altera FPGAs.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn