Electronic Components Datasheet Search |
|
EP2C8AT324I7N Datasheet(PDF) 93 Page - Altera Corporation |
|
EP2C8AT324I7N Datasheet(HTML) 93 Page - Altera Corporation |
93 / 168 page Altera Corporation 5–3 February 2008 Cyclone II Device Handbook, Volume 1 DC Characteristics and Timing Specifications Table 5–3. DC Characteristics for User I/O, Dual-Purpose, and Dedicated Pins (Part 1 of 2) Symbol Parameter Conditions Minimum Typical Maximum Unit VIN Input voltage (1), (2) –0.5 — 4.0 V Ii Input pin leakage current VIN = VCCIOmax to 0 V (3) –10 — 10 μA VOUT Output voltage — 0 — VCCIO V IOZ Tri-stated I/O pin leakage current VOUT = VCCIOmax to 0 V (3) –10 — 10 μA ICCINT0 VCCINT supply current (standby) VIN = ground, no load, no toggling inputs TJ = 25° C Nominal VCCINT EP2C5/A — 0.010 (4) A EP2C8/A — 0.017 (4) A EP2C15A — 0.037 (4) A EP2C20/A — 0.037 (4) A EP2C35 — 0.066 (4) A EP2C50 — 0.101 (4) A EP2C70 — 0.141 (4) A ICCIO0 VCCIO supply current (standby) VIN = ground, no load, no toggling inputs TJ = 25° C VCCIO = 2.5 V EP2C5/A — 0.7 (4) mA EP2C8/A — 0.8 (4) mA EP2C15A — 0.9 (4) mA EP2C20/A — 0.9 (4) mA EP2C35 — 1.3 (4) mA EP2C50 — 1.3 (4) mA EP2C70 — 1.7 (4) mA |
Similar Part No. - EP2C8AT324I7N |
|
Similar Description - EP2C8AT324I7N |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |