Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

EP2C8AT324I7N Datasheet(PDF) 100 Page - Altera Corporation

Part No. EP2C8AT324I7N
Description  Section I. Cyclone II Device Family Data Sheet
Download  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C8AT324I7N Datasheet(HTML) 100 Page - Altera Corporation

Back Button EP2C8AT324I7N Datasheet HTML 96Page - Altera Corporation EP2C8AT324I7N Datasheet HTML 97Page - Altera Corporation EP2C8AT324I7N Datasheet HTML 98Page - Altera Corporation EP2C8AT324I7N Datasheet HTML 99Page - Altera Corporation EP2C8AT324I7N Datasheet HTML 100Page - Altera Corporation EP2C8AT324I7N Datasheet HTML 101Page - Altera Corporation EP2C8AT324I7N Datasheet HTML 102Page - Altera Corporation EP2C8AT324I7N Datasheet HTML 103Page - Altera Corporation EP2C8AT324I7N Datasheet HTML 104Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 168 page
background image
5–10
Altera Corporation
Cyclone II Device Handbook, Volume 1
February 2008
Operating Conditions
Figure 5–2 shows the transmitter output waveforms for all supported
differential output standards (LVDS, mini-LVDS, RSDS, differential 1.5-V
HSTL class I and II, differential 1.8-V HSTL class I and II, differential
SSTL-2 class I and II, and differential SSTL-18 class I and II).
Figure 5–2. Transmitter Output Waveforms for Differential I/O Standards
Notes to Figure 5–2:
(1)
VOD is the output differential voltage. VOD = |p – n|.
(2)
VOCM is the output common mode voltage. VOCM = (p + n)/2.
(3)
The p – n waveform is a function of the positive channel (p) and the negative channel (n).
Table 5–9 shows the DC characteristics for user I/O pins with differential
I/O standards.
Single-Ended Waveform
Differential Waveform (Mathematical Function of Positive and Negative Channel)
Positive Channel (p) = VOH
Negative Channel (n) = VOL
Ground
VOD (1)
VOD (1)
VOD (1)
0 V
VOCM (2)
p
− n (3)
Table 5–9. DC Characteristics for User I/O Pins Using Differential I/O Standards Note (1) (Part 1 of 2)
I/O Standard
VOD (mV)
ΔVOD (mV)
VOCM (V)
VOH (V)
VOL (V)
Min
Typ
Max
Min Max
Min
Typ
Max
Min
Max
Min
Max
LVDS
250
600
50
1.125
1.25
1.375
mini-LVDS (2)
300
600
50
1.125
1.25
1.375
RSDS (2)
100
600
1.125
1.25
1.375
Differential 1.5-V
HSTL class I
and II (3)
———
VCCI O
– 0.4
——
0.4


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn