Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

EP2C8AT324I7N Datasheet(PDF) 33 Page - Altera Corporation

Part No. EP2C8AT324I7N
Description  Section I. Cyclone II Device Family Data Sheet
Download  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C8AT324I7N Datasheet(HTML) 33 Page - Altera Corporation

Back Button EP2C8AT324I7N Datasheet HTML 29Page - Altera Corporation EP2C8AT324I7N Datasheet HTML 30Page - Altera Corporation EP2C8AT324I7N Datasheet HTML 31Page - Altera Corporation EP2C8AT324I7N Datasheet HTML 32Page - Altera Corporation EP2C8AT324I7N Datasheet HTML 33Page - Altera Corporation EP2C8AT324I7N Datasheet HTML 34Page - Altera Corporation EP2C8AT324I7N Datasheet HTML 35Page - Altera Corporation EP2C8AT324I7N Datasheet HTML 36Page - Altera Corporation EP2C8AT324I7N Datasheet HTML 37Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 168 page
background image
Altera Corporation
2–21
February 2007
Cyclone II Device Handbook, Volume 1
Cyclone II Architecture
Global Clock Network
The 16 or 8 global clock networks drive throughout the entire device.
Dedicated clock pins (CLK[]), PLL outputs, the logic array, and
dual-purpose clock (DPCLK[]) pins can also drive the global clock
network.
The global clock network can provide clocks for all resources within the
device, such as IOEs, LEs, memory blocks, and embedded multipliers.
The global clock lines can also be used for control signals, such as clock
enables and synchronous or asynchronous clears fed from the external
pin, or DQS signals for DDR SDRAM or QDRII SRAM interfaces. Internal
logic can also drive the global clock network for internally generated
global clocks and asynchronous clears, clock enables, or other control
signals with large fan-out.
Clock Control Block
There is a clock control block for each global clock network available in
Cyclone II devices. The clock control blocks are arranged on the device
periphery and there are a maximum of 16 clock control blocks available
per Cyclone II device. The larger Cyclone II devices (EP2C15 devices and
larger) have 16 clock control blocks, four on each side of the device. The
smaller Cyclone II devices (EP2C5 and EP2C8 devices) have eight clock
control blocks, four on the left and right sides of the device.
The control block has these functions:
Dynamic global clock network clock source selection
Dynamic enable/disable of the global clock network
In Cyclone II devices, the dedicated CLK[] pins, PLL counter outputs,
DPCLK[]
pins, and internal logic can all feed the clock control block. The
output from the clock control block in turn feeds the corresponding
global clock network.
The following sources can be inputs to a given clock control block:
Four clock pins on the same side as the clock control block
Three PLL clock outputs from a PLL
Four DPCLK pins (including CDPCLK pins) on the same side as the
clock control block
Four internally-generated signals


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn