Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

EP2C8AT324I7N Datasheet(PDF) 40 Page - Altera Corporation

Part No. EP2C8AT324I7N
Description  Section I. Cyclone II Device Family Data Sheet
Download  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C8AT324I7N Datasheet(HTML) 40 Page - Altera Corporation

Back Button EP2C8AT324I7N Datasheet HTML 36Page - Altera Corporation EP2C8AT324I7N Datasheet HTML 37Page - Altera Corporation EP2C8AT324I7N Datasheet HTML 38Page - Altera Corporation EP2C8AT324I7N Datasheet HTML 39Page - Altera Corporation EP2C8AT324I7N Datasheet HTML 40Page - Altera Corporation EP2C8AT324I7N Datasheet HTML 41Page - Altera Corporation EP2C8AT324I7N Datasheet HTML 42Page - Altera Corporation EP2C8AT324I7N Datasheet HTML 43Page - Altera Corporation EP2C8AT324I7N Datasheet HTML 44Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 168 page
background image
2–28
Altera Corporation
Cyclone II Device Handbook, Volume 1
February 2007
Embedded Memory
Each M4K block can implement various types of memory with or without
parity, including true dual-port, simple dual-port, and single-port RAM,
ROM, and first-in first-out (FIFO) buffers. The M4K blocks support the
following features:
4,608 RAM bits
250-MHz performance
True dual-port memory
Simple dual-port memory
Single-port memory
Byte enable
Parity bits
Shift register
FIFO buffer
ROM
Various clock modes
Address clock enable
1
Violating the setup or hold time on the memory block address
registers could corrupt memory contents. This applies to both
read and write operations.
Table 2–5 shows the capacity and distribution of the M4K memory blocks
in each Cyclone II device.
Table 2–5. M4K Memory Capacity & Distribution in Cyclone II Devices
Device
M4K Columns
M4K Blocks
Total RAM Bits
EP2C5
2
26
119,808
EP2C8
2
36
165,888
EP2C15
2
52
239,616
EP2C20
2
52
239,616
EP2C35
3
105
483,840
EP2C50
3
129
594,432
EP2C70
5
250
1,152,000


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn