Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

EP2C8AT324I7N Datasheet(PDF) 43 Page - Altera Corporation

Part No. EP2C8AT324I7N
Description  Section I. Cyclone II Device Family Data Sheet
Download  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C8AT324I7N Datasheet(HTML) 43 Page - Altera Corporation

Back Button EP2C8AT324I7N Datasheet HTML 39Page - Altera Corporation EP2C8AT324I7N Datasheet HTML 40Page - Altera Corporation EP2C8AT324I7N Datasheet HTML 41Page - Altera Corporation EP2C8AT324I7N Datasheet HTML 42Page - Altera Corporation EP2C8AT324I7N Datasheet HTML 43Page - Altera Corporation EP2C8AT324I7N Datasheet HTML 44Page - Altera Corporation EP2C8AT324I7N Datasheet HTML 45Page - Altera Corporation EP2C8AT324I7N Datasheet HTML 46Page - Altera Corporation EP2C8AT324I7N Datasheet HTML 47Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 168 page
background image
Altera Corporation
2–31
February 2007
Cyclone II Device Handbook, Volume 1
Cyclone II Architecture
Clock Modes
Table 2–8 summarizes the different clock modes supported by the M4K
memory.
Table 2–9 shows which clock modes are supported by all M4K blocks
when configured in the different memory modes.
M4K Routing Interface
The R4, C4, and direct link interconnects from adjacent LABs drive the
M4K block local interconnect. The M4K blocks can communicate with
LABs on either the left or right side through these row resources or with
LAB columns on either the right or left with the column resources. Up to
16 direct link input connections to the M4K block are possible from the
left adjacent LAB and another 16 possible from the right adjacent LAB.
M4K block outputs can also connect to left and right LABs through each
16 direct link interconnects. Figure 2–17 shows the M4K block to logic
array interface.
Table 2–8. M4K Clock Modes
Clock Mode
Description
Independent
In this mode, a separate clock is available for each port (ports A
and B). Clock A controls all registers on the port A side, while
clock B controls all registers on the port B side.
Input/output
On each of the two ports, A or B, one clock controls all registers
for inputs into the memory block: data input, wren, and address.
The other clock controls the block’s data output registers.
Read/write
Up to two clocks are available in this mode. The write clock
controls the block’s data inputs, wraddress, and wren. The
read clock controls the data output, rdaddress, and rden.
Single
In this mode, a single clock, together with clock enable, is used to
control all registers of the memory block. Asynchronous clear
signals for the registers are not supported.
Table 2–9. Cyclone II M4K Memory Clock Modes
Clocking Modes
True Dual-Port
Mode
Simple Dual-Port
Mode
Single-Port Mode
Independent
v
Input/output
vv
v
Read/write
v
Single clock
vv
v


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn