Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CRCW06032K80FKEA Datasheet(PDF) 8 Page - International Rectifier

Part # CRCW06032K80FKEA
Description  12A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

CRCW06032K80FKEA Datasheet(HTML) 8 Page - International Rectifier

Back Button CRCW06032K80FKEA Datasheet HTML 4Page - International Rectifier CRCW06032K80FKEA Datasheet HTML 5Page - International Rectifier CRCW06032K80FKEA Datasheet HTML 6Page - International Rectifier CRCW06032K80FKEA Datasheet HTML 7Page - International Rectifier CRCW06032K80FKEA Datasheet HTML 8Page - International Rectifier CRCW06032K80FKEA Datasheet HTML 9Page - International Rectifier CRCW06032K80FKEA Datasheet HTML 10Page - International Rectifier CRCW06032K80FKEA Datasheet HTML 11Page - International Rectifier CRCW06032K80FKEA Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
8
IR3876MPBF
TYPICAL APPLICATION CIRCUIT
Demoboard Schematic: VOUT = 1.05V, Fs = 300kHz
Bill of Materials
Figure 7. Typical Application Circuit for VOUT = 1.05V, Fs = 300kHz
VOUT
TP7
TP10
EN
R9
0
VCC
TP23
+Vsws
TP24
+Vsws
+Vins
R12
open
C26
open
TP8
VOUTS
5
2
TP21
-Vsws
TP25
-Vin1s
C27
open
TP12
VSWS
5
2
TP22
+Vsws
VIN
C7
open
C8
open
C9
330uF
C10
47uF
C11
open
C1
1uF
R7
2.80K
R8
2.55K
C12
0.1uF
PGOOD
C24
open
ISET
+3.3V
TP6
PGNDS
TP14
+3.3V
IR3876
U1
IR3876
NC
1
SS
6
PGOOD
3
GND1
4
FB
5
NC1
7
ISET
2
PHASE
12
C4
0.1uF
VCC
TP4
EN
SW1
EN / FCCM
TP17
PGND
C20
0.1uF
TP26
AGND
C5
open
VSW
C21
1uF
TP11
PGOOD
L1
1.0uH
R6
open
C22
open
TP1
VINS
R4
7.87K
R3
200K
C13
open
C2
22uF
C16
open
+ C3
68uF
TP2
VIN
TP5
PGND
C14
open
C17
open
C18
open
TP16
VCC
R10
open
FB
R5
10K
C15
open
C6
open
TP18
VOLTAGE SENSE
-Vout1s
TP9
+Vout1s
R1
open
FCCM
+Vin1s
TP20
+Vin1s
+3.3V
C25
1uF
+Vdd1s
-Vdd1s
R13
open
+3.3V
TP15
-Vout1s
R14
open
TP19
FB
R11
open
TP13
SS
VSW
+Vdd2s
TP3
FCCM
SS
-Vdd2s
R2
10K
C19
open
-Vins
PGND
VOUT
C23
open
Quantity
Reference
Value
Description
Manufacturer
Part-Number
3
C1, C21, C25 1uF
CAP,CER,1.0uF,25V,X7R,0603
Murata Electronics
GRM188R71E105KA12D
1
C2
22uF
CAP,22uF,25V,CERAMIC,X5R,1210
Panasonic
ECJ-4YB1E226M
1
C3
68uF
CAP,68uF,25V,ELECT,FK,SMD
Panasonic
EEV-FK1E680P
1
C9
330uF
SP-CAP, 330uF, 2V, 4.5m
Ω, 20%
Panasonic
EEF-SX0D331E4
1
C10
47uF
CAP,CER,47uF,6.3V,X5R,0805
TDK
C2012X5R0J476M
3
C4, C12, C20 0.1uF
CAP,CER,0.1uF,50V,10%,X7R,0603
TDK
C1608X7R1H104K
1
L1
1uH
INDUCTOR, 1uH, 20A, 2.7m
Ω,SMD
CYNTEC
PIMB103E-1R0MS-39
2
R2, R5
10K
RES,10.0k
Ω,1/10W,1%,0603,SMD
Vishay/Dale
CRCW060310K0FKEA
1
R9
0
RES,0
Ω,1/10W,1%,0603,SMD
Vishay/Dale
CRCW06030000Z0EAHP
1
R3
200K
RES,200k
Ω,1/10W,1%,0603,SMD
Vishay/Dale
CRCW0603200KFKEA
1
R4
7.87K
RES,7.87k
Ω,1/10W,1%,0603,SMD
Vishay/Dale
CRCW06037K87FKEA
1
R7
2.8K
RES,2.8k
Ω,1/10W,1%,0603,SMD
Vishay/Dale
CRCW06032K80FKEA
1
R8
2.55K
RES,2.55k
Ω,1/10W,1%,0603,SMD
Vishay/Dale
CRCW06032K55FKEA
1
SW1
SPST
SWITCH, DIP, SPST, SMT
C&K Components
SD02H0SK
1
U1
IR3876 5mm x 6mm QFN
IR
IR3876MPBF


Similar Part No. - CRCW06032K80FKEA

ManufacturerPart #DatasheetDescription
logo
International Rectifier
CRCW06032K80FKEA IRF-CRCW06032K80FKEA Datasheet
1Mb / 21P
   8A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results

Similar Description - CRCW06032K80FKEA

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3800MPBF IRF-IR3800MPBF Datasheet
672Kb / 21P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3810MTR1PBF IRF-IR3810MTR1PBF Datasheet
677Kb / 21P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3820MPBF IRF-IR3820MPBF_08 Datasheet
676Kb / 21P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3876M IRF-IR3876M_15 Datasheet
1Mb / 21P
   12A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3876MBF IRF-IR3876MBF Datasheet
959Kb / 20P
   12A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3810MPBF IRF-IR3810MPBF Datasheet
39Kb / 1P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3820MPBF IRF-IR3820MPBF Datasheet
40Kb / 1P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3810MPBF IRF-IR3810MPBF_08 Datasheet
698Kb / 21P
   SupIRBuckTM HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3821MPBF IRF-IR3821MPBF Datasheet
40Kb / 1P
   HIGHLY INTEGRATED 7A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3865MPBF IRF-IR3865MPBF Datasheet
1Mb / 22P
   10A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com