Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

EP2C8AT324C8N Datasheet(PDF) 58 Page - Altera Corporation

Part No. EP2C8AT324C8N
Description  Section I. Cyclone II Device Family Data Sheet
Download  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C8AT324C8N Datasheet(HTML) 58 Page - Altera Corporation

Back Button EP2C8AT324C8N Datasheet HTML 54Page - Altera Corporation EP2C8AT324C8N Datasheet HTML 55Page - Altera Corporation EP2C8AT324C8N Datasheet HTML 56Page - Altera Corporation EP2C8AT324C8N Datasheet HTML 57Page - Altera Corporation EP2C8AT324C8N Datasheet HTML 58Page - Altera Corporation EP2C8AT324C8N Datasheet HTML 59Page - Altera Corporation EP2C8AT324C8N Datasheet HTML 60Page - Altera Corporation EP2C8AT324C8N Datasheet HTML 61Page - Altera Corporation EP2C8AT324C8N Datasheet HTML 62Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 168 page
background image
2–46
Altera Corporation
Cyclone II Device Handbook, Volume 1
February 2007
I/O Structure & Features
Figure 2–26. Cyclone II Device DQ & DQS Groups in ×8/×9 Mode
Notes (1), (2)
Notes to Figure 2–26:
(1)
Each DQ group consists of a DQS pin, DM pin, and up to nine DQ pins.
(2)
This is an idealized pin layout. For actual pin layout, refer to the pin table.
Cyclone II devices support the data strobe or read clock signal (DQS)
used in DDR and DDR2 SDRAM. Cyclone II devices can use either
bidirectional data strobes or unidirectional read clocks. The dedicated
external memory interface in Cyclone II devices also includes
programmable delay circuitry that can shift the incoming DQS signals to
center align the DQS signals within the data window.
The DQS signal is usually associated with a group of data (DQ) pins. The
phase-shifted DQS signals drive the global clock network, which is used
to clock the DQ signals on internal LE registers.
Table 2–15 shows the number of DQ pin groups per device.
DQ Pins
DQS Pin
DM Pin
DQ Pins
(2)
Table 2–15. Cyclone II DQS & DQ Bus Mode Support (Part 1 of 2)
Note (1)
Device
Package
Number of ×8
Groups
Number of ×9
Groups (5), (6)
Number of ×16
Groups
Number of ×18
Groups (5), (6)
EP2C5
144-pin TQFP (2)
3
300
208-pin PQFP
7 (3)
433
EP2C8
144-pin TQFP (2)
3
300
208-pin PQFP
7 (3)
433
256-pin FineLine BGA®
8 (3)
444
EP2C15
256-pin FineLine BGA
8
4
4
4
484-pin FineLine BGA
16 (4)
888
EP2C20
256-pin FineLine BGA
8
4
4
4
484-pin FineLine BGA
16 (4)
888


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn