Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

EP2C8AT324C8N Datasheet(PDF) 86 Page - Altera Corporation

Part No. EP2C8AT324C8N
Description  Section I. Cyclone II Device Family Data Sheet
Download  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C8AT324C8N Datasheet(HTML) 86 Page - Altera Corporation

Back Button EP2C8AT324C8N Datasheet HTML 82Page - Altera Corporation EP2C8AT324C8N Datasheet HTML 83Page - Altera Corporation EP2C8AT324C8N Datasheet HTML 84Page - Altera Corporation EP2C8AT324C8N Datasheet HTML 85Page - Altera Corporation EP2C8AT324C8N Datasheet HTML 86Page - Altera Corporation EP2C8AT324C8N Datasheet HTML 87Page - Altera Corporation EP2C8AT324C8N Datasheet HTML 88Page - Altera Corporation EP2C8AT324C8N Datasheet HTML 89Page - Altera Corporation EP2C8AT324C8N Datasheet HTML 90Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 168 page
background image
4–4
Altera Corporation
Cyclone II Device Handbook, Volume 1
February 2007
Hot-Socketing Feature Implementation in Cyclone II Devices
Figure 4–1. Hot-Socketing Circuit Block Diagram for Cyclone II Devices
The POR circuit monitors VCCINT voltage level and keeps I/O pins
tri-stated until the device is in user mode. The weak pull-up resistor (R)
from the I/O pin to VCCIO keeps the I/O pins from floating. The voltage
tolerance control circuit permits the I/O pins to be driven by 3.3 V before
VCCIO and/or VCCINT are powered, and it prevents the I/O pins from
driving out when the device is not in user mode.
f
For more information, see the DC Characteristics & Timing Specifications
chapter in Volume 1 of the Cyclone II Device Handbook for the value of the
internal weak pull-up resistors.
Figure 4–2 shows a transistor level cross section of the Cyclone II device
I/O buffers. This design ensures that the output buffers do not drive
when VCCIO is powered before VCCINT or if the I/O pad voltage is higher
than VCCIO. This also applies for sudden voltage spikes during hot
socketing. The VPAD leakage current charges the voltage tolerance control
circuit capacitance.
Output Enable
Output
Hot Socket
Output
Pre-Driver
Voltage
Tolerance
Control
Power-On
Reset
Monitor
Weak
Pull-Up
Resistor
PAD
Input Buffer
to Logic Array
R


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn