Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

EP2C8AT324C8N Datasheet(PDF) 93 Page - Altera Corporation

Part No. EP2C8AT324C8N
Description  Section I. Cyclone II Device Family Data Sheet
Download  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C8AT324C8N Datasheet(HTML) 93 Page - Altera Corporation

Back Button EP2C8AT324C8N Datasheet HTML 89Page - Altera Corporation EP2C8AT324C8N Datasheet HTML 90Page - Altera Corporation EP2C8AT324C8N Datasheet HTML 91Page - Altera Corporation EP2C8AT324C8N Datasheet HTML 92Page - Altera Corporation EP2C8AT324C8N Datasheet HTML 93Page - Altera Corporation EP2C8AT324C8N Datasheet HTML 94Page - Altera Corporation EP2C8AT324C8N Datasheet HTML 95Page - Altera Corporation EP2C8AT324C8N Datasheet HTML 96Page - Altera Corporation EP2C8AT324C8N Datasheet HTML 97Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 168 page
background image
Altera Corporation
5–3
February 2008
Cyclone II Device Handbook, Volume 1
DC Characteristics and Timing Specifications
Table 5–3. DC Characteristics for User I/O, Dual-Purpose, and Dedicated Pins (Part 1 of 2)
Symbol
Parameter
Conditions
Minimum
Typical
Maximum Unit
VIN
Input voltage
(1), (2)
–0.5
4.0
V
Ii
Input pin leakage
current
VIN = VCCIOmax to 0 V (3)
–10
10
μA
VOUT
Output voltage
0
VCCIO
V
IOZ
Tri-stated I/O pin
leakage current
VOUT = VCCIOmax to 0 V (3)
–10
10
μA
ICCINT0
VCCINT supply
current (standby)
VIN = ground,
no load, no
toggling inputs
TJ = 25° C
Nominal
VCCINT
EP2C5/A
0.010
(4)
A
EP2C8/A
0.017
(4)
A
EP2C15A
0.037
(4)
A
EP2C20/A
0.037
(4)
A
EP2C35
0.066
(4)
A
EP2C50
0.101
(4)
A
EP2C70
0.141
(4)
A
ICCIO0
VCCIO supply current
(standby)
VIN = ground,
no load, no
toggling inputs
TJ = 25° C
VCCIO = 2.5 V
EP2C5/A
0.7
(4)
mA
EP2C8/A
0.8
(4)
mA
EP2C15A
0.9
(4)
mA
EP2C20/A
0.9
(4)
mA
EP2C35
1.3
(4)
mA
EP2C50
1.3
(4)
mA
EP2C70
1.7
(4)
mA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn