Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2C8AT324C8N Datasheet(PDF) 21 Page - Altera Corporation

Part # EP2C8AT324C8N
Description  Section I. Cyclone II Device Family Data Sheet
Download  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C8AT324C8N Datasheet(HTML) 21 Page - Altera Corporation

Back Button EP2C8AT324C8N Datasheet HTML 17Page - Altera Corporation EP2C8AT324C8N Datasheet HTML 18Page - Altera Corporation EP2C8AT324C8N Datasheet HTML 19Page - Altera Corporation EP2C8AT324C8N Datasheet HTML 20Page - Altera Corporation EP2C8AT324C8N Datasheet HTML 21Page - Altera Corporation EP2C8AT324C8N Datasheet HTML 22Page - Altera Corporation EP2C8AT324C8N Datasheet HTML 23Page - Altera Corporation EP2C8AT324C8N Datasheet HTML 24Page - Altera Corporation EP2C8AT324C8N Datasheet HTML 25Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 168 page
background image
Altera Corporation
2–9
February 2007
Cyclone II Device Handbook, Volume 1
Cyclone II Architecture
This gives a maximum of seven control signals at a time. When using the
LAB-wide synchronous load, the clkena of labclk1 is not available.
Additionally, register packing and synchronous load cannot be used
simultaneously.
Each LAB can have up to four non-global control signals. Additional LAB
control signals can be used as long as they are global signals.
Synchronous clear and load signals are useful for implementing counters
and other functions. The synchronous clear and synchronous load signals
are LAB-wide signals that affect all registers in the LAB.
Each LAB can use two clocks and two clock enable signals. Each LAB’s
clock and clock enable signals are linked. For example, any LE in a
particular LAB using the labclk1 signal also uses labclkena1. If the
LAB uses both the rising and falling edges of a clock, it also uses both
LAB-wide clock signals. De-asserting the clock enable signal turns off the
LAB-wide clock.
The LAB row clocks [5..0] and LAB local interconnect generate the LAB-
wide control signals. The MultiTrackinterconnect’s inherent low skew
allows clock and control signal distribution in addition to data. Figure 2–7
shows the LAB control signal generation circuit.
Figure 2–7. LAB-Wide Control Signals
LAB-wide signals control the logic for the register’s clear signal. The LE
directly supports an asynchronous clear function. Each LAB supports up
to two asynchronous clear signals (
labclr1 and labclr2).
labclkena1
labclk2
labclk1
labclkena2
labclr1
Dedicated
LAB Row
Clocks
Local
Interconnect
Local
Interconnect
Local
Interconnect
Local
Interconnect
syncload
synclr
labclr2
6


Similar Part No. - EP2C8AT324C8N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2C8A ALTERA-EP2C8A Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
EP2C8A ALTERA-EP2C8A Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C8A15F324C6ES ALTERA-EP2C8A15F324C6ES Datasheet
2Mb / 168P
   Cyclone II Device Family
EP2C8A15F324C6N ALTERA-EP2C8A15F324C6N Datasheet
2Mb / 168P
   Cyclone II Device Family
EP2C8A15F324C7ES ALTERA-EP2C8A15F324C7ES Datasheet
2Mb / 168P
   Cyclone II Device Family
More results

Similar Description - EP2C8AT324C8N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2C20F484C6N ALTERA-EP2C20F484C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256C7N ALTERA-EP2C5F256C7N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C15AF484C7N ALTERA-EP2C15AF484C7N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256C6N ALTERA-EP2C5F256C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C8Q208C6 ALTERA-EP2C8Q208C6 Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5Q208C8N ALTERA-EP2C5Q208C8N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP1C12F256C8N ALTERA-EP1C12F256C8N Datasheet
1Mb / 106P
   Section I. Cyclone FPGA Family Data Sheet
EP2S90F1020C4 ALTERA-EP2S90F1020C4 Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2S90F1020I4N ALTERA-EP2S90F1020I4N Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2S180F1508I4 ALTERA-EP2S180F1508I4 Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com