Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2C8AT324C8N Datasheet(PDF) 32 Page - Altera Corporation

Part # EP2C8AT324C8N
Description  Section I. Cyclone II Device Family Data Sheet
Download  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C8AT324C8N Datasheet(HTML) 32 Page - Altera Corporation

Back Button EP2C8AT324C8N Datasheet HTML 28Page - Altera Corporation EP2C8AT324C8N Datasheet HTML 29Page - Altera Corporation EP2C8AT324C8N Datasheet HTML 30Page - Altera Corporation EP2C8AT324C8N Datasheet HTML 31Page - Altera Corporation EP2C8AT324C8N Datasheet HTML 32Page - Altera Corporation EP2C8AT324C8N Datasheet HTML 33Page - Altera Corporation EP2C8AT324C8N Datasheet HTML 34Page - Altera Corporation EP2C8AT324C8N Datasheet HTML 35Page - Altera Corporation EP2C8AT324C8N Datasheet HTML 36Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 168 page
background image
2–20
Altera Corporation
Cyclone II Device Handbook, Volume 1
February 2007
Global Clock Network & Phase-Locked Loops
Dedicated Clock Pins
Larger Cyclone II devices (EP2C15 and larger devices) have 16 dedicated
clock pins (CLK[15..0], four pins on each side of the device). Smaller
Cyclone II devices (EP2C5 and EP2C8 devices) have eight dedicated clock
pins (CLK[7..0], four pins on left and right sides of the device). These
CLK pins drive the global clock network (GCLK), as shown in
Figures 2–11 and 2–12.
If the dedicated clock pins are not used to feed the global clock networks,
they can be used as general-purpose input pins to feed the logic array
using the MultiTrack interconnect. However, if they are used as general-
purpose input pins, they do not have support for an I/O register and
must use LE-based registers in place of an I/O register.
Dual-Purpose Clock Pins
Cyclone II devices have either 20 dual-purpose clock pins,
DPCLK[19..0]
or 8 dual-purpose clock pins, DPCLK[7..0]. In the
larger Cyclone II devices (EP2C15 devices and higher), there are
20 DPCLK pins; four on the left and right sides and six on the top and
bottom of the device. The corner CDPCLK pins are first multiplexed before
they drive into the clock control block. Since the signals pass through a
multiplexer before feeding the clock control block, these signals incur
more delay to the clock control block than other DPCLK pins that directly
feed the clock control block. In the smaller Cyclone II devices (EP2C5 and
EP2C8 devices), there are eight DPCLK pins; two on each side of the device
(see Figures 2–11 and 2–12).
A programmable delay chain is available from the DPCLK pin to its fan-
out destinations. To set the propagation delay from the DPCLK pin to its
fan-out destinations, use the Input Delay from Dual-Purpose Clock Pin
to Fan-Out Destinations
assignment in the Quartus II software.
These dual-purpose pins can connect to the global clock network for
high-fanout control signals such as clocks, asynchronous clears, presets,
and clock enables, or protocol control signals such as TRDY and IRDY for
PCI, or DQS signals for external memory interfaces.


Similar Part No. - EP2C8AT324C8N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2C8A ALTERA-EP2C8A Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
EP2C8A ALTERA-EP2C8A Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C8A15F324C6ES ALTERA-EP2C8A15F324C6ES Datasheet
2Mb / 168P
   Cyclone II Device Family
EP2C8A15F324C6N ALTERA-EP2C8A15F324C6N Datasheet
2Mb / 168P
   Cyclone II Device Family
EP2C8A15F324C7ES ALTERA-EP2C8A15F324C7ES Datasheet
2Mb / 168P
   Cyclone II Device Family
More results

Similar Description - EP2C8AT324C8N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2C20F484C6N ALTERA-EP2C20F484C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256C7N ALTERA-EP2C5F256C7N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C15AF484C7N ALTERA-EP2C15AF484C7N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256C6N ALTERA-EP2C5F256C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C8Q208C6 ALTERA-EP2C8Q208C6 Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5Q208C8N ALTERA-EP2C5Q208C8N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP1C12F256C8N ALTERA-EP1C12F256C8N Datasheet
1Mb / 106P
   Section I. Cyclone FPGA Family Data Sheet
EP2S90F1020C4 ALTERA-EP2S90F1020C4 Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2S90F1020I4N ALTERA-EP2S90F1020I4N Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2S180F1508I4 ALTERA-EP2S180F1508I4 Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com