Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM1885C1H101JA01D Datasheet(PDF) 5 Page - International Rectifier

Part # GRM1885C1H101JA01D
Description  4A Highly Integrated SupIRBuck Single?륤nput Voltage
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

GRM1885C1H101JA01D Datasheet(HTML) 5 Page - International Rectifier

  GRM1885C1H101JA01D Datasheet HTML 1Page - International Rectifier GRM1885C1H101JA01D Datasheet HTML 2Page - International Rectifier GRM1885C1H101JA01D Datasheet HTML 3Page - International Rectifier GRM1885C1H101JA01D Datasheet HTML 4Page - International Rectifier GRM1885C1H101JA01D Datasheet HTML 5Page - International Rectifier GRM1885C1H101JA01D Datasheet HTML 6Page - International Rectifier GRM1885C1H101JA01D Datasheet HTML 7Page - International Rectifier GRM1885C1H101JA01D Datasheet HTML 8Page - International Rectifier GRM1885C1H101JA01D Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
- 5 -
JANUARY 18, 2013 |DATA SHEET |    Rev 3.5
5
IR3897 
4A Highly Integrated SupIRBuck
TM  
Single‐Input Voltage, Synchronous Buck Regulator  
PD‐97663
ABSOLUTE MAXIMUM RATINGS 
 
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are 
stress ratings only and functional operation of the device at these or any other conditions beyond those indicated in the 
operational sections of the specifications are not implied. 
 
PVin, Vin 
‐0.3V  to  25V 
Vcc/LDO_Out ‐0.3V  to  8V (Note 2) 
Boot 
‐0.3V  to  33V 
SW ‐0.3V  to  25V (DC), ‐4V to 25V (AC, 100ns) 
Boot to SW 
‐0.3V  to  VCC + 0.3V (Note 1) 
S_Ctrl, PGood ‐0.3V  to  VCC + 0.3V (Note 1) 
Other Input/Output Pins 
‐0.3V  to  +3.9V 
PGnd to Gnd ‐0.3V  to  +0.3V 
Storage Temperature Range 
‐55°C  to  150°C 
Junction Temperature Range ‐40°C  to  150°C (Note 2) 
ESD Classification (HBM JESD22‐A114) 
2kV 
Moisture Sensitivity Level 
JEDEC Level 2@260°C  
 
Note 1: Must not exceed 8V 
Note 2: Vcc must not exceed 7.5V for Junction Temperature between ‐10°C and ‐40°C 
 


Similar Part No. - GRM1885C1H101JA01D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
GRM1885C1H101JA01D IRF-GRM1885C1H101JA01D Datasheet
1Mb / 51P
   25A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
GRM1885C1H101JA01D IRF-GRM1885C1H101JA01D Datasheet
2Mb / 49P
   16A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
GRM1885C1H101JA01D IRF-GRM1885C1H101JA01D Datasheet
3Mb / 53P
   Single-Input Voltage, Synchronous Buck Regulator
GRM1885C1H101JA01D IRF-GRM1885C1H101JA01D Datasheet
1Mb / 47P
   Dual output, 4A/Phase, Highly Integrated SupIRBuck
GRM1885C1H101JA01D IRF-GRM1885C1H101JA01D Datasheet
3Mb / 51P
   Dual output, 6A/Phase, Highly Integrated SupIRBuck
More results

Similar Description - GRM1885C1H101JA01D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3894 IRF-IR3894_13 Datasheet
2Mb / 45P
   12A Highly Integrated SupIRBuck Single?륤nput Voltage
IR3891 IRF-IR3891 Datasheet
1Mb / 47P
   Dual output, 4A/Phase, Highly Integrated SupIRBuck
IR3898 IRF-IR3898_13 Datasheet
3Mb / 46P
   6A Highly Integrated SupIRBuck
IR3899 IRF-IR3899_13 Datasheet
2Mb / 45P
   9A Highly Integrated SupIRBuck Single.Input Voltage
IR3895 IRF-IR3895_13 Datasheet
2Mb / 45P
   16A Highly Integrated SupIRBuck
IR3827 IRF-IR3827 Datasheet
2Mb / 44P
   6A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
IR3447 IRF-IR3447 Datasheet
1Mb / 51P
   25A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
IR3823 IRF-IR3823 Datasheet
3Mb / 41P
   3A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
IR3847 IRF-IR3847 Datasheet
1Mb / 53P
   Single-Input Voltage, Synchronous Buck Regulator 25A Highly Integrated SupIRBuck
IR3448 IRF-IR3448 Datasheet
2Mb / 49P
   16A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com