Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP0202K Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TP0202K
Description  P-Channel 30-V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TP0202K Datasheet(HTML) 1 Page - Vishay Siliconix

  TP0202K Datasheet HTML 1Page - Vishay Siliconix TP0202K Datasheet HTML 2Page - Vishay Siliconix TP0202K Datasheet HTML 3Page - Vishay Siliconix TP0202K Datasheet HTML 4Page - Vishay Siliconix TP0202K Datasheet HTML 5Page - Vishay Siliconix TP0202K Datasheet HTML 6Page - Vishay Siliconix TP0202K Datasheet HTML 7Page - Vishay Siliconix TP0202K Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Vishay Siliconix
TP0202K
Document Number: 71609
S-83053-Rev. E, 29-Dec-08
www.vishay.com
1
P-Channel 30-V (D-S) MOSFET
FEATURES
Halogen-free According to IEC 61249-2-21
Available
TrenchFET® Power MOSFET
High-Side Switching
Low On-Resistance: 1.2
Ω (typ.)
Low Threshold: - 2 V (typ.)
Fast Swtiching Speed: 14 ns (typ.)
Low Input Capacitance: 31 pF (typ.)
2000 V ESD Protection
APPLICATIONS
Drivers: Relays, Solenoids, Lamps, Hammers, Display,
Memories, Transistors, etc.
Battery Operated Systems
Power Supply Converter Circuits
Solid-State Relays
BENEFITS
Ease in Driving Switches
Low Offset (Error) Voltage
Low-Voltage Operation
High-Speed Circuits
Easily Driven without Buffer
Notes:
a. Surface Mounted on FR4 board.
b. Pulse width limited by maximum junction temperature.
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)VGS(th) (V)
ID (mA) Qg (Typ.)
- 30
1.4 at VGS = - 10 V - 1.3 to - 3.0
- 385
1000
3.5 at VGS = - 4.5 V - 1.3 to - 3.0
- 240
Marking Code: 2Kwll
2K = Part Number Code for TP0202K
w = Week Code
ll = Lot Traceability
TO-236
(SOT-23)
Top View
2
1
S
D
G
3
Ordering Information: TP0202K-T1-E3 (Lead (Pb)-free)
TP0202K-T1-GE3 (Lead (Pb)-free and Halogen-free)
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
- 30
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
a
TA = 25 °C
ID
- 385
mA
TA = 85 °C
- 280
Pulsed Drain Currentb
IDM
- 750
Power Dissipationa
TA = 25 °C
PD
350
mW
TA = 85 °C
185
Maximum Junction-to-Ambienta
RthJA
350
°C/W
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C


Similar Part No. - TP0202K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TP0202K VISHAY-TP0202K Datasheet
62Kb / 4P
   P-Channel 30-V (D-S) MOSFET
Rev. E, 29-Dec-08
TP0202K VISHAY-TP0202K Datasheet
202Kb / 4P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 02-Jan-06
TP0202K-T1 VISHAY-TP0202K-T1 Datasheet
62Kb / 4P
   P-Channel 30-V (D-S) MOSFET
Rev. E, 29-Dec-08
TP0202K-T1-E3 VISHAY-TP0202K-T1-E3 Datasheet
62Kb / 4P
   P-Channel 30-V (D-S) MOSFET
Rev. E, 29-Dec-08
TP0202K-T1-E3 VISHAY-TP0202K-T1-E3 Datasheet
202Kb / 4P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 02-Jan-06
More results

Similar Description - TP0202K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2341DS VISHAY-SI2341DS Datasheet
43Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 11-Aug-03
SI4835BDY VISHAY-SI4835BDY_05 Datasheet
90Kb / 6P
   P-Channel 30-V (D-S) MOSFET
Rev. D, 25-Oct-0
logo
Anachip Corp
AF4407 ANACHIP-AF4407 Datasheet
263Kb / 5P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI7423DN VISHAY-SI7423DN Datasheet
173Kb / 3P
   P-Channel 30-V (D-S) MOSFET
24-May-04
SI2303ADS VISHAY-SI2303ADS Datasheet
39Kb / 4P
   P-Channel, 30-V (D-S) MOSFET
Rev. B, 29-Apr-02
SI3481DV VISHAY-SI3481DV Datasheet
67Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 16-Feb-04
logo
DinTek Semiconductor Co...
DTM4415 DINTEK-DTM4415 Datasheet
286Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4435DDY-T1-GE3 VISHAY-SI4435DDY-T1-GE3 Datasheet
279Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 18-May-09
SI7121DN VISHAY-SI7121DN Datasheet
552Kb / 13P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 23-Jun-08
SI4825DDY-T1 VISHAY-SI4825DDY-T1 Datasheet
242Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. A, 13-Oct-08
SI7129DN VISHAY-SI7129DN Datasheet
566Kb / 13P
   P-Channel 30 V (D-S) MOSFET
Rev. B, 06-Sep-10
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com