Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA3112D1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3112D1
Description  25-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA3112D1 Datasheet(HTML) 5 Page - Texas Instruments

  TPA3112D1 Datasheet HTML 1Page - Texas Instruments TPA3112D1 Datasheet HTML 2Page - Texas Instruments TPA3112D1 Datasheet HTML 3Page - Texas Instruments TPA3112D1 Datasheet HTML 4Page - Texas Instruments TPA3112D1 Datasheet HTML 5Page - Texas Instruments TPA3112D1 Datasheet HTML 6Page - Texas Instruments TPA3112D1 Datasheet HTML 7Page - Texas Instruments TPA3112D1 Datasheet HTML 8Page - Texas Instruments TPA3112D1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
TPA3112D1
www.ti.com
SLOS654C – SEPTEMBER 2009 – REVISED JULY 2012
PIN FUNCTIONS
PIN
I/O
DESCRIPTION
NAME
Pin #
Shutdown logic input for audio amp(LOW = outputs Hi-Z, HIGH = outputs enabled).
SD
1
I
TTL logic levels with compliance to AVCC.
Open drain output used to display short circuit or dc detect fault status. Voltage
compliant to AVCC. Short circuit faults can be set to auto-recovery by connecting
FAULT
2
O
FAULT pin to SD pin. Otherwise both the short circuit faults and dc detect faults
must be reset by cycling PVCC.
GND
3
Connect to local ground
GND
4
Connect to local ground
GAIN0
5
I
Gain select least significant bit. TTL logic levels with compliance to AVCC.
GAIN1
6
I
Gain select most significant bit. TTL logic levels with compliance to AVCC.
AVCC
7
P
Analog supply.
AGND
8
Analog supply ground. Connect to the thermal pad.
High-side FET gate drive supply. Nominal voltage is 7V. May also be used as
GVDD
9
O
supply for PLILMIT divider. Add a 1
μF cap to ground at this pin.
Power limit level adjust. Connect directly to GVDD pin for no power limiting. Add a
PLIMIT
10
I
1
μF cap to ground at this pin.
INN
11
I
Negative audio input. Biased at 3V.
INP
12
I
Positive audio input. Biased at 3V.
NC
13
Not connected
AVCC
14
P
Connect AVCC supply to this pin
PVCC
15
P
Power supply for H-bridge. PVCC pins are also connected internally.
PVCC
16
P
Power supply for H-bridge. PVCC pins are also connected internally.
BSP
17
I
Bootstrap I/O for positive high-side FET.
OUTP
18
O
Class-D H-bridge positive output.
PGND
19
Power ground for the H-bridges.
OUTP
20
O
Class-D H-bridge positive output.
BSP
21
I
Bootstrap I/O for positive high-side FET.
BSN
22
I
Bootstrap I/O for negative high-side FET.
OUTN
23
O
Class-D H-bridge negative output.
PGND
24
Power ground for the H-bridges.
OUTN
25
O
Class-D H-bridge negative output.
BSN
26
I
Bootstrap I/O for negative high-side FET.
PVCC
27
P
Power supply for H-bridge. PVCC pins are also connected internally.
PVCC
28
P
Power supply for H-bridge. PVCC pins are also connected internally.
Copyright © 2009–2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPA3112D1


Similar Part No. - TPA3112D1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3112D1 TI-TPA3112D1 Datasheet
935Kb / 27P
[Old version datasheet]   25-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3112D1 TI-TPA3112D1 Datasheet
843Kb / 27P
[Old version datasheet]   25-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3112D1 TI-TPA3112D1 Datasheet
845Kb / 27P
[Old version datasheet]   25-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3112D1-Q1 TI1-TPA3112D1-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   Filter-Free Mono Class-D Audio Power Amplifier
TPA3112D1-Q1 TI-TPA3112D1-Q1_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPA3112D1-Q1 25-W Filter-Free Mono Class-D Audio Power Amplifier With SpeakerGuard?
More results

Similar Description - TPA3112D1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3112D1 TI-TPA3112D1_10 Datasheet
843Kb / 27P
[Old version datasheet]   25-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3112D1_101 TI-TPA3112D1_101 Datasheet
845Kb / 27P
[Old version datasheet]   25-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3112D1 TI-TPA3112D1 Datasheet
935Kb / 27P
[Old version datasheet]   25-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3111D1 TI1-TPA3111D1_17 Datasheet
1Mb / 31P
[Old version datasheet]   10-W Filter-Free Mono Class-D Audio Power Amplifier With Speaker Guard
TPA3111D1_101 TI-TPA3111D1_101 Datasheet
840Kb / 27P
[Old version datasheet]   10-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3111D1 TI-TPA3111D1 Datasheet
922Kb / 26P
[Old version datasheet]   10-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3111D1 TI-TPA3111D1_10 Datasheet
840Kb / 28P
[Old version datasheet]   10-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3112D1-Q1 TI-TPA3112D1-Q1_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPA3112D1-Q1 25-W Filter-Free Mono Class-D Audio Power Amplifier With SpeakerGuard?
TPA3000D1 TI-TPA3000D1 Datasheet
262Kb / 19P
[Old version datasheet]   17-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1 Datasheet
415Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com