Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SHP1000PS24 Datasheet(PDF) 2 Page - XP Power Limited

Part # SHP1000PS24
Description  350-1200 Watts SHP Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

SHP1000PS24 Datasheet(HTML) 2 Page - XP Power Limited

  SHP1000PS24 Datasheet HTML 1Page - XP Power Limited SHP1000PS24 Datasheet HTML 2Page - XP Power Limited SHP1000PS24 Datasheet HTML 3Page - XP Power Limited SHP1000PS24 Datasheet HTML 4Page - XP Power Limited SHP1000PS24 Datasheet HTML 5Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SHP350
Models and Ratings
1. Dimensions shown in inches (mm).
2. Weight: 1.73 lb (0.788 kg).
3. Logic connector J3 mates with JST housing PHDR-10VS
and SPHD-001T-P0.5 Crimp Terminals
Notes
7.00 (177.8)
2.20
(55.9)
A Mounting Hole
8 places M3 x 0.5
0.15 (3.8) Max. Penetration
0.06 (1.5)
Standard Terminal Block
M4 Screw 4 Pins
0.37 (9.5) Centre
Standard Terminal Block
M3.5 Screw 3 Pins
0.37 (9.5) Centre
L
N
-VOUT
+VOUT
B
1.13
(28.72)
1.03 (26.2)
2.1 (53.34)
VR
LED
5.35 (136.0)
0.70 (17.9)
3.6
(91.44)
1.61
(41.0) -2X
2.44
(62.0)
AIRFLOW
A
A
A
A
A
A
CL
LOGIC CONNECTOR J3
DETAIL B
SCALE 2 : 1
PIN 1
PIN 9
PIN 2
PIN 10
J3 Logic Connector
(JST B10B-PHDSS)
Pin
Function
1
+ Sense
2
- Sense
3
AC OK/Power Fail
4
- Sense
5
Current Share
6
Current Share
7
+ Inhibit
8
- Inhibit
9
+5 V Standby
10
5 V Standby Return
Notes
1. Peak power available for 10 seconds with 35% duty cycle.
Mechanical Details
End Fan
Available from Farnell & element14. See pages 284-290.
^ Available from Newark. See pages 291-296
Output Voltage V1
Output Current V1
Standby Supply V2
Output Power
Model Number
Continuous
Peak
12 V
26.5 A
5 V / 0.2 A
318 W
SHP350PS12†^
15 V
22.0 A
5 V / 0.2 A
330 W
SHP350PS15†^
24 V
14.5 A
5 V / 0.2 A
348 W
417 W
SHP350PS24†^
28 V
12.5 A
5 V / 0.2 A
350 W
420 W
SHP350PS28†^
36 V
9.7 A
5 V / 0.2 A
350 W
420 W
SHP350PS36†^
48 V
7.3 A
5 V / 0.2 A
350 W
420 W
SHP350PS48†^


Similar Part No. - SHP1000PS24

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
SHP1000PS24 XPPOWER-SHP1000PS24 Datasheet
360Kb / 5P
   3501200 Watts
SHP1000PS24 XPPOWER-SHP1000PS24 Datasheet
3Mb / 26P
   420 W High Line Output Power
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com