Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TJ6713DP Datasheet(PDF) 2 Page - HTC Korea TAEJIN Technology Co.

Part # TJ6713DP
Description  1MHz, 3A Synchronous Step-Down Switching Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

TJ6713DP Datasheet(HTML) 2 Page - HTC Korea TAEJIN Technology Co.

  TJ6713DP Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. TJ6713DP Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. TJ6713DP Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. TJ6713DP Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. TJ6713DP Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. TJ6713DP Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. TJ6713DP Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. TJ6713DP Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. TJ6713DP Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
1MHz, 3A Synchronous Step-Down Switching Voltage Regulator
TJ6713
Nov. 2011 - Preliminary
- 2
-
HTC
Absolute Maximum Ratings
SYMBOL
MIN.
MAX.
UNIT
SYMBOL
MIN.
MAX.
UNIT
VIN, VCC, REF to GND
-0.3
7.0
V
Operating Temp. Range
-40
125
EN, FB to GND
-0.3
VCC+0.3
V
Junction Temp. Range
-40
125
PGND to GND
-0.3
0.3
V
Storage Temp. Range
-65
150
LX current
-3.5
3.5
A
Lead Temperature
(Soldering, 5s)
260
(1) It is recommended for VEN not to exceed VIN Voltage
ELECTRICAL CHARACTERISTICS
(Note 1)
Limits in standard typeface are for TJ=25℃. VIN=VCC=5V, PGND=GND, FB in regulation, CREF=100nF, TA=-40°C to +125°C,
unless otherwise noted. Typical values are at TA=+25°C.
PARAMETER
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Input Voltage Range
2.8
5.5
V
Supply Current
Switching with no load, LX floating
VIN=5.5V
2
5
mA
Shutdown Current
EN=GND
1
5
uA
VCC Undervoltage Lockout
Threshold
When LX starts/stops switching
VCC Rising
2.7
V
VCC Falling
2.6
REF Voltage
IREF=0, VIN=2.8V to 5V
0.8
Output Voltage Range
when using external feedback resistors to drive FB
0.8
VIN*0.9
V
Output Voltage Line Regulation
VIN = 3V to 5V
0.3
%/V
Output Voltage Load Regulation
ILOAD = 0A to 3A
0.6
%/A
FB Regulation Voltage
ILOAD = 0A to 1.5A, VIN = 2.8V to 5.5V
0.784
0.8
0.816
V
FB Input Bias Current
-0.1
0.1
uA
LX On-Resistance, PMOS
VIN = 5V
130
LX On-Resistance, NMOS
VIN = 5V
160
LX Current-Limit Threshold
Duty cycle = 90%, VIN=2.8V to 5.5V
High side
4.1
4.8
A
Low side
0
A
LX Leakage Current
VIN=5.5V
VLX=5.5V
10
uA
VLX=GND
-10
uA
LX Switching Frequency
VIN = 2.8V to 5.5V
0.85
1
1.15
MHz
LX Maximum Duty Cycle
VFB=GND, LX=High-Z, VIN=2.8V to 5.5V
90
%
LX Minimum Duty Cycle
VFB=VIN, VIN=2.8V to 5.5V
10
%
Output Variation by Temperature
Temp = 25 to 160
3
%
Thermal-Shutdown Threshold
1)
When LX starts/stops switching
TJ rising
160
°
C
TJ falling
145
°
C
EN Enable Threshold
Logic High
1.7
V
Logic Low
1.3
V
Note 1). Guaranteed by design, Not tested


Similar Part No. - TJ6713DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TJ6 VISHAY-TJ6 Datasheet
353Kb / 8P
   Inductors Toroid, High Current
Revision: 18-Apr-06
TJ6 VISHAY-TJ6 Datasheet
112Kb / 8P
   Inductors, Toroid, High Current, Radial Leaded
01-Jan-2022
logo
Toshiba Semiconductor
TJ60S04M3L TOSHIBA-TJ60S04M3L Datasheet
246Kb / 9P
   Automotive Motor Drivers DC-DC Converters Switching Voltage Regulators
TJ60S04M3L TOSHIBA-TJ60S04M3L Datasheet
263Kb / 9P
   Silicon P-Channel MOS (U-MOS)
2020-06-24 Rev.7.0
TJ60S04M3L TOSHIBA-TJ60S04M3L_V01 Datasheet
263Kb / 9P
   Silicon P-Channel MOS (U-MOS)
2020-06-24 Rev.7.0
More results

Similar Description - TJ6713DP

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5719C GMT-G5719C Datasheet
81Kb / 1P
   1MHz, 3A Synchronous Step-Down Regulator
logo
Feeling Technology Corp...
FP6173 FEELING-FP6173 Datasheet
380Kb / 13P
   1MHz, 3A Synchronous Step-Down Regulator
logo
Global Mixed-mode Techn...
G5719B GMT-G5719B Datasheet
73Kb / 1P
   1MHz, 3A Synchronous Step-Down Regulator
logo
Fitipower Integrated Te...
FP6373A FITIPOWER-FP6373A Datasheet
1Mb / 13P
   High Efficiency 1MHz 3A Synchronous Step Down Regulator
logo
Richtek Technology Corp...
RT8068A RICHTEK-RT8068A Datasheet
255Kb / 13P
   3A, 1MHz, Synchronous Step-Down Converter
RT5771A RICHTEK-RT5771A Datasheet
176Kb / 13P
   3A, 1MHz, Synchronous Step-Down Converter
June 2019
RT8061A RICHTEK-RT8061A Datasheet
195Kb / 12P
   3A, 1MHz, Synchronous Step-Down Converter
RT8089A RICHTEK-RT8089A Datasheet
210Kb / 15P
   3A, 1MHz, Synchronous Step-Down Converter
logo
Eutech Microelectronics...
EUP3475A EUTECH-EUP3475A Datasheet
160Kb / 1P
   3A, 28V, 1MHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP2249 MPS-MP2249 Datasheet
404Kb / 12P
   1MHz, 6V, 3A, Low-Voltage Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com