Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD101 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD101
Description  Check for Samples: SN65HVD101, SN65HVD102
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD101 Datasheet(HTML) 4 Page - Texas Instruments

  SN65HVD101 Datasheet HTML 1Page - Texas Instruments SN65HVD101 Datasheet HTML 2Page - Texas Instruments SN65HVD101 Datasheet HTML 3Page - Texas Instruments SN65HVD101 Datasheet HTML 4Page - Texas Instruments SN65HVD101 Datasheet HTML 5Page - Texas Instruments SN65HVD101 Datasheet HTML 6Page - Texas Instruments SN65HVD101 Datasheet HTML 7Page - Texas Instruments SN65HVD101 Datasheet HTML 8Page - Texas Instruments SN65HVD101 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
SN65HVD101
SN65HVD102
SLLSE84A – MAY 2011 – REVISED MARCH 2013
www.ti.com
Table 5. Temperature Indicator Function
Internal Temperature
Overtemp (Internal)
TEMP_OK
Comment
T < TWARN
not overtemp
Z
Normal operation
TWARN < T↑ < TSD
not overtemp
L
Temperature warning
TSD < T
overtemp disable
L
Overtemp disable
TWARN < T↓ < TRE
not overtemp
L
Temperature recovery
Table 6. Power Supply Indicator Function
VL+
VCC
PWR_OK
Comment
VL+ < VPG1
VPOR2 < VCC < VPG2
L
Both supplies too low
VPG1 < VL+
VPOR2 < VCC < VPG2
L
VCC too low
VL+ < VPG1
VPG2 < VCC
L
VL+ too low
VPG1 < VL+
VPG2 < VCC
Z
Both supplies correct
THERMAL INFORMATION
SN65HVD10x
THERMAL METRIC(1)
RGB PACKAGE
UNITS
20 PINS
θJA
Junction-to-ambient thermal resistance
33.8
θJCtop
Junction-to-case (top) thermal resistance
36.6
θJB
Junction-to-board thermal resistance
10.3
°C/W
ψJT
Junction-to-top characterization parameter
0.4
ψJB
Junction-to-board characterization parameter
10.3
θJCbot
Junction-to-case (bottom) thermal resistance
2.3
TSTG
Storage temperature
65 to 150
°C
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
MIN
MAX
Line voltage – steady state
–40
+40(2) (3)
V
L+, CQ
Line Voltage – transient, pulse width <100us
+50
V
VCC
Supply voltage
–0.3
6
V
V
TX, EN, VCC_SET, ILIMADJ,
Input voltage
–0.3
6
V
RX, CUR_OK, WAKE,
Output voltage
–0.3
6
V
PWR_OK
RX, CUR_OK, WAKE,
IO
Output current
TBD
mA
PWR_OK
Tstg
Storage temperature
–65
150
°C
TJ
Die temperature
180
°C
ESD
HBM (all pins)
2
kV
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with reference to the GND pin, unless otherwise specified.
(3)
GND pin and L- line should be at the same DC potential
4
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: SN65HVD101 SN65HVD102


Similar Part No. - SN65HVD101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD101 TI1-SN65HVD101 Datasheet
105Kb / 4P
[Old version datasheet]   IO-LINK PHY for Device Nodes
SN65HVD101 TI1-SN65HVD101 Datasheet
1Mb / 30P
[Old version datasheet]   IO-Link PHY for Device Nodes
SN65HVD101RGBR TI1-SN65HVD101RGBR Datasheet
1Mb / 30P
[Old version datasheet]   IO-Link PHY for Device Nodes
SN65HVD101RGBT TI1-SN65HVD101RGBT Datasheet
1Mb / 30P
[Old version datasheet]   IO-Link PHY for Device Nodes
SN65HVD101RTJ TI1-SN65HVD101RTJ Datasheet
105Kb / 4P
[Old version datasheet]   IO-LINK PHY for Device Nodes
More results

Similar Description - SN65HVD101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA8424 TI-TCA8424 Datasheet
925Kb / 30P
[Old version datasheet]   Check for Samples: TCA8424
TAS5760M TI-TAS5760M Datasheet
1Mb / 66P
[Old version datasheet]   Check for Samples: TAS5760M
TAS5760MD TI-TAS5760MD Datasheet
1Mb / 64P
[Old version datasheet]   Check for Samples: TAS5760MD
TAS5760L TI-TAS5760L Datasheet
1Mb / 57P
[Old version datasheet]   Check for Samples: TAS5760L
TLV320AIC3263 TI-TLV320AIC3263 Datasheet
1Mb / 62P
[Old version datasheet]   Check for Samples: TLV320AIC3263
TLV713P TI-TLV713P Datasheet
1Mb / 26P
[Old version datasheet]   Check for Samples: TLV713, TLV713P
LP8340 TI1-LP8340 Datasheet
1Mb / 18P
[Old version datasheet]   LP8340 Low Dropout, Low IQ, 1.0A CMOS Linear Regulator Check for Samples: LP8340
OPA170-DIE TI-OPA170-DIE Datasheet
60Kb / 5P
[Old version datasheet]   SINGLE-SUPPLY, LOW-POWER OPERATIONAL AMPLIFIER VALUE LINE SERIES Check for Samples: OPA170-DIE
logo
PHOENIX CONTACT
2746951 PHOENIX-2746951 Datasheet
178Kb / 4P
   Samples - IBS CHIP-MUSTER/...
Dec 6, 2022
logo
Motorola, Inc
MC92307 MOTOROLA-MC92307 Datasheet
121Kb / 10P
   2K - Samples FFT-Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com