Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD101 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD101
Description  Check for Samples: SN65HVD101, SN65HVD102
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD101 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN65HVD101 Datasheet HTML 7Page - Texas Instruments SN65HVD101 Datasheet HTML 8Page - Texas Instruments SN65HVD101 Datasheet HTML 9Page - Texas Instruments SN65HVD101 Datasheet HTML 10Page - Texas Instruments SN65HVD101 Datasheet HTML 11Page - Texas Instruments SN65HVD101 Datasheet HTML 12Page - Texas Instruments SN65HVD101 Datasheet HTML 13Page - Texas Instruments SN65HVD101 Datasheet HTML 14Page - Texas Instruments SN65HVD101 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Receive
Only
CUR_OK = Z
WAKE = Z
Driver is OFF
Receive and
Transmit
CUR_OK = Z
WAKE = Z
Driver is ON
EN*
EN
Wake
WAKE = L
CUR_OK = Z
Driver is ON
CQ at ILIM for t WU1< t < tWU2
and RX•7;
EN*
Current
Fault
WAKE = Z
CUR_OK = L
Driver is ON
EN*
CQ at ILIM for
longer than tWU2
Thermal
Shutdown
CUR_OK =Z
WAKE = Z
Driver is OFF
T > TSD
T < TRE
CQ NOT at ILIM
T > TSD
T > TSD
T > TSD
CQ at ILIM for
longer than tWU2
SN65HVD101
SN65HVD102
www.ti.com
SLLSE84A – MAY 2011 – REVISED MARCH 2013
Figure 8. State Diagram
Over Temperature detection
If the internal temperature of the device exceeds the over-temperature threshold (
θTSD), then the CQ driver and
voltage regulator (HVD101) will be internally disabled. When the temperature falls below the temperature
threshold the internal circuit re-enables the voltage regulator (HVD101) and the output driver, subject to the state
of the EN and TX pins.
CQ Current Limit Adjustment
The CQ driver output current limit can be set using an external resistor on the LIMADJ pin. The current limit is
given by:
I(LIM) = I_Ref × KSET space where I_Ref = VREF / (RINT + RSET)
Note that both the positive and negative current limits are set by a single resistor value. If no RSET is used
(LIMADJ is tied directly to GND) then the current limit is set to the maximum value of 400 mA.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: SN65HVD101 SN65HVD102


Similar Part No. - SN65HVD101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD101 TI1-SN65HVD101 Datasheet
105Kb / 4P
[Old version datasheet]   IO-LINK PHY for Device Nodes
SN65HVD101 TI1-SN65HVD101 Datasheet
1Mb / 30P
[Old version datasheet]   IO-Link PHY for Device Nodes
SN65HVD101RGBR TI1-SN65HVD101RGBR Datasheet
1Mb / 30P
[Old version datasheet]   IO-Link PHY for Device Nodes
SN65HVD101RGBT TI1-SN65HVD101RGBT Datasheet
1Mb / 30P
[Old version datasheet]   IO-Link PHY for Device Nodes
SN65HVD101RTJ TI1-SN65HVD101RTJ Datasheet
105Kb / 4P
[Old version datasheet]   IO-LINK PHY for Device Nodes
More results

Similar Description - SN65HVD101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA8424 TI-TCA8424 Datasheet
925Kb / 30P
[Old version datasheet]   Check for Samples: TCA8424
TAS5760M TI-TAS5760M Datasheet
1Mb / 66P
[Old version datasheet]   Check for Samples: TAS5760M
TAS5760MD TI-TAS5760MD Datasheet
1Mb / 64P
[Old version datasheet]   Check for Samples: TAS5760MD
TAS5760L TI-TAS5760L Datasheet
1Mb / 57P
[Old version datasheet]   Check for Samples: TAS5760L
TLV320AIC3263 TI-TLV320AIC3263 Datasheet
1Mb / 62P
[Old version datasheet]   Check for Samples: TLV320AIC3263
TLV713P TI-TLV713P Datasheet
1Mb / 26P
[Old version datasheet]   Check for Samples: TLV713, TLV713P
LP8340 TI1-LP8340 Datasheet
1Mb / 18P
[Old version datasheet]   LP8340 Low Dropout, Low IQ, 1.0A CMOS Linear Regulator Check for Samples: LP8340
OPA170-DIE TI-OPA170-DIE Datasheet
60Kb / 5P
[Old version datasheet]   SINGLE-SUPPLY, LOW-POWER OPERATIONAL AMPLIFIER VALUE LINE SERIES Check for Samples: OPA170-DIE
logo
PHOENIX CONTACT
2746951 PHOENIX-2746951 Datasheet
178Kb / 4P
   Samples - IBS CHIP-MUSTER/...
Dec 6, 2022
logo
Motorola, Inc
MC92307 MOTOROLA-MC92307 Datasheet
121Kb / 10P
   2K - Samples FFT-Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com