Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5760MD Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5760MD
Description  Check for Samples: TAS5760MD
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5760MD Datasheet(HTML) 2 Page - Texas Instruments

  TAS5760MD Datasheet HTML 1Page - Texas Instruments TAS5760MD Datasheet HTML 2Page - Texas Instruments TAS5760MD Datasheet HTML 3Page - Texas Instruments TAS5760MD Datasheet HTML 4Page - Texas Instruments TAS5760MD Datasheet HTML 5Page - Texas Instruments TAS5760MD Datasheet HTML 6Page - Texas Instruments TAS5760MD Datasheet HTML 7Page - Texas Instruments TAS5760MD Datasheet HTML 8Page - Texas Instruments TAS5760MD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 64 page
background image
TAS5760MD
SLOS741B – MAY 2013 – REVISED JULY 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
DESCRIPTION
The TAS5760MD is a stereo I2S input device which includes hardware and software (I²C) control modes,
integrated digital clipper, several gain options, and a wide power supply operating range to enable use in a
multitude of applications. The TAS5760MD operates with a nominal supply voltage from 4.5 to 24 VDC. The
device has an integrated DirectPath™ headphone amplifier / line driver to increase system level integration and
reduce total solution costs.
An optimal mix of thermal performance and device cost is provided in the 120 m
Ω RDS(ON) of the output
MOSFETs. Additionally, a thermally enhanced 48-Pin TSSOP provides excellent operation in the elevated
ambient temperatures found in modern consumer electronic devices.
The entire TAS5760xx family is pin to pin compatible in the 48-Pin TSSOP package. Alternatively, to achieve the
smallest possible solutions size for applications where pin to pin compatibility and a headphone or line driver are
not required, a 32-Pin TSSOP package is offered for the TAS5760M and TAS5760L devices. The I2C register
map in all of the TAS5760xx family is identical, to ensure low development overhead when choosing between
devices based upon system level requirements.
TAS5760xx FAMILY INFORMATION
Device
Description
Package
Flexible, general purpose I²S input class D Amplifier with
48 Pin, 0.5mm Lead-Pitch, Pad-down TSSOP
TAS5760MDDCA
integrated headphone / line driver and integrated digital clipper,
(DCA)
which supports PVDD levels
≤ 24 V
TAS5760MDCA
48 Pin, 0.5mm Lead-Pitch, Pad-down TSSOP
(DCA)
Flexible, general purpose I²S input class D Amplifier with
integrated digital clipper, which supports PVDD levels
≤ 24 V
TAS5760MDAP
32 Pin, 0.65mm Lead Pitch, Pad-down TSSOP
(DAP)
Flexible, general purpose I²S input class D Amplifier with
48 Pin, 0.5mm Lead-Pitch, Pad-down TSSOP
TAS5760LDDCA
integrated headphone / line driver and integrated digital clipper,
(DCA)
which supports PVDD levels
≤ 15V
TAS5760LDCA
48 Pin, 0.5mm Lead-Pitch, Pad-down TSSOP
(DCA)
Flexible, general purpose I²S input class D Amplifier with
integrated digital clipper, which supports PVDD levels
≤ 15V
TAS5760LDAP
32 Pin, 0.65mm Lead Pitch, Pad-down TSSOP
(DAP)
2
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TAS5760MD


Similar Part No. - TAS5760MD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5760MD TI1-TAS5760MD Datasheet
1Mb / 72P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760MDAP TI1-TAS5760MDAP Datasheet
1Mb / 84P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760MDAPR TI1-TAS5760MDAPR Datasheet
1Mb / 84P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760MDCA TI1-TAS5760MDCA Datasheet
1Mb / 84P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760MDCAR TI1-TAS5760MDCAR Datasheet
1Mb / 84P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
More results

Similar Description - TAS5760MD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA8424 TI-TCA8424 Datasheet
925Kb / 30P
[Old version datasheet]   Check for Samples: TCA8424
TAS5760M TI-TAS5760M Datasheet
1Mb / 66P
[Old version datasheet]   Check for Samples: TAS5760M
TAS5760L TI-TAS5760L Datasheet
1Mb / 57P
[Old version datasheet]   Check for Samples: TAS5760L
TLV320AIC3263 TI-TLV320AIC3263 Datasheet
1Mb / 62P
[Old version datasheet]   Check for Samples: TLV320AIC3263
SN65HVD102 TI-SN65HVD102 Datasheet
920Kb / 23P
[Old version datasheet]   Check for Samples: SN65HVD101, SN65HVD102
TLV713P TI-TLV713P Datasheet
1Mb / 26P
[Old version datasheet]   Check for Samples: TLV713, TLV713P
LP8340 TI1-LP8340 Datasheet
1Mb / 18P
[Old version datasheet]   LP8340 Low Dropout, Low IQ, 1.0A CMOS Linear Regulator Check for Samples: LP8340
OPA170-DIE TI-OPA170-DIE Datasheet
60Kb / 5P
[Old version datasheet]   SINGLE-SUPPLY, LOW-POWER OPERATIONAL AMPLIFIER VALUE LINE SERIES Check for Samples: OPA170-DIE
logo
PHOENIX CONTACT
2746951 PHOENIX-2746951 Datasheet
178Kb / 4P
   Samples - IBS CHIP-MUSTER/...
Dec 6, 2022
logo
Motorola, Inc
MC92307 MOTOROLA-MC92307 Datasheet
121Kb / 10P
   2K - Samples FFT-Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com