Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV713 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV713
Description  Check for Samples: TLV713, TLV713P
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV713 Datasheet(HTML) 1 Page - Texas Instruments

  TLV713 Datasheet HTML 1Page - Texas Instruments TLV713 Datasheet HTML 2Page - Texas Instruments TLV713 Datasheet HTML 3Page - Texas Instruments TLV713 Datasheet HTML 4Page - Texas Instruments TLV713 Datasheet HTML 5Page - Texas Instruments TLV713 Datasheet HTML 6Page - Texas Instruments TLV713 Datasheet HTML 7Page - Texas Instruments TLV713 Datasheet HTML 8Page - Texas Instruments TLV713 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
TLV713xx Series
GND
EN
IN
OUT
V
OUT
On
Off
V
IN
1
2
3
5
4
OUT
NC
IN
GND
EN
DBV PACKAGE
SOT23-5
(Top View)
DQN Package
1-mm x 1-mm X2SON
(Top View)
OUT
GND
IN
EN
4
1
3
2
TLV713
TLV713P
www.ti.com
SBVS195D – SEPTEMBER 2012 – REVISED JULY 2013
Capacitor-Free, 150-mA, Low-Dropout Regulator
with Foldback Current Limit for Portable Devices
Check for Samples: TLV713, TLV713P
1
FEATURES
DESCRIPTION
The TLV713 series of low-dropout (LDO) linear
2
Stable Operation With or Without Capacitors
regulators are low quiescent current LDOs with
Foldback Overcurrent Protection
excellent line and load transient performance and are
Package: SOT23-5 and X2SON
designed for power-sensitive applications. These
devices provide a typical accuracy of 1%.
Very Low Dropout: 230 mV at 150 mA
Accuracy: 1%
The TLV713 series is designed to be stable without
an output capacitor. The removal of the output
Low IQ: 50 µA
capacitor allows for a very small solution size.
Input Voltage Range: 1.4 V to 5.5 V
However, the TLV713 series is also stable with any
Available in Fixed-Output Voltages:
output capacitor if an output capacitor is used.
1.0 V to 3.3 V
The TLV713 also provides inrush current control
High PSRR: 65 dB at 1 kHz
during device power-up and enabling. The TLV713
limits the input current to the defined current limit to
APPLICATIONS
avoid large currents from flowing from the input
power
source.
This
functionality
is
especially
PDAs and Battery-Powered Portable Devices
important in battery-operated devices.
MP3 Players and Other Hand-Held Products
The TLV713 series is available in standard DQN and
WLAN and Other PC Add-On Cards
DBV packages. The TLV713P provides an active pull-
down circuit to quickly discharge output loads.
Typical Application Circuit
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TLV713

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV71310PDBVR TI1-TLV71310PDBVR Datasheet
1Mb / 26P
[Old version datasheet]   Capacitor-Free, 150-mA, Low-Dropout Regulator
TLV71310PDBVT TI1-TLV71310PDBVT Datasheet
1Mb / 26P
[Old version datasheet]   Capacitor-Free, 150-mA, Low-Dropout Regulator
TLV71310PDQNR TI1-TLV71310PDQNR Datasheet
1Mb / 26P
[Old version datasheet]   Capacitor-Free, 150-mA, Low-Dropout Regulator
TLV71310PDQNT TI1-TLV71310PDQNT Datasheet
1Mb / 26P
[Old version datasheet]   Capacitor-Free, 150-mA, Low-Dropout Regulator
TLV71310PQDBVRQ1 TI-TLV71310PQDBVRQ1 Datasheet
982Kb / 26P
[Old version datasheet]   TLV713P-Q1 Capacitor-Free, 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
More results

Similar Description - TLV713

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA8424 TI-TCA8424 Datasheet
925Kb / 30P
[Old version datasheet]   Check for Samples: TCA8424
TAS5760M TI-TAS5760M Datasheet
1Mb / 66P
[Old version datasheet]   Check for Samples: TAS5760M
TAS5760MD TI-TAS5760MD Datasheet
1Mb / 64P
[Old version datasheet]   Check for Samples: TAS5760MD
TAS5760L TI-TAS5760L Datasheet
1Mb / 57P
[Old version datasheet]   Check for Samples: TAS5760L
TLV320AIC3263 TI-TLV320AIC3263 Datasheet
1Mb / 62P
[Old version datasheet]   Check for Samples: TLV320AIC3263
SN65HVD102 TI-SN65HVD102 Datasheet
920Kb / 23P
[Old version datasheet]   Check for Samples: SN65HVD101, SN65HVD102
LP8340 TI1-LP8340 Datasheet
1Mb / 18P
[Old version datasheet]   LP8340 Low Dropout, Low IQ, 1.0A CMOS Linear Regulator Check for Samples: LP8340
OPA170-DIE TI-OPA170-DIE Datasheet
60Kb / 5P
[Old version datasheet]   SINGLE-SUPPLY, LOW-POWER OPERATIONAL AMPLIFIER VALUE LINE SERIES Check for Samples: OPA170-DIE
logo
PHOENIX CONTACT
2746951 PHOENIX-2746951 Datasheet
178Kb / 4P
   Samples - IBS CHIP-MUSTER/...
Dec 6, 2022
logo
Motorola, Inc
MC92307 MOTOROLA-MC92307 Datasheet
121Kb / 10P
   2K - Samples FFT-Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com