Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3780BDRYT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3780BDRYT
Description  Low-Power, Dual-Voltage Detector in Small SON Package
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3780BDRYT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS3780BDRYT Datasheet HTML 2Page - Texas Instruments TPS3780BDRYT Datasheet HTML 3Page - Texas Instruments TPS3780BDRYT Datasheet HTML 4Page - Texas Instruments TPS3780BDRYT Datasheet HTML 5Page - Texas Instruments TPS3780BDRYT Datasheet HTML 6Page - Texas Instruments TPS3780BDRYT Datasheet HTML 7Page - Texas Instruments TPS3780BDRYT Datasheet HTML 8Page - Texas Instruments TPS3780BDRYT Datasheet HTML 9Page - Texas Instruments TPS3780BDRYT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
0
2
4
6
8
10
-50
-25
0
25
50
75
100
125
Temperature (
ƒC)
Vcc = 1.5 V
Vcc = 6.5 V
C011
6
6.1
6.2
6.3
6.4
6.5
0
0.5
1
1.5
2
2.5
3
Output Source Current (mA)
±40ƒC
0
ƒC
25
ƒC
85
ƒC
125
ƒC
C009
0
1
2
3
4
5
-50
-25
0
25
50
75
100
125
Temperature (
ƒC)
Vcc = 1.5 V
Vcc = 6.5 V
C010
0.8
1
1.2
1.4
1.6
0.1
0.2
0.3
0.4
0.5
Output Source Current (mA)
±40ƒC
0
ƒC
25
ƒC
85
ƒC
125
ƒC
C007
2.7
2.8
2.9
3
3.1
3.2
3.3
3.4
0
0.4
0.8
1.2
1.6
2
Output Source Current (mA)
±40ƒC
0
ƒC
25
ƒC
85
ƒC
125
ƒC
C008
TPS3779
TPS3780
SBVS216B – SEPTEMBER 2012 – REVISED MAY 2013
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TJ = +25°C and VCC = 3.3 V, unless otherwise noted
Figure 8. OUTPUT VOLTAGE HIGH vs OUTPUT CURRENT
Figure 9. OUTPUT VOLTAGE HIGH vs OUTPUT CURRENT
(VCC = 1.5 V)
(VCC = 3.3 V)
Figure 10. OUTPUT VOLTAGE HIGH vs OUTPUT CURRENT
Figure 11. PROPAGATION DELAY FROM SENSE HIGH TO
(VCC = 6.5 V)
OUTPUT HIGH (SENSE1 and SENSE2 = 0 V to 1.3 V)
Figure 12. PROPAGATION DELAY FROM SENSE LOW TO OUTPUT LOW (SENSE1 and SENSE2 = 1.3 V to 0 V)
6
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: TPS3779 TPS3780


Similar Part No. - TPS3780BDRYT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3780BDRYT TI1-TPS3780BDRYT Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Channel, Low-Power, High-Accuracy Voltage Detectors
More results

Similar Description - TPS3780BDRYT

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM7522NAB-S ELM-TECH-ELM7522NAB-S Datasheet
143Kb / 12P
   CMOS Small package voltage detector
logo
ELM Electronics
ELM75 ELM-ELM75 Datasheet
1Mb / 13P
   CMOS Small package voltage detector
logo
ELM Technology Corporat...
ELM75-SERIES ELM-TECH-ELM75-SERIES Datasheet
1Mb / 13P
   CMOS Small package voltage detector
ELM75 ELM-TECH-ELM75 Datasheet
1Mb / 13P
   CMOS Small package voltage detector
logo
Shanghai Consonance Ele...
CN303 CONSONANCE-CN303 Datasheet
211Kb / 8P
   Low Power, Dual-Voltage Detector
logo
Zilog, Inc.
IXD5120 ZILOG-IXD5120 Datasheet
1Mb / 12P
   Ultra Small, Low Power Consumption Voltage Detector
logo
Seiko Instruments Inc
S-1000 SII-S-1000 Datasheet
494Kb / 38P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-80830C SII-S-80830C Datasheet
672Kb / 54P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-808XXC SII-S-808XXC Datasheet
702Kb / 58P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-80819CNMC-B8ET2G SII-S-80819CNMC-B8ET2G Datasheet
692Kb / 56P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com