Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS51367RVER Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51367RVER
Description  22-V Input, 12-A Integrated FET Converter With Ultra-Low Quiescent
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS51367RVER Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS51367RVER Datasheet HTML 6Page - Texas Instruments TPS51367RVER Datasheet HTML 7Page - Texas Instruments TPS51367RVER Datasheet HTML 8Page - Texas Instruments TPS51367RVER Datasheet HTML 9Page - Texas Instruments TPS51367RVER Datasheet HTML 10Page - Texas Instruments TPS51367RVER Datasheet HTML 11Page - Texas Instruments TPS51367RVER Datasheet HTML 12Page - Texas Instruments TPS51367RVER Datasheet HTML 13Page - Texas Instruments TPS51367RVER Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
1.03
1.04
1.05
1.06
1.07
Output Current (A)
VIN = 7.4V
VIN = 11.1V
VIN = 20V
fSW = 400kHz
LOUT = 1µH
TA = 25°C
VOUT = 1.05V
G011
0.001
0.01
0.1
1
12
1.03
1.04
1.05
1.06
1.07
Output Current (A)
VIN = 7.4V
VIN = 11.1V
VIN = 20V
fSW = 800kHz
LOUT = 0.33µH
TA = 25°C
VOUT = 1.05V
G012
0.001
0.01
0.1
1
12
300
350
400
450
500
550
600
1
2
3
4
5
6
7
8
9
10
11
12
Output Current (A)
VIN = 7.4V
VIN = 11.1V
VIN = 20V
fSW = 400kHz
LOUT = 1µH
TA = 25°C
VOUT = 1.35V
G009
600
650
700
750
800
850
900
950
1000
1
2
3
4
5
6
7
8
9
10
11
12
Output Current (A)
VIN = 7.4V
VIN = 11.1V
VIN = 20V
fSW = 800kHz
LOUT = 0.33µH
TA = 25°C
VOUT = 1.35V
G010
300
350
400
450
500
550
600
1
2
3
4
5
6
7
8
9
10
11
12
Output Current (A)
VIN = 7.4V
VIN = 11.1V
VIN = 20V
fSW = 400kHz
LOUT = 1µH
TA = 25°C
VOUT = 1.05V
G007
600
650
700
750
800
850
900
950
1000
1
2
3
4
5
6
7
8
9
10
11
12
Output Current (A)
VIN = 7.4V
VIN = 11.1V
VIN = 20V
fSW = 800kHz
LOUT = 0.33µH
TA = 25°C
VOUT = 1.05V
G008
TPS51367
SLUSBB7A – MARCH 2013 – REVISED JUNE 2013
www.ti.com
TYPICAL CHARACTERISTICS (continued)
FREQUENCY
FREQUENCY
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 7.
Figure 8.
FREQUENCY
FREQUENCY
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 9.
Figure 10.
OUTPUT VOLTAGE
OUTPUT VOLTAGE
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 11.
Figure 12.
10
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS51367


Similar Part No. - TPS51367RVER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51367 TI-TPS51367_15 Datasheet
10Mb / 33P
[Old version datasheet]   22-V Input, 12-A Integrated FET Converter With Ultra-Low Quiescent ( ULQ??
More results

Similar Description - TPS51367RVER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51367 TI-TPS51367_15 Datasheet
10Mb / 33P
[Old version datasheet]   22-V Input, 12-A Integrated FET Converter With Ultra-Low Quiescent ( ULQ??
TPS51362 TI-TPS51362 Datasheet
2Mb / 29P
[Old version datasheet]   22-V Input, 10-A Integrated FET Converter With Ultra-Low Quiescent
TPS51362 TI1-TPS51362_17 Datasheet
2Mb / 29P
[Old version datasheet]   22-V Input, 10-A Integrated FET Converter With Ultra-Low Quiescent ( ULQ)
TPS51363 TI-TPS51363 Datasheet
1Mb / 32P
[Old version datasheet]   22-V Input, 8-A or 10-A Converter With Integrated FET
TPS61222-EP TI1-TPS61222-EP_16 Datasheet
961Kb / 20P
[Old version datasheet]   LOW INPUT VOLTAGE, 0.7-V BOOST CONVERTER WITH 5.5-A QUIESCENT CURRENT
TPS61222-EP TI-TPS61222-EP_15 Datasheet
926Kb / 20P
[Old version datasheet]   LOW INPUT VOLTAGE, 0.7-V BOOST CONVERTER WITH 5.5-關A QUIESCENT CURRENT
TPS61022 TI1-TPS61022_19 Datasheet
2Mb / 30P
[Old version datasheet]   8-A Boost converter with 0.5-V ultra-low input voltage
TPS61021 TI1-TPS61021 Datasheet
4Mb / 27P
[Old version datasheet]   3-A Boost Converter with 0.5-V Ultra Low Input Voltage
TPS61022 TI1-TPS61022 Datasheet
1Mb / 24P
[Old version datasheet]   8-A Boost converter with 0.5-V ultra-low input voltage
logo
Richtek Technology Corp...
RT4823 RICHTEK-RT4823 Datasheet
730Kb / 20P
   Wide Input and Ultra-Low Quiescent Current Boost Converter with High Efficiency
September 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com