Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS53511RGTR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53511RGTR
Description  4.5-V to 18-V Input, 1.5-A Step-Down Regulator with Integrated Switcher
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS53511RGTR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS53511RGTR Datasheet HTML 5Page - Texas Instruments TPS53511RGTR Datasheet HTML 6Page - Texas Instruments TPS53511RGTR Datasheet HTML 7Page - Texas Instruments TPS53511RGTR Datasheet HTML 8Page - Texas Instruments TPS53511RGTR Datasheet HTML 9Page - Texas Instruments TPS53511RGTR Datasheet HTML 10Page - Texas Instruments TPS53511RGTR Datasheet HTML 11Page - Texas Instruments TPS53511RGTR Datasheet HTML 12Page - Texas Instruments TPS53511RGTR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
TPS53511
www.ti.com
SLUSBG4 – MARCH 2013
This unique circuit prevents current from being pulled from the output during startup if the output is pre-biased.
When the soft-start commands a voltage higher than the pre-bias level (internal soft-start voltage becomes
greater than feedback voltage VFB), the controller slowly activates synchronous rectification by starting the first
low-side FET gate driver pulses with a narrow on-time. It then increments the on-time on a cycle-by-cycle basis
until it coincides with the time dictated by (1–D), where D is the duty cycle of the converter. This scheme
prevents the initial sinking of the pre-bias output, and ensures that the output voltage (the VO pin) starts and
ramps up smoothly into regulation and the control loop is given time to transition from pre-biased start-up to
normal mode operation.
Power Good
The power good function is activated after soft-start has finished. The power good function becomes active after
1.7 times soft-start time. When the feedback voltage is within ±10% of the target value, internal comparators
detect power good state and the power good signal becomes high. The power good output, PG, is an open drain
output. When the feedback voltage goes ±15% outside of the target value, the power good signal becomes low
after 10-µs internal delay. During an undervoltage condition, when the feedback voltage returns to be within
±10% of the target value, the power good signal goes HIGH again.
Output Discharge Control
TPS53511 discharges the output when EN is low, or the controller is turned off by the protection function (OVP,
UVP, UVLO and thermal shutdown). The output is discharged by an internal 50-
Ω MOSFET which is connected
from VO to PGND. The internal low-side MOSFET is not turned on during the output discharge operation to
avoid the possibility of causing negative voltage at the output.
Current Protection
Output current is limited by cycle-by-cycle overcurrent limiting control. The inductor current is monitored during
the OFF state and the controller keeps the OFF state when the inductor current is larger than the over current
trip level. To provide accuracy and a cost-effective solution, the device supports temperature compensated
internal MOSFET RDS(on) sensing.
The inductor current is monitored by the voltage between the PGND pin and the SW pin. In an overcurrent
condition, the current to the load exceeds the current to the output capacitor; thus, the output voltage tends to fall
off. Eventually the output voltage becomes less than the undervoltage protection threshold and the device shuts
down.
Overvoltage/Undervoltage Protection
The TPS53511 detects over and under-voltage conditions by monitoring the feedback voltage (the VFB pin). This
function is enabled after approximately 1.7 times the soft-start time. When the feedback voltage becomes higher
than 115% of the target voltage, the OVP comparator output goes high and the circuit latches the high-side
MOSFET driver turns off and the low-side MOSFET turns on. Normal operation can be restored only by cycling
the VCC or EN pin voltage. When the feedback voltage becomes lower than 70% of the target voltage, the UVP
comparator output goes high and an internal UVP delay counter begins. After 250 µs, the device latches off both
internal high-side and low-side MOSFET. Similar to the overvoltage protection, the device is latched off, and
normal operation can be restored only by cycling the VCC or EN pin voltage.
UVLO Protection
Undervoltage lockout protection (UVLO) monitors the voltage of the VVREG5 pin. When the VVREG5 voltage is lower
than UVLO threshold voltage, the TPS53511 is shut off. This protection is non-latching.
Thermal Shutdown
Thermal protection is self-activating. If the junction temperature exceeds the threshold value (typically 150°C),
the TPS53511 shuts off. This protection is non-latching.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS53511


Similar Part No. - TPS53511RGTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53511RGTR TI1-TPS53511RGTR Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V to 18-V Input, 1.5-A Step-Down Regulator with Integrated Switcher
TPS53511RGTR TI-TPS53511RGTR Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V to 18-V Input, 1.5-A Step-Down Regulator with Integrated Switcher
More results

Similar Description - TPS53511RGTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53511 TI-TPS53511_15 Datasheet
940Kb / 24P
[Old version datasheet]   4.5-V to 18-V Input, 1.5-A Step-Down Regulator with Integrated Switcher
TPS53511 TI1-TPS53511_17 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V to 18-V Input, 1.5-A Step-Down Regulator with Integrated Switcher
TPS53511 TI-TPS53511_V01 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V to 18-V Input, 1.5-A Step-Down Regulator with Integrated Switcher
TPS54427 TI1-TPS54427_16 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 18-V Input, 4-A Output Single Synchronous Step-Down Switcher
TPS54325 TI-TPS54325_10 Datasheet
970Kb / 20P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54325-Q1 TI-TPS54325-Q1_15 Datasheet
656Kb / 21P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET ( SWIFT??
TPS54325 TI-TPS54325 Datasheet
1Mb / 20P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54325 TI-TPS54325_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS54325 4.5-V to 18-V, 3-A Output Synchronous Step Down Switcher with Integrated FET
TPS54325-Q1 TI1-TPS54325-Q1 Datasheet
669Kb / 18P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET ( SWIFT??
TPS568230 TI1-TPS568230 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 18-V input, 8-A synchronous step-down voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com