Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54020RUWR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54020RUWR
Description  Small, 10-A, 4.5-V to 17-V Input, SWIFT Synchronous Step-Down Converter with Light-Load Efficiency
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54020RUWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS54020RUWR Datasheet HTML 3Page - Texas Instruments TPS54020RUWR Datasheet HTML 4Page - Texas Instruments TPS54020RUWR Datasheet HTML 5Page - Texas Instruments TPS54020RUWR Datasheet HTML 6Page - Texas Instruments TPS54020RUWR Datasheet HTML 7Page - Texas Instruments TPS54020RUWR Datasheet HTML 8Page - Texas Instruments TPS54020RUWR Datasheet HTML 9Page - Texas Instruments TPS54020RUWR Datasheet HTML 10Page - Texas Instruments TPS54020RUWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
ERROR
AMPLIFIER
Boot
Charge
UVLO
Current
Sense
Oscillator
with PLL
Slope
Compensation
Maximum
Clamp
Voltage
Reference
Overload
Recovery
VSENSE
SS
COMP
RT/CLK
BOOT
VIN
PGND
EN
Enable
Comparator
Shutdown
Enable
Threshold
Logic
Shutdown
PWRGD
SYNC_OUT
Power Stage
& Deadtime
Control
Logic
LS MOSFET
Current Limit
OV
Pulse Skip
Ip
Ih
PVIN
UV
HS MOSFET
Current
Comparator
Current
Sense
Regulator
VIN
Boot
UVLO
PH
HICCUP
ILIM
RTN
Shutdown
Thermal
Shutdown
TPS54020
www.ti.com
SLVSB10C – JULY 2012 – REVISED MARCH 2013
FUNCTIONAL BLOCK DIAGRAM
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS54020


Similar Part No. - TPS54020RUWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54020RUWR TI1-TPS54020RUWR Datasheet
106Kb / 4P
[Old version datasheet]   4.5V to 17V Input, 10A Synchronous Step-Down SWIFT??Converter With Full Feature Set
More results

Similar Description - TPS54020RUWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54A24 TI1-TPS54A24 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 17-V Input, 10-A Synchronous SWIFT Step-Down Converter
TPS56C215 TI1-TPS56C215 Datasheet
1Mb / 35P
[Old version datasheet]   4.5-V to 17-V Input , 12-A Synchronous Step-Down SWIFT Converter
TPS568215 TI1-TPS568215 Datasheet
461Kb / 10P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT??Converter
TPS54620 TI1-TPS54620_16 Datasheet
2Mb / 46P
[Old version datasheet]   4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT Converter
TPS568215OA TI1-TPS568215OA Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT Converter
TPS54821 TI1-TPS54821 Datasheet
1Mb / 37P
[Old version datasheet]   4.5 V to 17 V Input, 8 A Synchronous Step Down SWIFT??Converter With Hiccup
TPS54620 TI-TPS54620_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS54620 4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT??Converter
TPS54320 TI-TPS54320_15 Datasheet
1Mb / 42P
[Old version datasheet]   TPS54320 4.5- to 17-V Input, 3-A Synchronous Step Down SWIFT??Converter
TPS54622 TI1-TPS54622_17 Datasheet
1Mb / 42P
[Old version datasheet]   4.5-V to 17-V Input, 6-A Synchronous Step-Down SWIFT Converter With Hiccup Protection
TPS54821 TI-TPS54821_15 Datasheet
1Mb / 42P
[Old version datasheet]   TPS54821 4.5 V to 17 V Input, 8 A Synchronous Step Down SWIFT??Converter With Hiccup
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com