Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61163 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61163
Description  Dual-Channel WLED Drivers For Smart Phone
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61163 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS61163 Datasheet HTML 2Page - Texas Instruments TPS61163 Datasheet HTML 3Page - Texas Instruments TPS61163 Datasheet HTML 4Page - Texas Instruments TPS61163 Datasheet HTML 5Page - Texas Instruments TPS61163 Datasheet HTML 6Page - Texas Instruments TPS61163 Datasheet HTML 7Page - Texas Instruments TPS61163 Datasheet HTML 8Page - Texas Instruments TPS61163 Datasheet HTML 9Page - Texas Instruments TPS61163 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
50
55
60
65
70
75
80
85
90
95
100
0
20
40
60
80
100
Dimming Duty Cycle (%)
Series1
Series2
Series4
Series5
C003
V
IN = 3 V
V
IN = 3 V
V
IN = 4.2 V
V
IN = 5 V
V
IN = 3.6 V
V
O = 21 V, 7s2p,
20 mA/string
50
55
60
65
70
75
80
85
90
95
100
0
20
40
60
80
100
Dimming Duty Cycle (%)
Series1
Series2
Series4
Series5
C004
V
IN = 3 V
V
O = 24 V, 8s2p,
20 mA/string
V
IN = 3.6 V
V
IN = 4.2 V
V
IN = 5 V
V
IN = 3 V
50
55
60
65
70
75
80
85
90
95
100
0
20
40
60
80
100
Dimming Duty Cycle (%)
Series2
Series4
Series5
Series6
C001
V
IN = 3 V
V
IN = 3 V
V
IN = 3.6 V
V
IN = 4.2 V
V
IN = 5 V
V
O = 15 V, 5s2p,
20 mA/string
50
55
60
65
70
75
80
85
90
95
100
0
20
40
60
80
100
Dimming Duty Cycle (%)
Series1
Series2
Series3
Series4
C002
V
IN = 3 V
V
IN = 3.6 V
V
IN = 4.2 V
V
IN = 5 V
V
IN = 3 V
V
O = 18 V, 6s2p,
20 mA/string
TPS61163
SLVSBQ2C – JANUARY 2013 – REVISED AUGUST 2013
www.ti.com
TYPICAL CHARACTERISTICS
Table 1. TABLE OF GRAPHS
TITLE
DESCRIPTION
FIGURE
Dimming Efficiency
VIN = 3V, 3.6V, 4.2V, 5V; VO = 15V, 5s2p, 20mA/string; PWM Freq = 40kHz; L = 10µH
Figure 1
Dimming Efficiency
VIN = 3V, 3.6V, 4.2V, 5V; VO = 18V, 6s2p, 20mA/string; PWM Freq = 40kHz; L = 10µH
Figure 2
Dimming Efficiency
VIN = 3V, 3.6V, 4.2V, 5V; VO = 21V, 7s2p, 20mA/string; PWM Freq = 40kHz; L = 10µH
Figure 3
Dimming Efficiency
VIN = 3V, 3.6V, 4.2V, 5V; VO = 24V, 8s2p, 20mA/string; PWM Freq = 40kHz; L = 10µH
Figure 4
Dimming Efficiency
VIN = 3V, 3.6V, 4.2V, 5V; VO = 27V, 9s2p, 20mA/string; PWM Freq = 40kHz; L = 10µH
Figure 5
Dimming Efficiency
VIN = 3V, 3.6V, 4.2V, 5V; VO = 30V, 10s2p, 20mA/string; PWM Freq = 40kHz; L = 10µH
Figure 6
Dimming Linearity
VIN = 3V, 3.6V, 4.2V, 5V; VO = 21V, 7s2p; RISET = 63.4kΩ; PWM Freq = 40kHz
Figure 7
Switching Waveform
VIN = 3.6V; VO = 21V, 7s2p, 20mA/string; Duty = 100%; L = 4.7µH
Figure 8
Switching Waveform
VIN = 3.6V; VO = 21V, 7s2p, 20mA/string; PWM Freq = 40kHz, Duty = 20%; L = 4.7µH
Figure 9
Startup Waveform
VIN = 3.6V; VO = 21V, 7s2p, 20mA/string; Duty = 100%; L = 4.7µH
Figure 10
Startup Waveform
VIN = 3.6V; VO = 21V, 7s2p, 20mA/string; PWM Freq = 40kHz, Duty = 50%; L = 4.7µH
Figure 11
Shutdown Waveform
VIN = 3.6V; VO = 21V, 7s2p, 20mA/string; Duty = 100%; L = 4.7µH
Figure 12
Shutdown Waveform
VIN = 3.6V; VO = 21V, 7s2p, 20mA/string; PWM Freq = 40kHz, Duty = 50%; L = 4.7µH
Figure 13
EFFICIENCY
EFFICIENCY
vs
vs
DIMMING DUTY CYCLE
DIMMING DUTY CYCLE
Figure 1.
Figure 2.
EFFICIENCY
EFFICIENCY
vs
vs
DIMMING DUTY CYCLE
DIMMING DUTY CYCLE
Figure 3.
Figure 4.
6
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links :TPS61163


Similar Part No. - TPS61163

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61163A TI1-TPS61163A Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Channel WLED Drivers for Smart Phone
TPS61163A TI1-TPS61163A Datasheet
1Mb / 35P
[Old version datasheet]   TPS6116xA Dual-Channel WLED Drivers For Smart Phones
TPS61163AYFF TI1-TPS61163AYFF Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Channel WLED Drivers for Smart Phone
TPS61163AYFFR TI1-TPS61163AYFFR Datasheet
1Mb / 35P
[Old version datasheet]   TPS6116xA Dual-Channel WLED Drivers For Smart Phones
More results

Similar Description - TPS61163

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61162D TI-TPS61162D Datasheet
1Mb / 26P
[Old version datasheet]   Dual-Channel WLED Drivers For Smart Phone
TPS61162A TI1-TPS61162A Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Channel WLED Drivers for Smart Phone
TPS61162D TI1-TPS61162D_16 Datasheet
1Mb / 29P
[Old version datasheet]   Dual-Channel WLED Drivers for Smart Phones
TPS61162D_016 TI1-TPS61162D_016 Datasheet
1Mb / 31P
[Old version datasheet]   TPS61162D Dual-Channel WLED Drivers for Smart Phones
TPS61162A TI1-TPS61162A_16 Datasheet
1Mb / 35P
[Old version datasheet]   TPS6116xA Dual-Channel WLED Drivers For Smart Phones
logo
Richtek Technology Corp...
RT4531 RICHTEK-RT4531 Datasheet
195Kb / 14P
   Dual Channel 10s2p WLED Drivers
logo
Fairchild Semiconductor
FAN3241 FAIRCHILD-FAN3241 Datasheet
1Mb / 19P
   Smart Dual-Coil Relay Drivers
logo
ON Semiconductor
FAN3240 ONSEMI-FAN3240 Datasheet
1Mb / 21P
   Smart Dual-Coil Relay Drivers
May 2014 Rev. 1.0.2
logo
Active-Semi, Inc
ACT5880 ACTIVE-SEMI-ACT5880_14 Datasheet
1Mb / 87P
   15 Channels Advanced PMU for Smart Phone
Rev 2, 03-Sep-13
logo
List of Unclassifed Man...
DLBM-CG121 ETC1-DLBM-CG121 Datasheet
318Kb / 40P
   A Class 2 Bluetooth module suitable for cellular phone, smart phone applications.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com