Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61197 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61197
Description  Single-String WLED Driver for LCD TV
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61197 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS61197 Datasheet HTML 6Page - Texas Instruments TPS61197 Datasheet HTML 7Page - Texas Instruments TPS61197 Datasheet HTML 8Page - Texas Instruments TPS61197 Datasheet HTML 9Page - Texas Instruments TPS61197 Datasheet HTML 10Page - Texas Instruments TPS61197 Datasheet HTML 11Page - Texas Instruments TPS61197 Datasheet HTML 12Page - Texas Instruments TPS61197 Datasheet HTML 13Page - Texas Instruments TPS61197 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
(
)
SW
40000
f
kHz
R7
=
TPS61197
SLVSC25 – JULY 2013
www.ti.com
DETAILED DESCRIPTION
Supply Voltage
The TPS61197 has a built-in linear regulator to supply the IC analog and logic circuitries. The VDD pin, output of
the regulator, must be connected to a bypass capacitor with more than 1.0µF capacitance. VDD only has a
current sourcing capability of 15mA. VDD voltage is ready after the EN pin is pulled high.
Boost Controller
The TPS61197 regulates the output voltage with peak current mode PWM (pulse width modulation) control. The
control circuitry turns on an external switch FET at the beginning of each switching cycle. The input voltage is
applied across the inductor and stores the energy as the inductor current ramps up. During this portion of the
switching cycle, the load current is provided by the output capacitor. When the inductor current rises to the
threshold set by the Error Amplifier (EA) output, the switch FET is turned off and the external Schottky diode is
forward biased. The inductor transfers stored energy to replenish the output capacitor and supply the load
current. This operation repeats each switching cycle. The switching frequency is programmed by an external
resistor.
A ramp signal from the oscillator is added to the current ramp to provide slope compensation, shown in the
Functional Block Diagram. The duty cycle of the converter is then determined by the PWM logic block which
compares the EA output and the slope compensated current ramp. The feedback loop regulates the OVP pin to
a reference voltage generated by the current regulation control circuit which senses the LED current at the IFB
pin. The output of the EA is connected to the COMP pin. An external RC compensation network must be
connected to the COMP pin to optimize the feedback loop for stability and transient response.
The TPS61197 consistently adjusts the boost output voltage to account for any changes in LED forward
voltages. In the event that the boost controller is not able to regulate the output voltage due to the minimum
pulse width (ton(min), in the ELECTRICAL CHARACTERISTICS table), the TPS61197 enters pulse skip mode. In
this mode, the device keeps the power switch off for several switching cycles to prevent the output voltage from
rising above the regulated voltage. This operation typically occurs in light load condition or when the input voltage
is higher than the output voltage.
Switching Frequency
The switching frequency is programmed between 50kHz to 800kHz by an external resistor (R7 in the
SIMPLIFIED SCHEMATIC CIRCUIT). To determine the resistance by a given frequency, use the curve in
Figure 7 or calculate the resistance value by Equation 1. Table 1 shows the recommended resistance values for
some switching frequencies.
(1)
Table 1. Recommended Resistance Values for
Switching Frequencies
R7
fSW
800 k
50 kHz
400 k
100 kHz
200 k
200 kHz
100 k
400 kHz
80 k
500 kHz
Enable and Under Voltage Lockout
The TPS61197 is enabled with soft startup when the EN pin voltage is higher than 1.6V. A voltage of less than
0.75V disables the TPS61197. An under-voltage lockout protection feature is provided in the TPS61197. When
the voltage at the VIN pin is less than 6.5V, the TPS61197 is powered off. The TPS61197 resumes the operation
once the voltage at the VIN pin recovers above the hysteresis (VVIN_HYS ) more than the UVLO falling threshold of
input voltage. If a higher under-voltage lockout (UVLO) voltage is required, use the UVLO pin as shown in
Figure 18 to adjust the input UVLO threshold by using an external resistor divider. Once the voltage at the UVLO
10
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS61197


Similar Part No. - TPS61197

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61193 TI1-TPS61193 Datasheet
592Kb / 33P
[Old version datasheet]   High-Performance 3-Channel LED Driver
TPS61193-Q1 TI1-TPS61193-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   High-Performance 3-Channel LED Driver
TPS61193-Q1 TI1-TPS61193-Q1 Datasheet
717Kb / 10P
[Old version datasheet]   TPS61193-Q1 Low-EMI Automotive LED Driver With Three 100-mA Channels
TPS61193-Q1 TI1-TPS61193-Q1_16 Datasheet
717Kb / 10P
[Old version datasheet]   TPS61193-Q1 Low-EMI Automotive LED Driver With Three 100-mA Channels
TPS61193PWPR TI1-TPS61193PWPR Datasheet
592Kb / 33P
[Old version datasheet]   High-Performance 3-Channel LED Driver
More results

Similar Description - TPS61197

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP2592 EUTECH-EUP2592 Datasheet
53Kb / 1P
   8-String White LED Driver for LCD 8-String White LED Driver for LCD
logo
Texas Instruments
TPS61196 TI-TPS61196 Datasheet
1Mb / 30P
[Old version datasheet]   6-String 400-mA WLED Driver with Independent PWM Dimming for Each String
TPS61196-Q1 TI-TPS61196-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS61196-Q1 6-String 400-mA WLED Driver with Independent PWM Dimming For Each String
TPS61196-Q1 TI1-TPS61196-Q1_16 Datasheet
1Mb / 31P
[Old version datasheet]   TPS61196-Q1 6-String 400-mA WLED Driver with Independent PWM Dimming For Each String
logo
Monolithic Power System...
MP4600 MPS-MP4600 Datasheet
227Kb / 8P
   High-Voltage WLED Driver For Large Panel TV Backlighting
logo
Maxim Integrated Produc...
MAX17127 MAXIM-MAX17127 Datasheet
2Mb / 22P
   Six-String WLED Driver with Integrated Step-Up Converter
19-5164; Rev 0; 3/10
logo
Analog Devices
ADD5211 AD-ADD5211 Datasheet
167Kb / 6P
   Four-String, White LED Driver for LCD Backlight Applications
Rev. PrA
ADD5207ACPZ AD-ADD5207ACPZ Datasheet
428Kb / 16P
   Four-String, White LED Driver for LCD Backlight Applications
REV. A
logo
Texas Instruments
TPS61177A TI1-TPS61177A Datasheet
2Mb / 40P
[Old version datasheet]   WLED Driver for Notebooks
logo
Monolithic Power System...
MP3398E MPS-MP3398E Datasheet
1,004Kb / 17P
   4-String, Max 400mA/String, 80V Return, Step-Up, WLED Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com