Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS27952STRPBF Datasheet(PDF) 3 Page - International Rectifier

Part # IRS27952STRPBF
Description  Programmable minimum and maximum switching frequency
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS27952STRPBF Datasheet(HTML) 3 Page - International Rectifier

  IRS27952STRPBF Datasheet HTML 1Page - International Rectifier IRS27952STRPBF Datasheet HTML 2Page - International Rectifier IRS27952STRPBF Datasheet HTML 3Page - International Rectifier IRS27952STRPBF Datasheet HTML 4Page - International Rectifier IRS27952STRPBF Datasheet HTML 5Page - International Rectifier IRS27952STRPBF Datasheet HTML 6Page - International Rectifier IRS27952STRPBF Datasheet HTML 7Page - International Rectifier IRS27952STRPBF Datasheet HTML 8Page - International Rectifier IRS27952STRPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
IRS27951S
IRS27952(4)S
3
www.irf.com
© 2012 International Rectifier
November 8
th, 2012
Table of Contents
Page
Ordering Information
1
Typical Application Diagram
2
Absolute Maximum Ratings
5
Recommended Operating Conditions
5
Electrical Characteristics
6
Functional Block Diagram
8
Input/Output Pin Equivalent Circuit Diagram
9
Lead Definitions
10
Lead Assignments
10
State Diagram
12
Application Information and Additional Details
13
Package Details
23
Tape and Reel Details
25
Part Marking Information
27
Qualification Information
28


Similar Part No. - IRS27952STRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS27951S IRF-IRS27951S Datasheet
550Kb / 28P
   RESONANT HALF-BRIDGE CONVERTER CONTROL IC
IRS27951S IRF-IRS27951S_15 Datasheet
550Kb / 28P
   RESONANT HALF-BRIDGE CONVERTER CONTROL IC
More results

Similar Description - IRS27952STRPBF

ManufacturerPart #DatasheetDescription
logo
Silergy Corp.
SY7088 SILERGY-SY7088 Datasheet
1Mb / 7P
   2.3V Minimum Input and 5.5V Maximum Output 2.3V Minimum Input and 5.5V Maximum Output
Rev. 0.1A
logo
Maxim Integrated Produc...
MAX16935EVKIT MAXIM-MAX16935EVKIT Datasheet
815Kb / 8P
   Programmable Switching Frequency
Rev 0; 1/14
logo
Monolithic Power System...
MP3426 MPS-MP3426 Datasheet
388Kb / 15P
   6A, 35V Boost Converter with Programmable Switching Frequency and UVLO
MP3425 MPS-MP3425 Datasheet
720Kb / 13P
   3A, 55V Boost Converter with Programmable Switching Frequency and UVLO
logo
Maxim Integrated Produc...
MAX15003EVKIT MAXIM-MAX15003EVKIT Datasheet
347Kb / 12P
   Programmable Switching Frequency Up to 2.2MHz
Rev 0; 2/08
MAX38801EVKIT MAXIM-MAX38801EVKIT Datasheet
1Mb / 15P
   Programmable Switching Frequency from 400kHz to 900kHz
Rev 0; 8/17
logo
Monolithic Power System...
EV3426-L-00A MPS-EV3426-L-00A Datasheet
541Kb / 7P
   6A, 35V Boost Converter with Programmable Switching Frequency and UVLO Evaluation Board
EVQ3426-L-00A MPS-EVQ3426-L-00A Datasheet
307Kb / 7P
   6A, 35V Boost Converter with Programmable Switching Frequency and UVLO Evaluation Board
logo
Integrated Device Techn...
5P49V5907 IDT-5P49V5907 Datasheet
430Kb / 30P
   Programmable frequency
logo
Unisonic Technologies
UC3875LG-S08-R UTC-UC3875LG-S08-R Datasheet
332Kb / 11P
   Programmable frequency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com