Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65217A Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS65217A
Description  SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65217A Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS65217A Datasheet HTML 2Page - Texas Instruments TPS65217A Datasheet HTML 3Page - Texas Instruments TPS65217A Datasheet HTML 4Page - Texas Instruments TPS65217A Datasheet HTML 5Page - Texas Instruments TPS65217A Datasheet HTML 6Page - Texas Instruments TPS65217A Datasheet HTML 7Page - Texas Instruments TPS65217A Datasheet HTML 8Page - Texas Instruments TPS65217A Datasheet HTML 9Page - Texas Instruments TPS65217A Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 86 page
background image
TPS65217A, TPS65217B, TPS65217C, TPS65217D
SLVSB64F – NOVEMBER 2011 – REVISED APRIL 2013
www.ti.com
TERMINAL
I/O
DESCRIPTION
NAME
NO.
L1
20
O
Switch pin for DCDC1. Connect to inductor.
VIN_DCDC1
21
I
Input voltage for DCDC1. Must be connected to SYS pin.
VIN_DCDC2
22
I
Input voltage for DCDC2. Must be connected to SYS pin.
L2
23
O
Switch pin for DCDC2. Connect to inductor.
VDCDC2
24
O
DCDC2 output/feedback voltage sense input
Push-button monitor input. Typically connected to a momentary switch to ground (active
PB_IN
25
I
low).
Power-good output (push/pull output). Pulled low when any of the power rails are out of
PGOOD
26
O
regulation. Behavior is register programmable.
SDA
27
I/O
Data line for the I2C interface
SCL
28
I
Clock input for the I2C interface
VDCDC3
29
O
DCDC3 output/feedback voltage sense input
PGND
30
Power ground. Connect to ground plane.
L3
31
O
Switch pin for DCDC3. Connect to Inductor.
VIN_DCDC3
32
I
Input voltage for DCDC3. Must be connected to SYS pin.
Input to the WLED current SINK2. Connect to the cathode of the WLED string. Current
ISINK2
33
I
through SINK1 equals current through ISINK2. If only one WLED string is used, short
ISINK1 and ISINK2 together.
Input to the WLED current SINK1. Connect to the cathode of the WLED string. Current
ISINK1
34
I
through SINK1 equals current through ISINK2. If only one WLED string is used, short
ISINK1 and ISINK2 together.
Low-level WLED current set. Connect a resistor to ground to set the WLED low-current
ISET1
35
I
level.
High-level WLED current set. Connect a resistor to ground to set the WLED high-current
ISET2
36
I
level.
L4
37
O
Switch Pin of the WLED boost converter. Connected to Inductor.
Feedback pin for WLED boost converter. Also connected to the Anode of the WLED
FB_WLED
38
I
strings.
LS1_IN
39
I
Input voltage pin for load switch 1/LDO3
LS1_OUT
40
O
Output voltage pin for load switch 1/LDO3
AGND
41
POWER
Analog GND, connect to PGND (PowerPad)
LS2_IN
42
I
Input voltage pin for load switch 2/LDO4
LS2_OUT
43
O
Output voltage pin for load switch 2/LDO4
Reset pin (active low). Pull this pin low and the PMIC will shut down, and after 1s power-
nRESET
44
I
up in its default state.
Interrupt output (active low, open drain). Pin is pulled low if an interrupt bit is set. The
output goes high after the bit causing the interrupt in register INT has been read. The
nINT
45
O
interrupt sources can be masked in register INT, so no interrupt is generated when the
corresponding interrupt bit is set.
LDO power good (LDO1 and LDO2 only, push/pull output). Pulled low when either LDO1
LDO_PGOOD
46
O
or LDO2 is out of regulation.
Internal bias voltage (2.25 V). It is not recommended to connect any external load to this
BYPASS
47
O
pin.
Internal bias voltage (2.30 V). It is not recommended to connect any external load to this
INT_LDO
48
O
pin.
POWERPAD
POWER
Power ground connection for the PMU. Connect to GND
6
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: TPS65217A TPS65217B TPS65217C TPS65217D


Similar Part No. - TPS65217A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65217A TI1-TPS65217A Datasheet
1Mb / 88P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217A TI1-TPS65217A Datasheet
2Mb / 89P
[Old version datasheet]   Single-Chip PMIC for Battery-Powered Systems
TPS65217ARSL TI1-TPS65217ARSL Datasheet
1Mb / 88P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217ARSL TI1-TPS65217ARSL Datasheet
1Mb / 86P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217ARSLR TI1-TPS65217ARSLR Datasheet
1Mb / 88P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
More results

Similar Description - TPS65217A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65217A TI1-TPS65217A_12 Datasheet
1Mb / 86P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217A TI1-TPS65217A Datasheet
1Mb / 88P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217 TI1-TPS65217 Datasheet
2Mb / 89P
[Old version datasheet]   Single-Chip PMIC for Battery-Powered Systems
logo
Rohm
BD71815AGW ROHM-BD71815AGW Datasheet
2Mb / 107P
   System PMIC for Battery Powered Systems
BD71805MWV ROHM-BD71805MWV Datasheet
3Mb / 100P
   System PMIC for Battery Powered Systems
logo
Texas Instruments
TPS652170 TI1-TPS652170 Datasheet
1Mb / 85P
[Old version datasheet]   Programmable PMIC for Battery-Powered Systems
TPS65070 TI-TPS65070_10 Datasheet
1Mb / 93P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070 TI-TPS65070_09 Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070-Q1 TI1-TPS65070-Q1_16 Datasheet
1Mb / 91P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070-Q1 TI1-TPS65070-Q1 Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com