Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65282 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65282
Description  DUAL POWER DISTRIBUTION SWITCHES WITH 4.5-V to 18-V INPUT VOLTAGE, 4-A OUTPUT CURRENT SYNCHRONOUS BUCK REGULATOR
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65282 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS65282 Datasheet HTML 4Page - Texas Instruments TPS65282 Datasheet HTML 5Page - Texas Instruments TPS65282 Datasheet HTML 6Page - Texas Instruments TPS65282 Datasheet HTML 7Page - Texas Instruments TPS65282 Datasheet HTML 8Page - Texas Instruments TPS65282 Datasheet HTML 9Page - Texas Instruments TPS65282 Datasheet HTML 10Page - Texas Instruments TPS65282 Datasheet HTML 11Page - Texas Instruments TPS65282 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
TPS65282
SLVSBU5 – MARCH 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
TJ = 25°C, VIN = 12 V, fSW = 600 kHz, RnFAULT = 100 kΩ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT SUPPLY
VIN
Input voltage range
4.5
18
V
IDDSDN
Shutdown supply current
EN = EN_SW1 = EN_SW2 = low
7
20
µA
Switching quiescent current with no load at
EN = high, EN_SWx = low
IDDQ_NSW
0.5
mA
DCDC output
With Buck switching
Rising VIN
4
4.25
4.50
UVLO
VIN under voltage lockout
Falling VIN
3.75
4
4.25
V
Hysteresis
0.25
V7V load current = 0 A,
V7V
Internal biasing supply
6.15
6.3
6.45
V
VIN = 12 V
OSCILLATOR
fSW_BK
Switching frequency range
Set by external resistor ROSC
300
1400
kHz
ROSC = 51 k
Ω
560
ROSC = 130 k
Ω
1400
fSW
Programmable frequency
kHz
ROSC floating or connected to V7V
510
600
690
ROSC connected to ground
225
300
345
BUCK CONVERTER
VCOMP = 1.2 V, TJ = 25°C
0.792
0.8
0.808
VFB
Feedback voltage
V
VCOMP = 1.2 V, TJ = -40°C to 125°C
0.784
0.8
0.816
VLINEREG
Line regulation - DC
IOUT = 2 A
0.5
%/V
VLOADREG
Load regulation - DC
IOUT = (10% - 90%)IOUT_max
0.5
%/A
Gm_EA
Error amplifier trans-conductance
-2 µA < ICOMP < 2 µA
600
µs
Gm_SRC
COMP voltage to inductor current Gm(1)
ILX = 0.5 A
36
A/V
VENH
EN high level input voltage
2
1.24
V
VENL
EN low level input voltage
0.98
0.4
V
ISS
Soft-start charging current
5
µA
tSS_INT
Internal soft-start time
SS pin floats
1.2
ms
ILIMIT
Buck peak inductor current limit
5.2
A
Rdson_HS
On resistance of high side FET in buck
V7V = 6.2.5 V including banding wire
100
m
Rdson_LS
On resistance of low side FET in buck
VIN = 12 V including banding wire
60
m
POWER GOOD RESET GENERATOR
Output falling
91.6
VUVBUCK
Threshold voltage for buck under voltage
%
Output rising (PG will be asserted)
94.4
Output rising (high side FET will be forced off)
105.4
VOVBUCK
Threshold voltage for buck over voltage
%
Output falling (high side FET will be allowed to
104.2
switch)
Change FB from 0.8 V to 1 V,
TD-L
PGOOD H-L delay time
Measure the delay from FB = 1 V to PGOOD
100
µs
low
Change FB from 1 V to 0.8 V,
TD-H
PGOOD L-H delay time
Measure the delay from FB = 0.8 V to PGOOD
130
µs
high
Force FB = 1 V to create fault condition,
VPGOOD
PGOOD pin output low voltage
Sink 1-mA current to PGOOD pin,
100
300
mV
Measure the PGOOD pin voltage
POWER DISTRIBUTION SWITCH
VSW_IN
Power switch input voltage range
2.5
6
V
VSW_IN rising
2.15
2.25
2.35
V
VUVLO_SW
Input under-voltage lock out
VSW_IN falling
2.05
2.15
2.25
V
Hysteresis
100
mV
(1)
Specified by design.
8
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS65282


Similar Part No. - TPS65282

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65280 TI1-TPS65280 Datasheet
1Mb / 32P
[Old version datasheet]   DUAL POWER DISTRIBUTION SWITCH AND MONOLITHIC SYNCHRONOUS BUCK REGULATOR WITH 5.5-V TO 18-V INPUT VOLTAGE, FIXED 5-V OUTPUT VOLTAGE AND
TPS65280RGER TI1-TPS65280RGER Datasheet
1Mb / 32P
[Old version datasheet]   DUAL POWER DISTRIBUTION SWITCH AND MONOLITHIC SYNCHRONOUS BUCK REGULATOR WITH 5.5-V TO 18-V INPUT VOLTAGE, FIXED 5-V OUTPUT VOLTAGE AND
TPS65280RGET TI1-TPS65280RGET Datasheet
1Mb / 32P
[Old version datasheet]   DUAL POWER DISTRIBUTION SWITCH AND MONOLITHIC SYNCHRONOUS BUCK REGULATOR WITH 5.5-V TO 18-V INPUT VOLTAGE, FIXED 5-V OUTPUT VOLTAGE AND
TPS65280 TI-TPS65280_15 Datasheet
1Mb / 34P
[Old version datasheet]   DUAL POWER DISTRIBUTION SWITCH AND MONOLITHIC SYNCHRONOUS BUCK REGULATOR WITH 5.5-V TO 18-V INPUT VOLTAGE, FIXED 5-V OUTPUT VOLTAGE AND REGULATOR WITH 5.5-V TO 18-V INPUT VOLTAGE, FIXED 5-V OUTPUT VOLTAGE AND
TPS65281 TI-TPS65281 Datasheet
1Mb / 31P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT LIMITED POWER DISTRIBUTION SWITCH WITH 4.5V TO 18V INPUT VOLTAGE, 3A OUTPUT CURRENT SYNCHRONOUS BUCK REGULATOR
More results

Similar Description - TPS65282

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65286 TI-TPS65286_15 Datasheet
1Mb / 46P
[Old version datasheet]   TPS65286 Dual Power Distribution Switches With 4.5-V to 28-V Input Voltage, 6-A Output Current Synchronous Buck Regulator
TPS65283 TI1-TPS65283_16 Datasheet
2Mb / 42P
[Old version datasheet]   4.5- to 18-V Input Voltage, Maximum 3.5-A/2.5-A Current, Synchronous Dual Buck Converter With Power Distribution Switch
logo
Vishay Siliconix
SIP12109 VISHAY-SIP12109 Datasheet
317Kb / 17P
   4 A, 4.5 V to 15 V Input Synchronous Buck Regulator
Rev. A, 16-Dec-13
SIP12109 VISHAY-SIP12109_V01 Datasheet
328Kb / 16P
   4 A, 4.5 V to 15 V Input Synchronous Buck Regulator
01-Jan-2022
logo
Texas Instruments
TPS65270 TI-TPS65270_15 Datasheet
2Mb / 27P
[Old version datasheet]   4.5-V TO 18-V INPUT VOLTAGE, 2-A/3-A OUTPUT CURRENT, DUAL SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
TPS65270 TI1-TPS65270 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V TO 18-V INPUT VOLTAGE, 2-A/3-A OUTPUT CURRENT, DUAL SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
TPS65283 TI-TPS65283_15 Datasheet
2Mb / 42P
[Old version datasheet]   TPS65283/-1 4.5- to 18-V Input Voltage, Maximum 3.5-A/2.5-A Current, Synchronous Dual Buck Converter With Power Distribution Switch
logo
Vishay Siliconix
SIP12110 VISHAY-SIP12110 Datasheet
374Kb / 16P
   6 A, 4.5 V to 15 V Input Synchronous Buck Regulator
Rev. A, 15-Sep-14
logo
Texas Instruments
TPS54200 TI1-TPS54200_17 Datasheet
2Mb / 38P
[Old version datasheet]   4.5-V to 28-V Input Voltage, 1.5-A Output Current, Synchronous Buck WLED Driver
logo
Vishay Siliconix
SIC462 VISHAY-SIC462 Datasheet
1Mb / 23P
   4.5 V to 60 V Input, 6 A Synchronous Buck Regulator
Rev. D, 13-Mar-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com